Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29DS163TT-12I Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HY29DS163TT-12I
Description  16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29DS163TT-12I Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HY29DS163TT-12I Datasheet HTML 6Page - Hynix Semiconductor HY29DS163TT-12I Datasheet HTML 7Page - Hynix Semiconductor HY29DS163TT-12I Datasheet HTML 8Page - Hynix Semiconductor HY29DS163TT-12I Datasheet HTML 9Page - Hynix Semiconductor HY29DS163TT-12I Datasheet HTML 10Page - Hynix Semiconductor HY29DS163TT-12I Datasheet HTML 11Page - Hynix Semiconductor HY29DS163TT-12I Datasheet HTML 12Page - Hynix Semiconductor HY29DS163TT-12I Datasheet HTML 13Page - Hynix Semiconductor HY29DS163TT-12I Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
HY29DS162/HY29DS163
r1.3/Apr 01
Table 5. HY29DS16x Normal Bus Operations 1
Notes:
1. L = V
IL, H = VIH, X = Don’t Care (L or H), DOUT = Data Out, DIN = Data In.
See DC Characteristics for voltage levels.
2. Address is A[19:0, -1] in Byte Mode and A[19:0] in Word Mode.
3. DQ[15] is the A[-1] input in Byte Mode (BYTE# = L).
4. If WP#/ACC = V
IL, the two outermost boot sectors remain protected. If WP#/ACC = VIH, the protection state of the two
outermost boot sectors depends on whether they were last protected or unprotected using the method described in
“Sector/Sector Block Protection and Unprotection”. If WP#/ACC = V
HH, all sectors will be unprotected.
n
o
i
t
a
r
e
p
O
#
E
C
#
E
O
#
E
W
#
T
E
S
E
R
C
C
A
/
#
P
W
s
s
e
r
d
d
A
2
]
0
:
7
[
Q
D
]
8
:
5
1
[
Q
D
3
H
=
#
E
T
Y
B
L
=
#
E
T
Y
B
d
a
e
RL
L
H
H
H
/
LA
N
I
D
T
U
O
D
T
U
O
Z
-
h
g
i
H
e
t
i
r
WL
H
L
H
4
e
t
o
NA
N
I
D
N
I
D
N
I
Z
-
h
g
i
H
e
l
b
a
s
i
D
t
u
p
t
u
OL
H
H
H
H
/
LX
Z
-
h
g
i
HZ
-
h
g
i
HZ
-
h
g
i
H
l
a
m
r
o
N
#
E
C
y
b
d
n
a
t
S
HX
X
H
H
X
Z
-
h
g
i
HZ
-
h
g
i
HZ
-
h
g
i
H
y
b
d
n
a
t
S
p
e
e
D
#
E
CV
C
C
V
3
.
0
±X
X
V
C
C
V
3
.
0
±H
X
Z
-
h
g
i
HZ
-
h
g
i
HZ
-
h
g
i
H
t
e
s
e
R
e
r
a
w
d
r
a
H
)
y
b
d
n
a
t
S
l
a
m
r
o
N
(
XX
X
L
H
/
LX
Z
-
h
g
i
HZ
-
h
g
i
HZ
-
h
g
i
H
t
e
s
e
R
e
r
a
w
d
r
a
H
)
y
b
d
n
a
t
S
p
e
e
D
(
XX
X
V
S
S
V
3
.
0
±H
/
LX
Z
-
h
g
i
HZ
-
h
g
i
HZ
-
h
g
i
H
Table 6. HY29DS16x Bus Operations Requiring High Voltage 1, 2
Notes:
1. L = V
IL, H = VIH, X = Don’t Care (L OR H), VID = 10V nominal.
See DC Characteristics for voltage levels.
2. Address bits not specified are Don’t Care.
3. See text and Appendix for additional information.
4. SA = Sector Address, SGA = Sector Group Address. See Tables 1, 2, 7, and 8.
5. DQ[15] is the A[-1] input in Byte Mode (BYTE# = L).
6. Normal read, write and output disable operations are used in this mode. See Table 5.
7. If WP#/ACC = V
IL, the two outermost boot sectors remain protected.
n
o
i
t
a
r
e
p
O
3
#
E
C
#
E
O
#
E
W
#
T
E
S
E
R
]
2
1
:
9
1
[
A
]
9
[
A
]
6
[
A
]
1
[
A
]
0
[
A
]
0
:
7
[
Q
D
]
8
:
5
1
[
Q
D
#
E
T
Y
B
H
=
#
E
T
Y
B
L
=
5
t
c
e
t
o
r
P
p
u
o
r
G
r
o
t
c
e
SL
H
L
V
D
I
A
G
S
4
XL
H
L
D
N
I
XX
t
c
e
t
o
r
p
n
U
r
o
t
c
e
SL
H
L
V
D
I
XX
H
H
L
D
N
I
XX
r
o
t
c
e
S
y
r
a
r
o
p
m
e
T
t
c
e
t
o
r
p
n
U
7
,
6
-
--
--
-V
D
I
-
--
--
--
--
--
--
--
-
e
d
o
C
r
e
r
u
t
c
a
f
u
n
a
ML
L
H
H
X
V
D
I
LLL
D
A
x
0XZ
-
h
g
i
H
e
c
i
v
e
D
e
d
o
C
B
2
6
1
S
D
9
2
Y
H
LL
H
H
X
V
D
I
LL
H
D
6
x
0
2
2
x
0Z
-
h
g
i
H
T
2
6
1
S
D
9
2
Y
H
9
6
x
0
B
3
6
1
S
D
9
2
Y
H
E
6
x
0
T
3
6
1
S
D
9
2
Y
H
A
6
x
0
r
o
t
c
e
S
t
c
e
t
o
r
P
e
t
a
t
S
d
e
t
c
e
t
o
r
p
n
U
LL
H
H
A
S 4
V
D
I
LH
L
0
0
x
0
XZ
-
h
g
i
H
d
e
t
c
e
t
o
r
P
1
0
x
0
e
r
u
c
e
S
r
o
t
c
e
S
r
o
t
a
c
i
d
n
I
t
i
B
y
r
o
t
c
a
F
d
e
k
c
o
L
LL
H
H
X
V
D
I
LH
H
0
8
x
0
XZ
-
h
g
i
H
y
r
o
t
c
a
F
t
o
N
d
e
k
c
o
L
0
0
x
0


Similar Part No. - HY29DS163TT-12I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29DS322 HYNIX-HY29DS322 Datasheet
289Kb / 6P
   32 Megabit (4M x 8/2M x16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS323 HYNIX-HY29DS323 Datasheet
289Kb / 6P
   32 Megabit (4M x 8/2M x16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
More results

Similar Description - HY29DS163TT-12I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29DL162 HYNIX-HY29DL162 Datasheet
548Kb / 48P
   16 Megabit (2M x 8/1M x16) Low Voltage, Dual Bank, Simultaneous Read/Write Flash Memory
HY29DS322 HYNIX-HY29DS322 Datasheet
289Kb / 6P
   32 Megabit (4M x 8/2M x16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
ATMEL Corporation
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com