Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29F400ABT-90 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY29F400ABT-90
Description  4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F400ABT-90 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY29F400ABT-90 Datasheet HTML 1Page - Hynix Semiconductor HY29F400ABT-90 Datasheet HTML 2Page - Hynix Semiconductor HY29F400ABT-90 Datasheet HTML 3Page - Hynix Semiconductor HY29F400ABT-90 Datasheet HTML 4Page - Hynix Semiconductor HY29F400ABT-90 Datasheet HTML 5Page - Hynix Semiconductor HY29F400ABT-90 Datasheet HTML 6Page - Hynix Semiconductor HY29F400ABT-90 Datasheet HTML 7Page - Hynix Semiconductor HY29F400ABT-90 Datasheet HTML 8Page - Hynix Semiconductor HY29F400ABT-90 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
Rev. 1.0/Jan. 02
HY29F400A
SIGNAL DESCRIPTIONS
e
m
a
N
e
p
y
T
n
o
i
t
p
i
r
c
s
e
D
]
0
:
7
1
[
As
t
u
p
n
I
.
h
g
i
H
e
v
i
t
c
a
,
s
s
e
r
d
d
A
4
4
1
,
2
6
2
f
o
e
n
o
t
c
e
l
e
s
s
t
u
p
n
i
8
1
e
s
e
h
t
,
e
d
o
m
d
r
o
W
n
I
e
s
e
h
t
,
e
d
o
m
e
t
y
B
n
I
.
s
n
o
i
t
a
r
e
p
o
e
t
i
r
w
r
o
d
a
e
r
r
o
f
y
a
r
r
a
e
h
t
n
i
h
t
i
w
s
d
r
o
w
)
K
6
5
2
(
8
8
2
,
4
2
5
f
o
e
n
o
t
c
e
l
e
s
o
t
)
B
S
L
(
t
u
p
n
i
1
-
A
/
5
1
Q
D
e
h
t
h
t
i
w
d
e
n
i
b
m
o
c
e
r
a
s
t
u
p
n
i
.
s
n
o
i
t
a
r
e
p
o
e
t
i
r
w
r
o
d
a
e
r
r
o
f
y
a
r
r
a
e
h
t
n
i
h
t
i
w
s
e
t
y
b
)
K
2
1
5
(
,
]
1
-
[
A
/
]
5
1
[
Q
D
]
0
:
4
1
[
Q
D
s
t
u
p
t
u
O
/
s
t
u
p
n
I
e
t
a
t
s
-
i
r
T
h
g
i
H
e
v
i
t
c
a
,
s
u
B
a
t
a
D
h
t
a
p
a
t
a
d
t
i
b
-
6
1
a
e
d
i
v
o
r
p
s
n
i
p
e
s
e
h
t
,
e
d
o
m
d
r
o
W
n
I
.
h
t
a
p
a
t
a
d
t
i
b
-
8
n
a
e
d
i
v
o
r
p
]
0
:
7
[
Q
D
,
e
d
o
m
e
t
y
B
n
I
.
s
n
o
i
t
a
r
e
p
o
e
t
i
r
w
d
n
a
d
a
e
r
r
o
f
]
8
:
4
1
[
Q
D
.
t
u
p
n
i
s
s
e
r
d
d
a
e
t
y
b
t
i
b
-
9
1
e
h
t
f
o
B
S
L
e
h
t
s
a
d
e
s
u
s
i
]
1
-
[
A
/
]
5
1
[
Q
D
d
n
a
.
e
d
o
m
e
t
y
B
n
i
d
e
t
a
t
s
-
i
r
t
n
i
a
m
e
r
d
n
a
d
e
s
u
n
u
e
r
a
#
E
T
Y
Bt
u
p
n
I
.
w
o
L
e
v
i
t
c
a
,
e
d
o
M
e
t
y
B
.
e
c
i
v
e
d
e
h
t
f
o
n
o
i
t
a
r
u
g
i
f
n
o
c
d
r
o
W
/
e
t
y
B
e
h
t
s
l
o
r
t
n
o
C
.
e
d
o
m
d
r
o
W
s
t
c
e
l
e
s
h
g
i
H
,
e
d
o
m
e
t
y
B
s
t
c
e
l
e
s
w
o
L
#
E
Ct
u
p
n
I
.
w
o
L
e
v
i
t
c
a
,
e
l
b
a
n
E
p
i
h
C
r
o
m
o
r
f
a
t
a
d
d
a
e
r
o
t
d
e
t
r
e
s
s
a
e
b
t
s
u
m
t
u
p
n
i
s
i
h
T
e
h
t
d
n
a
d
e
t
a
t
s
-
i
r
t
s
i
s
u
b
a
t
a
d
e
h
t
,
h
g
i
H
n
e
h
W
.
A
0
0
4
F
9
2
Y
H
e
h
t
o
t
a
t
a
d
e
t
i
r
w
.
e
d
o
m
y
b
d
n
a
t
S
e
h
t
n
i
d
e
c
a
l
p
s
i
e
c
i
v
e
d
#
E
Ot
u
p
n
I
w
o
L
e
v
i
t
c
a
,
e
l
b
a
n
E
t
u
p
t
u
O
s
n
o
i
t
a
r
e
p
o
d
a
e
r
r
o
f
d
e
t
r
e
s
s
a
e
b
t
s
u
m
t
u
p
n
i
s
i
h
T
.
d
r
o
w
a
r
o
e
t
y
b
a
r
e
h
t
e
h
w
s
e
n
i
m
r
e
t
e
d
#
E
T
Y
B
.
s
n
o
i
t
a
r
e
p
o
e
t
i
r
w
r
o
f
d
e
t
a
g
e
n
d
n
a
e
r
a
e
c
i
v
e
d
e
h
t
m
o
r
f
s
t
u
p
t
u
o
a
t
a
d
,
h
g
i
H
n
e
h
W
.
n
o
i
t
a
r
e
p
o
d
a
e
r
e
h
t
g
n
i
r
u
d
d
a
e
r
s
i
.
e
t
a
t
s
e
c
n
a
d
e
p
m
i
h
g
i
h
e
h
t
n
i
d
e
c
a
l
p
e
r
a
s
n
i
p
s
u
b
a
t
a
d
e
h
t
d
n
a
d
e
l
b
a
s
i
d
#
E
Wt
u
p
n
I
.
w
o
L
e
v
i
t
c
a
,
e
l
b
a
n
E
e
t
i
r
W
d
n
a
m
m
o
c
r
o
s
d
n
a
m
m
o
c
f
o
g
n
i
t
i
r
w
s
l
o
r
t
n
o
C
A
.
y
a
r
r
a
y
r
o
m
e
m
e
h
t
f
o
s
r
o
t
c
e
s
e
s
a
r
e
r
o
a
t
a
d
m
a
r
g
o
r
p
o
t
r
e
d
r
o
n
i
s
e
c
n
e
u
q
e
s
#
E
O
d
n
a
w
o
L
s
i
#
E
C
e
l
i
h
w
d
e
t
r
e
s
s
a
s
i
#
E
W
n
e
h
w
e
c
a
l
p
s
e
k
a
t
n
o
i
t
a
r
e
p
o
e
t
i
r
w
e
t
i
r
w
e
h
t
g
n
i
r
u
d
n
e
t
t
i
r
w
s
i
d
r
o
w
a
r
o
e
t
y
b
a
r
e
h
t
e
h
w
s
e
n
i
m
r
e
t
e
d
#
E
T
Y
B
.
h
g
i
H
s
i
.
n
o
i
t
a
r
e
p
o
#
T
E
S
E
Rt
u
p
n
I
.
w
o
L
e
v
i
t
c
a
,
t
e
s
e
R
e
r
a
w
d
r
a
H
e
h
t
g
n
i
t
t
e
s
e
r
f
o
d
o
h
t
e
m
e
r
a
w
d
r
a
h
a
s
e
d
i
v
o
r
P
y
l
e
t
a
i
d
e
m
m
i
t
i
,
t
e
s
e
r
s
i
e
c
i
v
e
d
e
h
t
n
e
h
W
.
e
t
a
t
s
y
a
r
r
a
d
a
e
r
e
h
t
o
t
A
0
0
4
F
9
2
Y
H
e
t
i
r
w
/
d
a
e
r
ll
a
d
n
a
d
e
t
a
t
s
-
i
r
t
s
i
s
u
b
a
t
a
d
e
h
T
.
s
s
e
r
g
o
r
p
n
i
n
o
i
t
a
r
e
p
o
y
n
a
s
e
t
a
n
i
m
r
e
t
,
d
e
t
r
e
s
s
a
s
i
#
T
E
S
E
R
e
l
i
h
W
.
d
e
t
r
e
s
s
a
s
i
t
u
p
n
i
e
h
t
e
l
i
h
w
d
e
r
o
n
g
i
e
r
a
s
d
n
a
m
m
o
c
.
e
d
o
m
y
b
d
n
a
t
S
e
h
t
n
i
e
b
ll
i
w
e
c
i
v
e
d
e
h
t
#
Y
B
/
Y
R
t
u
p
t
u
O
n
i
a
r
D
n
e
p
O
.
s
u
t
a
t
S
y
s
u
B
/
y
d
a
e
R
n
i
s
i
d
n
a
m
m
o
c
e
s
a
r
e
r
o
e
t
i
r
w
a
r
e
h
t
e
h
w
s
e
t
a
c
i
d
n
I
e
h
t
f
o
e
g
d
e
g
n
i
s
i
r
e
h
t
r
e
t
f
a
d
il
a
v
s
i
#
Y
B
/
Y
R
.
d
e
t
e
l
p
m
o
c
n
e
e
b
s
a
h
r
o
s
s
e
r
g
o
r
p
s
i
e
c
i
v
e
d
e
h
t
e
l
i
h
w
w
o
L
s
n
i
a
m
e
r
t
I
.
e
c
n
e
u
q
e
s
d
n
a
m
m
o
c
a
f
o
e
s
l
u
p
#
E
W
l
a
n
i
f
d
a
e
r
o
t
y
d
a
e
r
s
i
t
i
n
e
h
w
h
g
i
H
s
e
o
g
d
n
a
,
g
n
i
s
a
r
e
r
o
a
t
a
d
g
n
i
m
m
a
r
g
o
r
p
y
l
e
v
i
t
c
a
.
a
t
a
d
y
a
r
r
a
V
C
C
-
-
.
y
l
p
p
u
s
r
e
w
o
p
)
l
a
n
i
m
o
n
(
t
l
o
v
-
5
V
S
S
-
-
.
d
n
u
o
r
g
l
a
n
g
i
s
d
n
a
r
e
w
o
P


Similar Part No. - HY29F400ABT-90

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400 HYNIX-HY29F400 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG45 HYNIX-HY29F400BG45 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG55 HYNIX-HY29F400BG55 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG70 HYNIX-HY29F400BG70 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG90 HYNIX-HY29F400BG90 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
More results

Similar Description - HY29F400ABT-90

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400 HYNIX-HY29F400 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29F800A HYNIX-HY29F800A Datasheet
263Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com