Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29F800ATG-70I Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HY29F800ATG-70I
Description  8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F800ATG-70I Datasheet(HTML) 5 Page - Hynix Semiconductor

  HY29F800ATG-70I Datasheet HTML 1Page - Hynix Semiconductor HY29F800ATG-70I Datasheet HTML 2Page - Hynix Semiconductor HY29F800ATG-70I Datasheet HTML 3Page - Hynix Semiconductor HY29F800ATG-70I Datasheet HTML 4Page - Hynix Semiconductor HY29F800ATG-70I Datasheet HTML 5Page - Hynix Semiconductor HY29F800ATG-70I Datasheet HTML 6Page - Hynix Semiconductor HY29F800ATG-70I Datasheet HTML 7Page - Hynix Semiconductor HY29F800ATG-70I Datasheet HTML 8Page - Hynix Semiconductor HY29F800ATG-70I Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
Rev. 1.1/Feb 02
HY29F800A
Table 1. HY29F800A Memory Array Organization
Notes:
1. X indicates Don’t Care.
2. Address in Byte Mode is A[18:-1].
3. Address in Word Mode is A[18:0].
e
c
i
v
e
D
r
o
t
c
e
S
e
z
i
S
)
W
K
/
B
K
(
s
s
e
r
d
d
A
r
o
t
c
e
S
1
e
d
o
M
e
t
y
B
e
g
n
a
R
s
s
e
r
d
d
A
2
e
d
o
M
d
r
o
W
e
g
n
a
R
s
s
e
r
d
d
A
3
]
8
1
[
A
]
7
1
[
A
]
6
1
[
A
]
5
1
[
A
]
4
1
[
A
]
3
1
[
A
]
2
1
[
A
0
S2
3
/
4
6
0000
X
X
X
F
F
F
F
0
x
0
-
0
0
0
0
0
x
0F
F
F
7
0
x
0
-
0
0
0
0
0
x
0
1
S2
3
/
4
6
000
1
X
X
X
F
F
F
F
1
x
0
-
0
0
0
0
1
x
0F
F
F
F
0
x
0
-
0
0
0
8
0
x
0
2
S2
3
/
4
6
0
0
1
0
XXX
F
F
F
F
2
x
0
-
0
0
0
0
2
x
0F
F
F
7
1
x
0
-
0
0
0
0
1
x
0
3
S2
3
/
4
6
0
0
1
1
XXX
F
F
F
F
3
x
0
-
0
0
0
0
3
x
0F
F
F
F
1
x
0
-
0
0
0
8
1
x
0
4
S2
3
/
4
6
0
10
0X
X
X
F
F
F
F
4
x
0
-
0
0
0
0
4
x
0F
F
F
7
2
x
0
-
0
0
0
0
2
x
0
5
S2
3
/
4
6
0
1
0
1
XXX
F
F
F
F
5
x
0
-
0
0
0
0
5
x
0F
F
F
F
2
x
0
-
0
0
0
8
2
x
0
6
S2
3
/
4
6
0
1
1
0
XXX
F
F
F
F
6
x
0
-
0
0
0
0
6
x
0F
F
F
7
3
x
0
-
0
0
0
0
3
x
0
7
S2
3
/
4
6
0
111
X
X
X
F
F
F
F
7
x
0
-
0
0
0
0
7
x
0F
F
F
F
3
x
0
-
0
0
0
8
3
x
0
8
S2
3
/
4
6
1
000
X
X
X
F
F
F
F
8
x
0
-
0
0
0
0
8
x
0F
F
F
7
4
x
0
-
0
0
0
0
4
x
0
9
S2
3
/
4
6
1
0
0
1
XXX
F
F
F
F
9
x
0
-
0
0
0
0
9
x
0F
F
F
F
4
x
0
-
0
0
0
8
4
x
0
0
1
S2
3
/
4
6
1
0
1
0
XXX
F
F
F
F
A
x
0
-
0
0
0
0
A
x
0F
F
F
7
5
x
0
-
0
0
0
0
5
x
0
1
1
S2
3
/
4
6
1
0
1
1
XXX
F
F
F
F
B
x
0
-
0
0
0
0
B
x
0F
F
F
F
5
x
0
-
0
0
0
8
5
x
0
2
1
S2
3
/
4
6
1
10
0X
X
X
F
F
F
F
C
x
0
-
0
0
0
0
C
x
0F
F
F
7
6
x
0
-
0
0
0
0
6
x
0
3
1
S2
3
/
4
6
1
1
0
1
XXX
F
F
F
F
D
x
0
-
0
0
0
0
D
x
0F
F
F
F
6
x
0
-
0
0
0
8
6
x
0
4
1
S2
3
/
4
6
1
1
1
0
XXX
F
F
F
F
E
x
0
-
0
0
0
0
E
x
0F
F
F
7
7
x
0
-
0
0
0
0
7
x
0
5
1
S6
1
/
2
3
1111
0
X
X
F
F
F
7
F
x
0
-
0
0
0
0
F
x
0F
F
F
B
7
x
0
-
0
0
0
8
7
x
0
6
1
S4
/
8
11111
00
F
F
F
9
F
x
0
-
0
0
0
8
F
x
0F
F
F
C
7
x
0
-
0
0
0
C
7
x
0
7
1
S4
/
8
11111
0
1
F
F
F
B
F
x
0
-
0
0
0
A
F
x
0F
F
F
D
7
x
0
-
0
0
0
D
7
x
0
8
1
S8
/
6
1
111111
X
F
F
F
F
F
x
0
-
0
0
0
C
F
x
0F
F
F
F
7
x
0
-
0
0
0
E
7
x
0
0
S8
/
6
1
000000
X
F
F
F
3
0
x
0
-
0
0
0
0
0
x
0F
F
F
1
0
x
0
-
0
0
0
0
0
x
0
1
S4
/
8
00000
1
0
F
F
F
5
0
x
0
-
0
0
0
4
0
x
0F
F
F
2
0
x
0
-
0
0
0
2
0
x
0
2
S4
/
8
00000
11
F
F
F
7
0
x
0
-
0
0
0
6
0
x
0F
F
F
3
0
x
0
-
0
0
0
3
0
x
0
3
S6
1
/
2
3
0000
1
X
X
F
F
F
F
0
x
0
-
0
0
0
8
0
x
0F
F
F
7
0
x
0
-
0
0
0
4
0
x
0
4
S2
3
/
4
6
000
1
X
X
X
F
F
F
F
1
x
0
-
0
0
0
0
1
x
0F
F
F
F
0
x
0
-
0
0
0
8
0
x
0
5
S2
3
/
4
6
0
0
1
0
XXX
F
F
F
F
2
x
0
-
0
0
0
0
2
x
0F
F
F
7
1
x
0
-
0
0
0
0
1
x
0
6
S2
3
/
4
6
0
0
1
1
XXX
F
F
F
F
3
x
0
-
0
0
0
0
3
x
0F
F
F
F
1
x
0
-
0
0
0
8
1
x
0
7
S2
3
/
4
6
0
10
0X
X
X
F
F
F
F
4
x
0
-
0
0
0
0
4
x
0F
F
F
7
2
x
0
-
0
0
0
0
2
x
0
8
S2
3
/
4
6
0
1
0
1
XXX
F
F
F
F
5
x
0
-
0
0
0
0
5
x
0F
F
F
F
2
x
0
-
0
0
0
8
2
x
0
9
S2
3
/
4
6
0
1
1
0
XXX
F
F
F
F
6
x
0
-
0
0
0
0
6
x
0F
F
F
7
3
x
0
-
0
0
0
0
3
x
0
0
1
S2
3
/
4
6
0
111
X
X
X
F
F
F
F
7
x
0
-
0
0
0
0
7
x
0F
F
F
F
3
x
0
-
0
0
0
8
3
x
0
1
1
S2
3
/
4
6
1
000
X
X
X
F
F
F
F
8
x
0
-
0
0
0
0
8
x
0F
F
F
7
4
x
0
-
0
0
0
0
4
x
0
2
1
S2
3
/
4
6
1
0
0
1
XXX
F
F
F
F
9
x
0
-
0
0
0
0
9
x
0F
F
F
F
4
x
0
-
0
0
0
8
4
x
0
3
1
S2
3
/
4
6
1
0
1
0
XXX
F
F
F
F
A
x
0
-
0
0
0
0
A
x
0F
F
F
7
5
x
0
-
0
0
0
0
5
x
0
4
1
S2
3
/
4
6
1
0
1
1
XXX
F
F
F
F
B
x
0
-
0
0
0
0
B
x
0F
F
F
F
5
x
0
-
0
0
0
8
5
x
0
5
1
S2
3
/
4
6
1
10
0X
X
X
F
F
F
F
C
x
0
-
0
0
0
0
C
x
0F
F
F
7
6
x
0
-
0
0
0
0
6
x
0
6
1
S2
3
/
4
6
1
1
0
1
XXX
F
F
F
F
D
x
0
-
0
0
0
0
D
x
0F
F
F
F
6
x
0
-
0
0
0
8
6
x
0
7
1
S2
3
/
4
6
1
1
1
0
XXX
F
F
F
F
E
x
0
-
0
0
0
0
E
x
0F
F
F
7
7
x
0
-
0
0
0
0
7
x
0
8
1
S2
3
/
4
6
1111
X
X
X
F
F
F
F
F
x
0
-
0
0
0
0
F
x
0F
F
F
F
7
x
0
-
0
0
0
8
7
x
0


Similar Part No. - HY29F800ATG-70I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
More results

Similar Description - HY29F800ATG-70I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49SV802A ATMEL-AT49SV802A Datasheet
417Kb / 31P
   8-megabit 1.8-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com