Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29F800ATR-70I Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY29F800ATR-70I
Description  8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F800ATR-70I Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY29F800ATR-70I Datasheet HTML 7Page - Hynix Semiconductor HY29F800ATR-70I Datasheet HTML 8Page - Hynix Semiconductor HY29F800ATR-70I Datasheet HTML 9Page - Hynix Semiconductor HY29F800ATR-70I Datasheet HTML 10Page - Hynix Semiconductor HY29F800ATR-70I Datasheet HTML 11Page - Hynix Semiconductor HY29F800ATR-70I Datasheet HTML 12Page - Hynix Semiconductor HY29F800ATR-70I Datasheet HTML 13Page - Hynix Semiconductor HY29F800ATR-70I Datasheet HTML 14Page - Hynix Semiconductor HY29F800ATR-70I Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Table 5. HY29F800A Command Sequences
Legend:
X = Don’t Care
PA = Address of the data to be programmed
RA = Memory address of data to be read
PD = Data to be programmed at address PA
RD = Data read from location RA during the read operation
SA = Sector address of sector to be erased or verified (see Note 3 and Table 1).
STATUS = Sector protect status: 0x00 = unprotected, 0x01 = protected.
Notes:
1. All values are in hexadecimal. DQ[15:8] are don’t care for unlock and command cycles.
2. All bus cycles are write operations unless otherwise noted.
3. Address is A[10:0] in Word mode and A[10:-1] in Byte mode. A[18:11] are don’t care except as follows:
For RA and PA, A[18:11] are the upper address bits of the byte to be read or programmed.
For the sixth cycle of Sector Erase, SA = A[18:12] are the sector address of the sector to be erased.
For the fourth cycle of Sector Protect Verify, SA = A[18:12] are the sector address of the sector to be verified.
4. The Erase Suspend command is valid only during a sector erase operation. The system may read and program in non-erasing sectors, or enter the Electronic
ID mode, while in the Erase Suspend mode.
5. The Erase Resume command is valid only during the Erase Suspend mode.
6. The second bus cycle is a read cycle.
7. The fourth bus cycle is a read cycle.
8. Either command sequence is valid. The command is required only to return to the Read mode when the device is in the Electronic ID command mode or if
DQ[5] goes High during a program or erase operation. It is not required for normal read operations.
s
e
l
c
y
C
s
u
B
3
,
2
,
1
e
c
n
e
u
q
e
S
d
n
a
m
m
o
C
e
t
i
r
W
s
e
l
c
y
C
t
s
r
i
F
d
n
o
c
e
S
d
r
i
h
T
h
t
r
u
o
F
h
t
f
i
F
h
t
x
i
S
d
d
A
a
t
a
D
d
d
A
a
t
a
D
d
d
A
a
t
a
D
d
d
A
a
t
a
D
d
d
A
a
t
a
D
d
d
A
a
t
a
D
1
t
e
s
e
R
/
d
a
e
R
8
,
6
1X
X
X0
FA
RD
R
2
t
e
s
e
R
/
t
e
s
e
R
8
,
7
d
r
o
W
3
5
5
5
A
A
A
A
2
5
5
5
5
5
0
FA
RD
R
e
t
y
BA
A
A5
5
5A
A
A
m
a
r
g
o
r
P
d
r
o
W
4
5
5
5
A
A
A
A
2
5
5
5
5
5
0
AA
PD
P
e
t
y
BA
A
A5
5
5A
A
A
e
s
a
r
E
p
i
h
C
d
r
o
W
6
5
5
5
A
A
A
A
2
5
5
5
5
5
0
8
5
5
5
A
A
A
A
2
5
5
5
5
5
0
1
e
t
y
BA
A
A5
5
5A
A
AA
A
A5
5
5A
A
A
e
s
a
r
E
r
o
t
c
e
S
d
r
o
W
6
5
5
5
A
A
A
A
2
5
5
5
5
5
0
8
5
5
5
A
A
A
A
2
5
5A
S0
3
e
t
y
BA
A
A5
5
5A
A
AA
A
A5
5
5
d
n
e
p
s
u
S
e
s
a
r
E
4
1X
X
X0
B
e
m
u
s
e
R
e
s
a
r
E
5
1X
X
X0
3
e
d
o
C
r
e
r
u
t
c
a
f
u
n
a
M
d
r
o
W
3
5
5
5
A
A
A
A
2
5
5
5
5
5
0
90
0
XD
A
e
t
y
BA
A
A5
5
5A
A
A
e
d
o
C
e
c
i
v
e
D
d
r
o
W
3
5
5
5
A
A
A
A
2
5
5
5
5
5
0
9
1
0
X)
t
o
o
B
m
o
t
t
o
B
(
8
5
2
2
,
)
t
o
o
B
p
o
T
(
6
D
2
2
e
t
y
BA
A
A5
5
5A
A
A2
0
X)
t
o
o
B
m
o
t
t
o
B
(
8
5
,
)
t
o
o
B
p
o
T
(
6
D
y
f
i
r
e
V
t
c
e
t
o
r
P
r
o
t
c
e
S
d
r
o
W
3
5
5
5
A
A
A
A
2
5
5
5
5
5
0
9
2
0
X
)
A
S
(
S
U
T
A
T
S
e
t
y
BA
A
A5
5
5A
A
A
4
0
X
)
A
S
(


Similar Part No. - HY29F800ATR-70I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
More results

Similar Description - HY29F800ATR-70I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49SV802A ATMEL-AT49SV802A Datasheet
417Kb / 31P
   8-megabit 1.8-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com