Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFT92W Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BFT92W
Description  PNP 4 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFT92W Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BFT92W Datasheet HTML 4Page - NXP Semiconductors BFT92W Datasheet HTML 5Page - NXP Semiconductors BFT92W Datasheet HTML 6Page - NXP Semiconductors BFT92W Datasheet HTML 7Page - NXP Semiconductors BFT92W Datasheet HTML 8Page - NXP Semiconductors BFT92W Datasheet HTML 9Page - NXP Semiconductors BFT92W Datasheet HTML 10Page - NXP Semiconductors BFT92W Datasheet HTML 11Page - NXP Semiconductors BFT92W Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
May 1994
8
Philips Semiconductors
Product specification
PNP 4 GHz wideband transistor
BFT92W
Fig.14 Minimum noise figure as a function of
collector current, typical values.
VCE = −10 V.
handbook, halfpage
2
4
2
0
10
MLB552
10
1
6
F
(dB)
I
(mA)
C
1 GHz
500 MHz
Fig.15 Minimum noise figure as a function of
frequency, typical values.
VCE = −10 V.
handbook, halfpage
4
2
0
MLB553
6
F
(dB)
f (MHz)
10 4
10 3
10 2
I
=
15 mA
10 mA
5 mA
2 mA
C


Similar Part No. - BFT92W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
logo
NXP Semiconductors
BFT92W NXP-BFT92W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFT92W PHILIPS-BFT92W_15 Datasheet
371Kb / 14P
   PNP 4 GHz wideband transistor
May 1994
More results

Similar Description - BFT92W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT93W PHILIPS-BFT93W Datasheet
127Kb / 24P
   PNP 4 GHz wideband transistor
March 1994
BFT92W PHILIPS-BFT92W_15 Datasheet
371Kb / 14P
   PNP 4 GHz wideband transistor
May 1994
BFT93W PHILIPS-BFT93W_15 Datasheet
1Mb / 22P
   PNP 4 GHz wideband transistor
March 1994
BFT93 PHILIPS-BFT93 Datasheet
48Kb / 8P
   PNP 5 GHz wideband transistor
November 1992
BFQ149 NXP-BFQ149 Datasheet
227Kb / 7P
   PNP 5 GHz wideband transistor
Rev. 03-28 September 2007
BFG31 PHILIPS-BFG31 Datasheet
49Kb / 7P
   PNP 5 GHz wideband transistor
1995 Sep 12
BFQ149_N PHILIPS-BFQ149_N_15 Datasheet
233Kb / 7P
   PNP 5 GHz wideband transistor
Rev. 03-28 September 2007
BFQ149 PHILIPS-BFQ149 Datasheet
37Kb / 6P
   PNP 5 GHz wideband transistor
September 1995
BFT93_CNV PHILIPS-BFT93_CNV_15 Datasheet
209Kb / 10P
   PNP 5 GHz wideband transistor
November 1992
BFT92 PHILIPS-BFT92 Datasheet
47Kb / 8P
   PNP 5 GHz wideband transistor
November 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com