Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K11041-M Datasheet(PDF) 1 Page - MTRONPTI

Part # K11041-M
Description  5V Clock Driver For 32-Bit Micro-processors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

K11041-M Datasheet(HTML) 1 Page - MTRONPTI

  K11041-M Datasheet HTML 1Page - MTRONPTI K11041-M Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
40MHz to 70MHz Frequency Range
!
TTL Compatible Waveform
!
Load Capacity of 50pF
!
Rise Time of 1.7ns Max., Fall Time of 1.6ns Max. for
Meeting Tight Electrical Specifications of the High
Speed Motorola MC68030 and MC68040
! Tri-State Output
!
“M” Models Operate -40oC to 85oC
!
Replaces Model K11040T
2553 N. Edgington Street, Franklin Park, IL 60131 " Phone: 847.451.1000 " Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
MODEL
K11041
Frequency Range (MHz)
Discrete Frequencies to 140MHz
Frequency Stability (ppm)
Overall
Inclusive of calibration, temperature,
voltage, load, shock,vibration, aging
0°C to 70°C
±100
Temperature Range (°C)
Operating
0°C to +70°C
Storage
-55°C to +125°C
Supply Voltage (V)
+5.0 ±5%
Supply Current (mA)
50 (CL = 50pF)
Symmetry (%)
45/55 @ Vm
ELECTRICAL SPECIFICATIONS
PART NUMBERING GUIDE
K11041X - Specify Frequency
“Blank” = 0oC to 70oC Operating Temperature
“M” = -40oC to 85oC Operating Temperature
K11041 Series
5V Clock Driver For 32-Bit Micro-processors
K11041
55.000
MHZ
CTI DA
TE CODE
6,22
mm
Max.
20,8
mm
Max.
13,2
mm
Max.
PIN 1
“0” Level (VOL)
0.4V min. @ IOL = +24mA
Output TTL
“1” Level (VOH)
2.5V min. @ IOH = -24mA
Start Up Time (ms)
Phase Jitter (ps)
< 100
< 20
K11041 Capabilities
The Champion Technologies K11041
Data Clock Oscillator is designed specif-
ically to drive the Motorola MC68030
and MC68040 families of 32-bit micro-
processors. This device also provides
precise timing for 486 and Pentium®
processors. Meeting these stringent
requirements also makes the K11041
ideal for other applications requiring
tightly controlled duty cycle or very fast
rise and fall times.
Popular frequencies of the K11041
Series Clocks are 40.000 MHz, 60.000
MHz and 66.667 MHz. Other frequen-
cies available.
Pentium® is a registered trademark of Intel Corp.
OBSOLETE


Similar Part No. - K11041-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K1104-K62 ETC2-K1104-K62 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
logo
TOKO, Inc
K11044 TOKO-K11044 Datasheet
37Kb / 5P
   TEMPERATURE SENSOR IC
K11044-44C TOKO-K11044-44C Datasheet
37Kb / 5P
   TEMPERATURE SENSOR IC
K11044TL TOKO-K11044TL Datasheet
37Kb / 5P
   TEMPERATURE SENSOR IC
More results

Similar Description - K11041-M

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8284A INTEL-8284A Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
logo
Siemens Semiconductor G...
SAB8284B SIEMENS-SAB8284B Datasheet
247Kb / 14P
   CLOCK GENERATOR AND DRIVER FOR SAB8086 FAMILY PROCESSORS
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
   Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N010 RENESAS-8V41N010 Datasheet
897Kb / 27P
   Clock Generator for Cavium Processors
06/30/15
ICS8430S10I RENESAS-ICS8430S10I Datasheet
1Mb / 30P
   Clock Generator for Cavium Processors
2011
logo
Integrated Device Techn...
8V41N010I IDT-8V41N010I Datasheet
533Kb / 26P
   Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N012A RENESAS-8V41N012A Datasheet
1Mb / 35P
   Clock Generator for Cavium Processors
October 11, 2019
logo
Integrated Device Techn...
ICS840S06I IDT-ICS840S06I Datasheet
749Kb / 20P
   CLOCK GENERATOR FOR CAVIUM PROCESSORS
logo
Renesas Technology Corp
8413S06 RENESAS-8413S06 Datasheet
1Mb / 31P
   Clock Generator for Cavium Processors
REVISION C 03/06/15
8430S10I-02 RENESAS-8430S10I-02 Datasheet
840Kb / 32P
   Clock Generator for Cavium Processors
October 4, 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com