Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG160128B Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BG160128B
Description  SMT PCB with metal frame
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BG160128B Datasheet(HTML) 1 Page - Bolymin, Inc

  BG160128B Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BG160128B
Feature
Mechanical Data
Item
Module Dimension
Viewing Area
Dot Size
Dot Pitch
Standard Value Unit
mm
mm
mm
mm
129.0 x 102.0
101.0 x 82.0
0.54 x 0.54
0.58 x 0.58
Dimension
BO LYM IN
1. SMT PCB with metal frame
2. Built-in controller T6963C
3. +5V single power supply
4. 1/128 duty cycle
5. Option: CCFL back light , LED back light
6. Option: negative voltage
Input Voltage
Supply Current
LCD Driving
Voltage
LED Forward
Voltage
LED Forward
Current
Vdd
Idd
Vdd-Vo
Vf
If
Vdd = +5V
Vdd = +5V
25 C
5.0
4.5
19.1
4.2
650
V
mA
V
V
mA
Typical
Value
Electronic Characteristics
o
25 C
o
25 C
o
Item
Symbol Condition
Unit
Pin Assignment
Pin
Symbol
Function
1
2
3
4
5
6
7
Frame ground
Logic power supply(GND)
Logic power supply (+5V)
Contrast Adjustment
Negative voltage output -23V
Data write
FGND
Vss
Vdd
Vadj
Vee
/WR
/RD
8
9
Command/Data read/write
/CE
C/D
10
11
Clock halt signal
Reset LCD module signal
/HALT
/RST
Data read
Chip enable
12~19
Data bus line
DB0~7
20
No connection
NC
CCFL Forward
Voltage
CCFL Forward
Current
Vf
If
256
5.0
VAC
mA
25 C
o
25 C
o
57.0
118.0
129.0 0.5
101.0(VA)
92.76(AA
A
A )
57.5
4-Ø3.5
3.5
3.5
54
.5
2
2
1
1
.6
140.0
100.0
CCFL B/L
±
0.58
0.54
DOT SIZ
SCALE 1


Similar Part No. - BG160128B

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BG160128B BOLYMIN-BG160128B_17 Datasheet
594Kb / 1P
   COB with Metal Frame
More results

Similar Description - BG160128B

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BG320240D BOLYMIN-BG320240D Datasheet
505Kb / 1P
   SMT PCB with metal frame
BG160128A BOLYMIN-BG160128A Datasheet
72Kb / 1P
   SMT PCB with metal frame
BG16080E BOLYMIN-BG16080E Datasheet
610Kb / 1P
   SMT PCB with metal frame
BG128128B BOLYMIN-BG128128B Datasheet
123Kb / 1P
   SMT PCB with metal frame
BG160112A BOLYMIN-BG160112A Datasheet
487Kb / 1P
   SMT PCB with metal frame
BG192192A BOLYMIN-BG192192A Datasheet
869Kb / 1P
   SMT PCB with metal frame
BG160160C BOLYMIN-BG160160C Datasheet
82Kb / 1P
   SMT PCB with metal frame
BG12832C BOLYMIN-BG12832C Datasheet
1,013Kb / 1P
   SMT PCB with metal frame
BG16080G BOLYMIN-BG16080G Datasheet
567Kb / 1P
   SMT with metal frame
BG320240G BOLYMIN-BG320240G Datasheet
543Kb / 1P
   SMT with metal frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com