Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D99-6F5E2P1B3M0 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # D99-6F5E2P1B3M0
Description  RUGGEDIZED 5.6 DISPLAY HEAD ASSEMBLY w/ BACKLIGHT (320 x 234)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

D99-6F5E2P1B3M0 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  D99-6F5E2P1B3M0 Datasheet HTML 1Page - White Electronic Designs Corporation D99-6F5E2P1B3M0 Datasheet HTML 2Page - White Electronic Designs Corporation D99-6F5E2P1B3M0 Datasheet HTML 3Page - White Electronic Designs Corporation D99-6F5E2P1B3M0 Datasheet HTML 4Page - White Electronic Designs Corporation D99-6F5E2P1B3M0 Datasheet HTML 5Page - White Electronic Designs Corporation D99-6F5E2P1B3M0 Datasheet HTML 6Page - White Electronic Designs Corporation D99-6F5E2P1B3M0 Datasheet HTML 7Page - White Electronic Designs Corporation D99-6F5E2P1B3M0 Datasheet HTML 8Page - White Electronic Designs Corporation D99-6F5E2P1B3M0 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
D99-6F5E2P1B3M0
Original specifications created by Sharp.
5
Display Systems Division • Hillsboro, OR • (503) 690-2460 • www.wedc.com
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
August 2003
Rev. 0
White Electronic Designs
Display Systems Division
VIDEO INTERFACE SPECIFICATIONS
FEATURES
Dual Mode NTSC (M) and PAL F Timing for RGB
Video and NTSC Timing for Composite Video
Supports Two Sets of Analog RGB Video Signals
NTSC Composite or S-Video Signals
Display Resolution 320 x 234 (NTSC) and 320 x
273 (PAL)
Scan Reversal
External Clock Mode
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VSH to
GND)
+15V
Supply Voltage (VSL to
GND)
-15V
Analog Input (VA)
-0.3 to +2.0V
Digital Input (VD)
-0.3 to VS to +0.3V
Power Consumption
(w/panel)
+12 @ 0.160 mA (max)
-12 @ 0.050 mA (max)
Power Dissipation
3.0 Watt (max)
POWER INPUT SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Units
Positive Input Voltage
VS
10.5
12.0
13.0
VDC
Negative Input Voltage
VSL
-8.0
-12.0
-13.0
VDC
Analog Input Voltage
VAH
0.7
0.74
1.0
Vp-p
Digital Input Voltage (High)
VDH
3.7
--
5.1
VDC
Digital Input Voltage (Low)
VDL
0
--
1.0
VDC
PHYSICAL SPECIFICATIONS
0.275"
4.6"
0.062"
1.6"


Similar Part No. - D99-6F5E2P1B3M0

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
D99-516E2P2B2M1 WEDC-D99-516E2P2B2M1 Datasheet
322Kb / 10P
   Ruggedized 5.0 Display Head Assembly with Backlight
More results

Similar Description - D99-6F5E2P1B3M0

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
D99-516E2P2B2M1 WEDC-D99-516E2P2B2M1 Datasheet
322Kb / 10P
   Ruggedized 5.0 Display Head Assembly with Backlight
logo
Hantronix,Inc
HDM3224TS-1 HANTRONIX-HDM3224TS-1 Datasheet
35Kb / 1P
   320 X 240 Dots Graphic CCFL Backlight w/ Touch Screen
HDM3224TS-2 HANTRONIX-HDM3224TS-2 Datasheet
35Kb / 1P
   320 X 240 Dots Graphic CCFL Backlight w/Touch Screen
HDM3224ATS-1 HANTRONIX-HDM3224ATS-1 Datasheet
31Kb / 1P
   320 X 240 Dots Graphic CCFL Backlight w/ Analog Touch Screen
HDM3224C-S HANTRONIX-HDM3224C-S Datasheet
30Kb / 1P
   320 X 240 Dots Color Graphic Small Size w/CCFL Backlight
HDM3224TSC-S-L HANTRONIX-HDM3224TSC-S-L Datasheet
34Kb / 1P
   320 X 240 Dots Color Graphics, Landscape, Small Size w/CCFL Backlight
HDM3224-2 HANTRONIX-HDM3224-2 Datasheet
31Kb / 1P
   320 X 240 Dots Graphic CCFL Backlight
HDM3224-5-N30S HANTRONIX-HDM3224-5-N30S Datasheet
28Kb / 2P
   320 X 240 Dots Graphics LED Backlight
HDM3224-1 HANTRONIX-HDM3224-1 Datasheet
29Kb / 1P
   320 X 240 Dots Graphic CCFL Backlight
HDM3224-2 HANTRONIX-HDM3224-2_15 Datasheet
52Kb / 2P
   320 X 240 Dots Graphic CCFL Backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com