Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E125S1D3AV2BE Datasheet(PDF) 7 Page - ITT Industries

Part # E125S1D3AV2BE
Description  Sealed Snap-acting Momentary Pushbutton Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E125S1D3AV2BE Datasheet(HTML) 7 Page - ITT Industries

  E125S1D3AV2BE Datasheet HTML 1Page - ITT Industries E125S1D3AV2BE Datasheet HTML 2Page - ITT Industries E125S1D3AV2BE Datasheet HTML 3Page - ITT Industries E125S1D3AV2BE Datasheet HTML 4Page - ITT Industries E125S1D3AV2BE Datasheet HTML 5Page - ITT Industries E125S1D3AV2BE Datasheet HTML 6Page - ITT Industries E125S1D3AV2BE Datasheet HTML 7Page - ITT Industries E125S1D3AV2BE Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
A–25
C&K E020 Series
Sealed Snap-acting Momentary Pushbutton Switches
AVAILABLE HARDWARE
TYPICAL APPLICATION
Cap
PART NO.
708901000
WHITE
708902000
BLACK
708903000
RED
Material: Nylon
Finish: Gloss
Cap, Snap-fitting plunger
PART NO.
894001000
WHITE
894002000
BLACK
894003000
RED
Material: Nylon
Finish: Gloss
Cap, Snap-fitting plunger
PART NO.
894101000
WHITE
894102000
BLACK
894103000
RED
Material: Nylon
Finish: Gloss
Cap
PART NO.
484601000
WHITE
484602000
BLACK
484603000
RED
Material: Nylon
Finish: Gloss
PART NO.
798201000
WHITE
798202263
BLACK
798203000
RED
Material: Nylon
Finish: Matte
Cap
PART NO.
752701000
WHITE
752702000
BLACK
752703000
RED
Material: Nylon
Finish: Gloss
Cap
PART NO.
801801000
WHITE
801802000
BLACK
801803000
RED
Material: Nylon
Finish: Gloss
.047" (1,19) PANEL THK.
PART NO.
432501000
432502263
432503000
.062" (1,57) PANEL THK.
PART NO.
432601000
432602263
432603000
.090" (2,29) PANEL THK.
PART NO.
432701000
432702263
432703000
.125" (3,18) PANEL THK.
PART NO.
432801000
WHITE
432802263
BLACK
432803000
RED
NOTE: Other cap colors available, consult Customer Service Center.
Frames snap into panel opening and are independent from switch mounting. Accurate positioning of the PC
mounted switch relative to the panel opening is necessary to provide proper clearance between actuator and
frame. Available in two basic styles and four panel thicknesses .047-.125 in. Material: Nylon. Finish: Matte.
A
.200 DIA.
(5,08 )
.120
(3,05)
.155
(3,94)


Similar Part No. - E125S1D3AV2BE

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
E125 MPD-E125 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
YUXIANG Magnetc materia...
E125B/25 YUXIANG-E125B/25 Datasheet
51Kb / 1P
   EI Core
logo
MicroPower Direct, LLC
E125E MPD-E125E Datasheet
230Kb / 2P
   Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
E125I MPD-E125I Datasheet
185Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
logo
Anaren Microwave
E125N50X4 ANAREN-E125N50X4 Datasheet
216Kb / 2P
   AlN Ceramic Substrate
More results

Similar Description - E125S1D3AV2BE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
logo
ITT Industries
8121SD9ABE223 ITT-8121SD9ABE223 Datasheet
2Mb / 17P
   Snap-acting Momentary Pushbutton Switches
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com