Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8206YR Datasheet(PDF) 2 Page - Analog Devices

Part # AD8206YR
Description  Single-Supply 42 V System Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8206YR Datasheet(HTML) 2 Page - Analog Devices

  AD8206YR Datasheet HTML 1Page - Analog Devices AD8206YR Datasheet HTML 2Page - Analog Devices AD8206YR Datasheet HTML 3Page - Analog Devices AD8206YR Datasheet HTML 4Page - Analog Devices AD8206YR Datasheet HTML 5Page - Analog Devices AD8206YR Datasheet HTML 6Page - Analog Devices AD8206YR Datasheet HTML 7Page - Analog Devices AD8206YR Datasheet HTML 8Page - Analog Devices AD8206YR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD8206
Preliminary Technical Data
Rev. PrA | Page 2 of 12
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ........................................................................ 8
Output Offset Adjustment............................................................... 9
Unidirectional Operation............................................................ 9
Ground Referenced Output ........................................................ 9
V+ Referenced Output................................................................. 9
Bidirectional Operation................................................................9
External Reference Output........................................................ 10
Splitting the Supply .................................................................... 10
Splitting an External Reference ................................................ 10
Applications..................................................................................... 11
High-Side Current Sense with a Low-Side Switch................. 11
High-Side Current Sense with a High-Side Switch ............... 11
Outline Dimensions ....................................................................... 12
Ordering Guide .......................................................................... 12
REVISION HISTORY
6/04—Revision 0: Initial Version


Similar Part No. - AD8206YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8206YRZ AD-AD8206YRZ Datasheet
344Kb / 12P
   Single-Supply, 42 V System Difference Amplifier
REV. 0
AD8206YRZ AD-AD8206YRZ Datasheet
466Kb / 16P
   High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
REV. B
AD8206YRZ-REEL AD-AD8206YRZ-REEL Datasheet
344Kb / 12P
   Single-Supply, 42 V System Difference Amplifier
REV. 0
AD8206YRZ-REEL AD-AD8206YRZ-REEL Datasheet
466Kb / 16P
   High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
REV. B
AD8206YRZ-REEL7 AD-AD8206YRZ-REEL7 Datasheet
344Kb / 12P
   Single-Supply, 42 V System Difference Amplifier
REV. 0
More results

Similar Description - AD8206YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. 0
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8206 AD-AD8206_05 Datasheet
344Kb / 12P
   Single-Supply, 42 V System Difference Amplifier
REV. 0
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
   Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com