Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY64LD16162M-E Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY64LD16162M-E
Description  1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY64LD16162M-E Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY64LD16162M-E Datasheet HTML 3Page - Hynix Semiconductor HY64LD16162M-E Datasheet HTML 4Page - Hynix Semiconductor HY64LD16162M-E Datasheet HTML 5Page - Hynix Semiconductor HY64LD16162M-E Datasheet HTML 6Page - Hynix Semiconductor HY64LD16162M-E Datasheet HTML 7Page - Hynix Semiconductor HY64LD16162M-E Datasheet HTML 8Page - Hynix Semiconductor HY64LD16162M-E Datasheet HTML 9Page - Hynix Semiconductor HY64LD16162M-E Datasheet HTML 10Page - Hynix Semiconductor HY64LD16162M-E Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HY64LD16162M Series
11
Revision 1.7
March. 2002
Index
• HYLD16162M
: Part Name
HY
: HYNIX
L
: Power Supply
: 2.5V(2.3V~2.7V)
D
: Tech. + Classification
: 1T+1C
16
: Bit Organization
: x16
16
: Density
: 16M
2
: Mode
: 1CS with /UB,/LB;tCS
M
: Version
: 1st Generation
• c
: Power Consumption
: D – Low Low Power
• ss
: Speed
: 85 – 85ns
• t
: Temperature
: E – Extended(-25 ~ 85
°C)
I – Industrial(-40 ~ 85
°C)
• yy
: Year (ex : 01 = year 2001, 02= year 2002)
• ww
: Work Week ( ex : 12 = work week 12 )
• p
: Process Code
• xxxxx
: Lot No.
• KOR
: Origin Country
Note
- Capital Letter
: Fixed Item
- Small Letter
: Non-fixed Item
Package
Marking Example
FBGA
H
Y
L
D
1
6
1
6
2
M
c
s
s
t
y
y
w
w
p
x
x
x
x
x
K
O
R
MARKING INFORMATION


Similar Part No. - HY64LD16162M-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
   Laser Diode Driver
logo
Hynix Semiconductor
HY64SD16162B HYNIX-HY64SD16162B Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B-DF85E HYNIX-HY64SD16162B-DF85E Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B-DF85I HYNIX-HY64SD16162B-DF85I Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B-E HYNIX-HY64SD16162B-E Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
More results

Similar Description - HY64LD16162M-E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY64UD16162M HYNIX-HY64UD16162M Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162B HYNIX-HY64UD16162B Datasheet
285Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B HYNIX-HY64SD16162B Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322A HYNIX-HY64UD16322A Datasheet
269Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322M HYNIX-HY64UD16322M Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
logo
Etron Technology, Inc.
EM566168 ETRON-EM566168 Datasheet
146Kb / 12P
   1M x 16 Pseudo SRAM
EM566169BC ETRON-EM566169BC Datasheet
130Kb / 15P
   1M x 16 Pseudo SRAM
logo
Integrated Circuit Solu...
IC66LV10016AL ICSI-IC66LV10016AL Datasheet
167Kb / 13P
   16M-BIT (1M-WORD BY 16-BIT) Low Power Pseudo SRAM
logo
Winbond
W964B6BBN WINBOND-W964B6BBN Datasheet
961Kb / 30P
   1M WORD X 16BIT LOW POWER PSEUDO SRAM
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com