Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY64UD16162B-DF60E Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY64UD16162B-DF60E
Description  1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY64UD16162B-DF60E Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY64UD16162B-DF60E Datasheet HTML 1Page - Hynix Semiconductor HY64UD16162B-DF60E Datasheet HTML 2Page - Hynix Semiconductor HY64UD16162B-DF60E Datasheet HTML 3Page - Hynix Semiconductor HY64UD16162B-DF60E Datasheet HTML 4Page - Hynix Semiconductor HY64UD16162B-DF60E Datasheet HTML 5Page - Hynix Semiconductor HY64UD16162B-DF60E Datasheet HTML 6Page - Hynix Semiconductor HY64UD16162B-DF60E Datasheet HTML 7Page - Hynix Semiconductor HY64UD16162B-DF60E Datasheet HTML 8Page - Hynix Semiconductor HY64UD16162B-DF60E Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HY64UD16162B Series
3
Revision 1.0 / December. 2002
Note
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is stress rating only and the functional operation of the device under these or
any other conditions above those indicated in the operation of this specification is not implied. Exposure
to the absolute maximum rating conditions for extended period may affect reliability.
TRUTH TABLE
Power
Standby
/CS1
H
CS2
H
/WE
X
/OE
X
/LB
X
/UB
X
Mode
Deselected
I/O1~I/O8
High-Z
I/O9~I/O16
High-Z
I/O Pin
X
X
L
L
L
L
L
L
L
L
L
L
H
H
H
H
H
H
H
H
H
H
X
X
L
H
H
L
H
H
L
H
H
X
X
X
L
H
X
L
H
X
L
H
X
H
L
L
L
H
H
H
L
L
L
X
H
H
H
H
L
L
L
L
L
L
Deselected
Deselected
Write
Read
Output Disabled
Write
Read
Output Disabled
Write
Read
Output Disabled
High-Z
High-Z
High-Z
High-Z
DIN
High-Z
DOUT
High-Z
High-Z
High-Z
DIN
High-Z
DOUT
High-Z
DIN
DOUT
High-Z
High-Z
High-Z
DIN
DOUT
High-Z
Deep Power Down
Standby
Active
Active
Active
Active
Active
Active
Active
Active
Active
Note
1. H=VIH, L=VIL, X=don’t care(VIL or VIH)
2. /UB, /LB(Upper, Lower Byte enable)
These active LOW inputs allow individual bytes to be written or read.
When /LB is LOW, data is written or read to the lower byte, I/O1 - I/O8.
When /UB is LOW, data is written or read to the upper byte, I/O9 - I/O16.
ORDERING INFORMATION
Part Number
Speed
Package
HY64UD16162B-E
60 / 70
FBGA
HY64UD16162B-I
60 / 70
FBGA
Power
LL-Part
LL-Part
Temperature
E1
I2*
Note
1. E : Extended Temp. (-25
°C~ 85°C)
2. I : Industrial Temp. (-40
°C~ 85°C)
ABSOLUTE MAXIMUM RATINGS 1
Symbol
Parameter
Rating
Remark
VIN
Input Voltage
-0.3 to Vdd+0.3
Unit
V
Vdd
Core Power Supply
-0.3 to 3.6
V
TA
Ambient Temperature
-25 to 85
HY64PD16162A-E
°C
TSTG
Storage Temperature
-55 to 150
°C
PD
Power Dissipation
1.0
W
TSOLDER
Ball Soldering Temperature & Time
260•10
°C•sec
-40 to 85
HY64PD16162A-I
°C
Vddq
I/O Power Supply
-0.3 to 3.6
V
VOUT
Output Voltage
-0.3 to Vddq+0.3
V


Similar Part No. - HY64UD16162B-DF60E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY64UD16162M HYNIX-HY64UD16162M Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M-DF70E HYNIX-HY64UD16162M-DF70E Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M-DF70I HYNIX-HY64UD16162M-DF70I Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M-DF85E HYNIX-HY64UD16162M-DF85E Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M-DF85I HYNIX-HY64UD16162M-DF85I Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
More results

Similar Description - HY64UD16162B-DF60E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY64UD16162M HYNIX-HY64UD16162M Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64LD16162M HYNIX-HY64LD16162M Datasheet
349Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B HYNIX-HY64SD16162B Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322A HYNIX-HY64UD16322A Datasheet
269Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322M HYNIX-HY64UD16322M Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
logo
Etron Technology, Inc.
EM566168 ETRON-EM566168 Datasheet
146Kb / 12P
   1M x 16 Pseudo SRAM
EM566169BC ETRON-EM566169BC Datasheet
130Kb / 15P
   1M x 16 Pseudo SRAM
logo
Integrated Circuit Solu...
IC66LV10016AL ICSI-IC66LV10016AL Datasheet
167Kb / 13P
   16M-BIT (1M-WORD BY 16-BIT) Low Power Pseudo SRAM
logo
Winbond
W964B6BBN WINBOND-W964B6BBN Datasheet
961Kb / 30P
   1M WORD X 16BIT LOW POWER PSEUDO SRAM
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com