Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY64UD16162B-E Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY64UD16162B-E
Description  1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY64UD16162B-E Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY64UD16162B-E Datasheet HTML 3Page - Hynix Semiconductor HY64UD16162B-E Datasheet HTML 4Page - Hynix Semiconductor HY64UD16162B-E Datasheet HTML 5Page - Hynix Semiconductor HY64UD16162B-E Datasheet HTML 6Page - Hynix Semiconductor HY64UD16162B-E Datasheet HTML 7Page - Hynix Semiconductor HY64UD16162B-E Datasheet HTML 8Page - Hynix Semiconductor HY64UD16162B-E Datasheet HTML 9Page - Hynix Semiconductor HY64UD16162B-E Datasheet HTML 10Page - Hynix Semiconductor HY64UD16162B-E Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HY64UD16162B Series
9
Revision 1.0 / December. 2002
AVOID TIMING
/WE
/CS1
ADD
< tRC
10us
ABNORMAL TIMING
/WE
/CS1
ADD
tRC
10us
AVOIDABLE TIMING(1)
Hynix 1T/1C SRAM has a timing which is not supported at read operation. If your system has multiple
invalid address signal shorter than tRC during over 10us at read operation which showed in abnormal
timing, Hynix 1T/1C SRAM needs a normal read timing at least during 10us which showed in avoidable
timing(1) or toggle the /CS1 to high(
≥tRC) one time at least which showed in avoidable timing(2)
/WE
/CS1
ADD
10us
tRC
AVOIDABLE TIMING(2)
< tRC


Similar Part No. - HY64UD16162B-E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY64UD16162M HYNIX-HY64UD16162M Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M-DF70E HYNIX-HY64UD16162M-DF70E Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M-DF70I HYNIX-HY64UD16162M-DF70I Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M-DF85E HYNIX-HY64UD16162M-DF85E Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M-DF85I HYNIX-HY64UD16162M-DF85I Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
More results

Similar Description - HY64UD16162B-E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY64UD16162M HYNIX-HY64UD16162M Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64LD16162M HYNIX-HY64LD16162M Datasheet
349Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B HYNIX-HY64SD16162B Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322A HYNIX-HY64UD16322A Datasheet
269Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322M HYNIX-HY64UD16322M Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
logo
Etron Technology, Inc.
EM566168 ETRON-EM566168 Datasheet
146Kb / 12P
   1M x 16 Pseudo SRAM
EM566169BC ETRON-EM566169BC Datasheet
130Kb / 15P
   1M x 16 Pseudo SRAM
logo
Integrated Circuit Solu...
IC66LV10016AL ICSI-IC66LV10016AL Datasheet
167Kb / 13P
   16M-BIT (1M-WORD BY 16-BIT) Low Power Pseudo SRAM
logo
Winbond
W964B6BBN WINBOND-W964B6BBN Datasheet
961Kb / 30P
   1M WORD X 16BIT LOW POWER PSEUDO SRAM
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com