Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INDR165B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # INDR165B
Description  Long Distance Digital Display Link Transmitter & Receiver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INDR165B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button INDR165B Datasheet HTML 6Page - List of Unclassifed Manufacturers INDR165B Datasheet HTML 7Page - List of Unclassifed Manufacturers INDR165B Datasheet HTML 8Page - List of Unclassifed Manufacturers INDR165B Datasheet HTML 9Page - List of Unclassifed Manufacturers INDR165B Datasheet HTML 10Page - List of Unclassifed Manufacturers INDR165B Datasheet HTML 11Page - List of Unclassifed Manufacturers INDR165B Datasheet HTML 12Page - List of Unclassifed Manufacturers INDR165B Datasheet HTML 13Page - List of Unclassifed Manufacturers INDR165B Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Data Sheet
INDT/R165B
INDT/R330B
Date: 2005-02-18 Revision: 1.1
Page 10 of 41
1.3.6 Sideband Interface Signals
Sideband
Signal
Dir
Description
SB0
SB0_CLK
OUT
Sideband Data Channel 0 Upstream Synchronous Clock Output. Data
is provided aligned to rising edge.
SB0
SB0_D[3:0]
OUT
Sideband Data Channel 0 Upstream Output
SB1
SB1_CLK
OUT
Sideband Data Channel 1 Upstream Synchronous Clock Output. Data
is provided aligned to rising edge.
SB1
SB1_D[1:0]
OUT
Sideband Data Channel 1 Upstream Output
SB2
SB2_CLK
OUT
Sideband Data Channel 2 Downstream Synchronous Clock Output.
Data is registered at rising edge.
SB2
SB2_D[3:0]
IN
Sideband Data Channel 2 Downstream Input
SB3
SB3_CLKI
IN
Sideband Data Channel 3 Downstream Asynchronous Clock Input.
Data is registered at rising edge.
SB3
SB3_CLKO
OUT
Sideband Data Channel 3 Downstream Synchronous Clock Output.
Data is registered at rising edge.
SB3
SB3_D[1:0]
IN
Sideband Data Channel 3 Downstream Input
SB4
3
SB4_CLKI
IN
Sideband Data Channel 4 Downstream Asynchronous Clock Input.
Data is registered at rising edge.
SB4
3
SB4_CLKO
OUT
Sideband Data Channel 4 Downstream Synchronous Clock Output.
Data is registered at rising edge.
SB4
3
SB4_D[1:0]
IN
Sideband Data Channel 4 Downstream Input.
Table 1.7: Sideband Interface Signals (INDT, Transmitter)
Sideband
Signal
Dir
Description
SB0
SB0_CLK
OUT
Sideband Data Channel 0 Upstream Synchronous Clock Output. Data
is registered at rising edge.
SB0
SB0_D[3:0]
IN
Sideband Data Channel 0 Upstream Input
SB1
SB1_CLKI
IN
Sideband Data Channel 1 Upstream Asynchronous Clock Input. Data
is registered at rising edge.
SB1
SB1_CLKO
OUT
Sideband Data Channel 1 Upstream Synchronous Clock Output. Data
is registered at rising edge.
SB1
SB1_D[1:0]
IN
Sideband Data Channel 1 Upstream Input
SB2
SB2_CLK
OUT
Sideband Data Channel 2 Downstream Synchronous Clock Output.
Data is provided aligned to rising edge.
SB2
SB2_D[3:0]
OUT
Sideband Data Channel 2 Downstream Output
SB3
SB3_CLK
OUT
Sideband Data Channel 3 Downstream Synchronous Clock Output.
Data is provided aligned to rising edge.
SB3
SB3_D[1:0]
OUT
Sideband Data Channel 3 Downstream Output
SB4
3
SB4_CLK
OUT
Sideband Data Channel 4 Downstream Synchronous Clock Output.
Data is provided aligned to rising edge.
SB4
3
SB4_D[1:0]
OUT
Sideband Data Channel 4 Downstream Output.
Table 1.8: Sideband Interface Signals (INDR, Receiver)
3 Sideband Data Channel 4 (SB4) only available with INDT/R330B


Similar Part No. - INDR165B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INDR166B ETC1-INDR166B Datasheet
1Mb / 40P
   Long Distance Digital Display Link Transmitter & Receiver
More results

Similar Description - INDR165B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INDT166B ETC1-INDT166B Datasheet
1Mb / 40P
   Long Distance Digital Display Link Transmitter & Receiver
logo
Hamamatsu Corporation
L10064-01B HAMAMATSU-L10064-01B_15 Datasheet
247Kb / 2P
   Transmitter/Receiver photo IC for optical link
L8628 HAMAMATSU-L8628 Datasheet
160Kb / 2P
   Transmitter/receiver photo IC for optical link
logo
List of Unclassifed Man...
INGT165B ETC1-INGT165B Datasheet
399Kb / 21P
   1.32 Gbit/s Serial Link Transmitter and Receiver
logo
Beckhoff Automation Gmb...
CU8802-000X BECKHOFF-CU8802-000X Datasheet
98Kb / 2P
   Transmitter box for CP-Link-4 ??The Two Cable Display Link
CU8803-000X BECKHOFF-CU8803-000X Datasheet
104Kb / 2P
   Transmitter box for CP-Link 4 ??The One Cable Display Link
logo
Toshiba Semiconductor
TLP115A TOSHIBA-TLP115A_07 Datasheet
208Kb / 8P
   Photo-IC High Speed, Long Distance Isolated Line Receiver
logo
Texas Instruments
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com