Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INDT331B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # INDT331B
Description  Long Distance Digital Display Link Transmitter & Receiver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INDT331B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button INDT331B Datasheet HTML 4Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 5Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 6Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 7Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 8Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 9Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 10Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 11Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Preliminary Data Sheet
INDT/R166B
INDT/R331B
Date: 2005-03-14 Revision: 0.1
Page 8 of 40
1.3 Sideband Interface
1.3.1 General Information
The sideband interfaces provide a bi-directional data path subdivided into several logical data streams with different
bandwidth in both directions:
Downstream: Data direction from Transmitter (INDT) -->
to Receiver (INDR)
Upstream:
Data direction to Transmitter (INDT)
<
--
from Receiver (INDR)
Activating the upstream sideband data transmission necessitates an additional pair of wires to establish the physical uplink
(see 1.1 Link Interface). STP cables usually contain 4 pairs of wires; thus this extra connection is available in most cases.
If the upstream sideband data channel is not used, it has to be disabled. The downstream sideband data channels can be
partially disabled to provide extra bandwidth for the pixel data transmission.
Figure 1.6: Sideband Data Interfaces
Note
: SB4 available at INDT/R331B only.
SB0
LowSpeed
SB1
High Speed
SB2
LowSpeed
SB3
High Speed
SB4
High Speed
SB2
Low Speed
SB3
High Speed
SB4
High Speed
SB0
LowSpeed
SB1
High Speed
SB4_CLKI
SB4_CLKO
SB4_D[1:0]
SB3_CLKI
SB3_CLKO
SB3_D[1:0]
SB2_CLK
SB2_D[3:0]
SB1_CLK
SB1_D[1:0]
SB0_CLK
SB0_D[3:0]
SB4_CLK
SB4_D[1:0]
SB3_CLK
SB3_D[1:0]
SB2_CLK
SB2_D[3:0]
SB1_CLKI
SB1_CLKO
SB1_D[1:0]
SB0_CLK
SB0_D[3:0]
2
2
4
2
4
4
2
4
2
2
Downstream
Upstream
INDT
Transmitter
INDR
Receiver


Similar Part No. - INDT331B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INDT330B ETC1-INDT330B Datasheet
1Mb / 41P
   Long Distance Digital Display Link Transmitter & Receiver
More results

Similar Description - INDT331B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INDT165B ETC1-INDT165B Datasheet
1Mb / 41P
   Long Distance Digital Display Link Transmitter & Receiver
logo
Hamamatsu Corporation
L10064-01B HAMAMATSU-L10064-01B_15 Datasheet
247Kb / 2P
   Transmitter/Receiver photo IC for optical link
L8628 HAMAMATSU-L8628 Datasheet
160Kb / 2P
   Transmitter/receiver photo IC for optical link
logo
List of Unclassifed Man...
INGT165B ETC1-INGT165B Datasheet
399Kb / 21P
   1.32 Gbit/s Serial Link Transmitter and Receiver
logo
Beckhoff Automation Gmb...
CU8802-000X BECKHOFF-CU8802-000X Datasheet
98Kb / 2P
   Transmitter box for CP-Link-4 ??The Two Cable Display Link
CU8803-000X BECKHOFF-CU8803-000X Datasheet
104Kb / 2P
   Transmitter box for CP-Link 4 ??The One Cable Display Link
logo
Toshiba Semiconductor
TLP115A TOSHIBA-TLP115A_07 Datasheet
208Kb / 8P
   Photo-IC High Speed, Long Distance Isolated Line Receiver
logo
Texas Instruments
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com