Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E112SD1WBE Datasheet(PDF) 4 Page - ITT Industries

Part # E112SD1WBE
Description  Sealed Momentary Pushbutton Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E112SD1WBE Datasheet(HTML) 4 Page - ITT Industries

  E112SD1WBE Datasheet HTML 1Page - ITT Industries E112SD1WBE Datasheet HTML 2Page - ITT Industries E112SD1WBE Datasheet HTML 3Page - ITT Industries E112SD1WBE Datasheet HTML 4Page - ITT Industries E112SD1WBE Datasheet HTML 5Page - ITT Industries E112SD1WBE Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A–47
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K E010 Series
Sealed Momentary Pushbutton Switches
TERMINATIONS
PC MOUNTING
SNAP-IN
PC MOUNTING
PC MOUNTING
V6, V8
VERTICAL MOUNT, V-BRACKET
V81
VERTICAL MOUNT, V-BRACKET, SNAP-IN
V3, V4
VERTICAL MOUNT, V-BRACKET
V31, V91
VERTICAL MOUNT, V-BRACKET, SNAP-IN
R2
RIGHT ANGLE WITH PCB
E112SD1R2BE
SPDT
E112SD1__BE
SPDT
E112SD1__BE
SPDT
V6
.460 (11,68)
V8, V81
.953 (24,21)
DIM ‘A’
OPTION
CODE
V3, V31
.460 (11,68)
V4
.630 (16,00)
V91
1.150 (29,21)
DIM ‘A’
OPTION
CODE
NOTE: Available with D1 bushing and B contact material only.
NOTE: Available with D1 bushing only.
NOTE: Available with D1 bushing only.
A


Similar Part No. - E112SD1WBE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E112SD1ABE CK-COMPONENTS-E112SD1ABE Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
More results

Similar Description - E112SD1WBE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
ISR3SAD300 ETC2-ISR3SAD300 Datasheet
331Kb / 4P
   Sealed pushbutton switches - bushing 12 mm - momentary
ISR3SAD200 ETC2-ISR3SAD200 Datasheet
343Kb / 5P
   Sealed pushbutton switches - bushing 12 mm - momentary
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
   Momentary Pushbutton Switches with LED
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com