Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFX85 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFX85
Description  NPN switching transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFX85 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFX85 Datasheet HTML 1Page - NXP Semiconductors BFX85 Datasheet HTML 2Page - NXP Semiconductors BFX85 Datasheet HTML 3Page - NXP Semiconductors BFX85 Datasheet HTML 4Page - NXP Semiconductors BFX85 Datasheet HTML 5Page - NXP Semiconductors BFX85 Datasheet HTML 6Page - NXP Semiconductors BFX85 Datasheet HTML 7Page - NXP Semiconductors BFX85 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Apr 22
3
Philips Semiconductors
Product specification
NPN switching transistor
BFX85
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
100
V
VCEO
collector-emitter voltage
open base
60
V
VEBO
emitter-base voltage
open collector
6V
IC
collector current (DC)
1A
ICM
peak collector current
1A
IBM
peak base current
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
800
mW
Tcase ≤ 25 °C
5W
25
° C ≤ Tcase ≤ 100 °C −
2.86
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
175
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
200
K/W
Rth j-c
thermal resistance from junction to case
35
K/W


Similar Part No. - BFX85

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BFX85 CENTRAL-BFX85 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Seme LAB
BFX85 SEME-LAB-BFX85 Datasheet
22Kb / 2P
   NPN SILICON EPITAXIAL SWITCHING TRANSISTOR
logo
Continental Device Indi...
BFX85 CDIL-BFX85 Datasheet
139Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX85 NJSEMI-BFX85 Datasheet
89Kb / 2P
   NPN switching transistor
More results

Similar Description - BFX85

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com