Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1394MTB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1394MTB
Description  1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1394MTB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1394MTB Datasheet HTML 1Page - Maxim Integrated Products MAX1394MTB Datasheet HTML 2Page - Maxim Integrated Products MAX1394MTB Datasheet HTML 3Page - Maxim Integrated Products MAX1394MTB Datasheet HTML 4Page - Maxim Integrated Products MAX1394MTB Datasheet HTML 5Page - Maxim Integrated Products MAX1394MTB Datasheet HTML 6Page - Maxim Integrated Products MAX1394MTB Datasheet HTML 7Page - Maxim Integrated Products MAX1394MTB Datasheet HTML 8Page - Maxim Integrated Products MAX1394MTB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
_______________________________________________________________________________________
3
1.5V to 3.6V, 416ksps, 1-Channel True-Differential/
2-Channel Single-Ended, 8-Bit, SAR ADCs
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +1.5V to +3.6V, VREF = VDD, CREF = 0.1µF, fSCLK = 5MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Throughput Rate
12 clocks per conversion, includes power-
up acquisiton and conversion time
416
ksps
Power-Up and Acquisition Time
tACQ
Three SCLK cycles
600
ns
Aperture Delay
tAD
8ns
Aperture Jitter
tAJ
30
ps
Serial-Clock Frequency
fCLK
0.1
5.0
MHz
ANALOG INPUTS (AIN+, AIN-, AIN1, AIN2)
Unipolar
0
VREF
Input Voltage Range
VIN
Bipolar, MAX1391 only, (AIN+ - AIN-)
-VREF/2
+VREF/2
V
Common-Mode Input Voltage
Range
VCM
Bipolar, MAX1391 only, [(AIN+) + (AIN-)] / 2
0
VDD
V
Input Leakage Current
Channel not selected, or conversion
stopped, or in shutdown mode
±1.5
µA
Input Capacitance
16
pF
REFERENCE INPUT (REF)
REF Input Voltage Range
VREF
0.6
VDD +
0.05
V
REF Input Capacitance
24
pF
REF DC Leakage Current
0.025
±2.5
µA
REF Input Dynamic Current
416ksps
20
60
µA
DIGITAL INPUTS (SCLK,
CS, OE, CH1/CH2, UNI/BIP)
Input-Voltage Low
VIL
0.3 x
VDD
V
Input-Voltage High
VIH
0.7 x
VDD
V
Input Hysteresis
0.06 x
VDD
V
Input Leakage Current
IIL
Inputs at GND or VDD
±1
µA
CS, OE
1
Input Capacitance
CIN
CH1/CH2, UNI/BIP
12.5
pF
DIGITAL OUTPUT (DOUT)
Output-Voltage Low
VOL
ISINK = 2mA
0.1 x
VDD
V
Output-Voltage High
VOH
ISOURCE = 2mA
0.9 x
VDD
V
Tri-State Leakage Current
ILT
OE = VDD
±1
µA
Tri-State Output Capacitance
COUT
OE = VDD
10
pF
POWER SUPPLY
Positive Supply Voltage
VDD
1.5
3.6
V


Similar Part No. - MAX1394MTB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1394MTB MAXIM-MAX1394MTB Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
More results

Similar Description - MAX1394MTB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1391 MAXIM-MAX1391_V01 Datasheet
254Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 8-Bit, SAR ADCs
2009
MAX1394 MAXIM-MAX1394 Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1392 MAXIM-MAX1392 Datasheet
877Kb / 19P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 0; 5/05
MAX1392 MAXIM-MAX1392_09 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
MAX1393 MAXIM-MAX1393_09 Datasheet
598Kb / 18P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
MAX1393 MAXIM-MAX1393 Datasheet
1Mb / 19P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
   150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086 Datasheet
334Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-1686; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com