Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SED1336 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SED1336
Description  CMOS GRAPHIC LCD/TV CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SED1336 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SED1336 Datasheet HTML 1Page - List of Unclassifed Manufacturers SED1336 Datasheet HTML 2Page - List of Unclassifed Manufacturers SED1336 Datasheet HTML 3Page - List of Unclassifed Manufacturers SED1336 Datasheet HTML 4Page - List of Unclassifed Manufacturers SED1336 Datasheet HTML 5Page - List of Unclassifed Manufacturers SED1336 Datasheet HTML 6Page - List of Unclassifed Manufacturers SED1336 Datasheet HTML 7Page - List of Unclassifed Manufacturers SED1336 Datasheet HTML 8Page - List of Unclassifed Manufacturers SED1336 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
157
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply voltage
VDD
See note 8.
3.0
3.5
4.5
V
Register data retention voltage
VHO
2.0
6.0
V
Input leakage current
ILI
VI = VDD. See note 6.
0.05
2.0
µA
Output leakage current
ILO
VI = VSS. See note 6.
0.10
5.0
µA
Operating supply current
Iopr
VDD = 3.5V. See note 4.
3.5
mA
See note 4.
7.0
Quiescent supply current
IQ
Sleep mode,
0.05
20.0
µA
VOSC1 = VCS = VRD = VDD
Oscillator frequency
fOSC
1.0
8.0
MHz
External clock frequency
fCL
1.0
8.0
MHz
Oscillator feedback resistance
Rf
0.7
3.0
M
TTL
HIGH-level input voltage
VIHT
See note 1.
0.8VDD
—VDD
V
LOW-level input voltage
VILT
See note 1.
VSS
0.2VDD
V
HIGH-level output voltage
VOHT
IOH = –3.0 mA.
2.4
V
See note 1.
LOW-level output voltage
VOLT
IOL = 3.0 mA. See note 1.
VSS + 0.4
V
CMOS
HIGH-level input voltage
VIHC
See note 2.
0.8VDD
—VDD
V
LOW-level input voltage
VILC
See note 2.
VSS
0.2VDD
V
HIGH-level output voltage
VOHC
IOH = –2.0 mA. See note 2. VDD – 0.4
V
LOW-level output voltage
VOLC
IOH = 1.6 mA. See note 2.
VSS + 0.4
V
Open-drain
LOW-level output voltage
VOLN
IOL = 6.0 mA. See note 5.
VSS + 0.4
V
Schmitt-trigger
Rising-edge threshold voltage
VT+
See note 3.
0.5VDD
0.7VDD
0.8VDD
V
Falling edge threshold voltage
VT–
See note 3.
0.2VDD
0.3VDD
0.5VDD
V
VDD = 3.0 to 4.5V, VSS = 0V, Ta = –20 to 75
°C
Notes:
1. D0 to D7, A0, CS, RD, WR, VD0 to VD7, VA0 to VA15,
VRD, VWR and VCE are TTL-level inputs.
2. SEL1 and NT/PL are CMOS-level inputs. YD, XD0 to
XD3, XSCL, LP, WF, YDIS and CLO are CMOS-level
outputs.
3. RES is a Schmitt-trigger input. The pulsewidth on RES
must be at least 200
µs. Note that pulses of more than a
few seconds will cause DC voltages to be applied to the
LCD panel.
4. fOSC = 10 MHz, no load (no display memory), internal
character generator, 256
× 200 pixel display. The operat-
ing supply current can be reduced by approximately 1 mA
by setting both CLO and the display OFF.
5. SNC and VSD are n-channel, open-drain outputs. The
voltage on the outputs should not exceed VDD as internal
diodes connect the pins to VDD.
6. VD0 to VD7 and D0 to D7 have internal feedback circuits
so that if the inputs become high-impedance, the input
state immediately prior to that is held. Because of the
feedback circuit, input current flow occurs when the
inputs are in an intermediate state.
7. Because the oscillator circuit input bias current is in the
order of
µA, design the printed circuit board so as to
reduce leakage currents.
8. VDD = 2.7 to 4.5V (SED1335F)
Measured at crystal,
47.5% duty cycle.
See note 7.
SED1336


Similar Part No. - SED1336

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SED1336F ETC-SED1336F Datasheet
388Kb / 148P
   LCD Controller ICs
More results

Similar Description - SED1336

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SED1335-1 ETC-SED1335-1 Datasheet
69Kb / 14P
   CMOS GRAPHIC LCD CONTROLLER
SED1330 ETC-SED1330 Datasheet
97Kb / 14P
   CMOS GRAPHIC LCD CONTROLLER
SED1351F ETC-SED1351F Datasheet
195Kb / 4P
   CMOS GRAPHIC LCD CONTROLLER
logo
RAIO Technology Inc.
RA8870 RAIO-RA8870 Datasheet
228Kb / 9P
   Character/Graphic TFT LCD Controller
RA8875 RAIO-RA8875 Datasheet
194Kb / 9P
   Character/Graphic TFT LCD Controller
RA8802 RAIO-RA8802 Datasheet
80Kb / 7P
   Character/Graphic LCD-Controller Specification
RA8876 RAIO-RA8876 Datasheet
360Kb / 14P
   Character/Graphic TFT LCD Controller
RA8877 RAIO-RA8877 Datasheet
338Kb / 13P
   Character/Graphic TFT LCD Controller
RA8873L4N RAIO-RA8873L4N Datasheet
359Kb / 14P
   Character/Graphic TFT LCD Controller
RA8872 RAIO-RA8872 Datasheet
198Kb / 7P
   Character/Graphic TFT LCD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com