Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBS4GFB4SA055C Datasheet(PDF) 4 Page - ITT Industries

Part # HBS4GFB4SA055C
Description  Single Pole Standard Precision Snap-acting Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

HBS4GFB4SA055C Datasheet(HTML) 4 Page - ITT Industries

  HBS4GFB4SA055C Datasheet HTML 1Page - ITT Industries HBS4GFB4SA055C Datasheet HTML 2Page - ITT Industries HBS4GFB4SA055C Datasheet HTML 3Page - ITT Industries HBS4GFB4SA055C Datasheet HTML 4Page - ITT Industries HBS4GFB4SA055C Datasheet HTML 5Page - ITT Industries HBS4GFB4SA055C Datasheet HTML 6Page - ITT Industries HBS4GFB4SA055C Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
K
K–40
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
FIG. 6
B
C
D
A
Perpendicular Roller Plunger
FIG. 8
A
B
C
D
Reverse Acting Lever
FIG. 7
A
B
C
Lever
* Actuators sealed against the entrance of airborne
contaminants and/or splashing liquids.
C&K HB Series
Single Pole Standard Precision Snap-acting Switches
MOUNTING STYLE
ACTUATOR
FIG.
1
A
B
C
D
Lever Roller
FIG. 2
A
B
C
D
Lever Roller
FIG. 3
A
B
Stub Plunger
FIG. 4
A
C
D
B? .040
Plunger
P ANEL MOUNTING
.50 DIA.
(12,70?)
FIG. 5
A
B
Pin Plunger
S Standard
NOTE: Mounting holes will accept pins or screws of .139 dia. (3,53) max. on
1.000 ± .002 (25,4 ± 0,05) centers.
NOTE: Torque mounting screws 3 inlbs max.
DIM. D
DIM. C
DIM. B
DIM. A
FIG.
NO.
POLES
OPTION CODE
1.03
(26,2)
.38 dia.
(9,7Ø)
1.120 ± .060
(28,45 ± 1,52)
.86
(21,8)
1
SP
A0
.844 ± .020
(21,44 ± 0,51)
.92
(23,4)
3
SP
D0
.74
(18,8)
.38 dia.
(9,7Ø)
1.120 ± .050
(28,45 ± 1,27)
.09
(2,3)
2
SP
F0
0.33
(8,40)
.64 dia.
(16,3Ø)
.860±.030
(21,84±0,76)
.86
(21,8)
4
SP
J0
.625 ± .010
(15,88 ± 0,25)
.92
(23,4)
5
SP
P0
0.61
(15,5)
.50 dia.
(12,7Ø)
.62
(15,7)
.92
(23,4)
6
SP
RS
1.03 dia.
(26,2Ø))
.720 ± .060
(18,28 ± 1,52)
1.310
(33,27)
7
SP
T0
1.03 dia.
(26,2Ø)
.720 ± .060
(18,28 ± 1,52)
1.47
(37,3)
7
SP
TS*
2.65
(6,73)
.74 dia.
(18,8Ø)
.720 ± .030
(18,29 ± 0,76)
.05
(1,3)
8
SP
Y0


Similar Part No. - HBS4GFB4SA055C

ManufacturerPart #DatasheetDescription
logo
Heyco.
HBS4 HEYCO-HBS4 Datasheet
105Kb / 1P
   Nylon PCB Supports - Blind Mount
logo
SMC Diode Solutions Co....
HBS402 SMCDIODE-HBS402 Datasheet
562Kb / 5P
   Glass Passivated Single-Phase 4.0Amp Surface Mount Bridge Rectifier
logo
Zibo Seno Electronic En...
HBS405 ZSELEC-HBS405 Datasheet
120Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS41 ZSELEC-HBS41 Datasheet
120Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS410 ZSELEC-HBS410 Datasheet
120Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - HBS4GFB4SA055C

ManufacturerPart #DatasheetDescription
logo
C&K Components
HB CK-COMPONENTS-HB Datasheet
399Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
HB CK-COMPONENTS-HB_V01 Datasheet
619Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
18 Jan 21
HBS2KGB4SP011C CK-COMPONENTS-HBS2KGB4SP011C Datasheet
230Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
logo
ITT Industries
LF05A080L27QY ITT-LF05A080L27QY Datasheet
201Kb / 2P
   Precision Snap-acting Reset Switches
logo
C&K Components
LF CK-COMPONENTS-LF Datasheet
302Kb / 3P
   Precision Snap-acting Reset Switches
MMGGD1P0C CK-COMPONENTS-MMGGD1P0C Datasheet
261Kb / 3P
   Subminiature Precision Snap-acting Switches
logo
ITT Industries
LCGGF5P00EC ITT-LCGGF5P00EC Datasheet
273Kb / 4P
   Subminiature Precision Snap-acting Switches
logo
C&K Components
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
   Subminiature Precision Snap-acting Switches
LC CK-COMPONENTS-LC Datasheet
417Kb / 4P
   Small Size Precision Snap-acting Switches
MM CK-COMPONENTS-MM Datasheet
527Kb / 3P
   Mini Size Precision Snap-acting Switches
24 Mar 21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com