Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E215J50AB322 Datasheet(PDF) 4 Page - ITT Industries

Part # E215J50AB322
Description  Sealed Miniature Rocker and Lever Handle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E215J50AB322 Datasheet(HTML) 4 Page - ITT Industries

  E215J50AB322 Datasheet HTML 1Page - ITT Industries E215J50AB322 Datasheet HTML 2Page - ITT Industries E215J50AB322 Datasheet HTML 3Page - ITT Industries E215J50AB322 Datasheet HTML 4Page - ITT Industries E215J50AB322 Datasheet HTML 5Page - ITT Industries E215J50AB322 Datasheet HTML 6Page - ITT Industries E215J50AB322 Datasheet HTML 7Page - ITT Industries E215J50AB322 Datasheet HTML 8Page - ITT Industries E215J50AB322 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
H–29
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K E Series
Sealed Miniature Rocker and Lever Handle Switches
ACTUATOR–REAR MOUNT
PANEL MOUNTING
Actuator finish: Matte, frame finish: gloss.
Other colors, custom actuator markings
and legends available, consult Customer
Service Center.
NOTE: Internal o-ring actuator seal standard.
Actuators & frames available separately, see
page H-37. Hardware available seperately, see
Technical Data section of this catalog. N. J11
& J21 actuators available with C, Z & Z3 ter-
minations.
2
BLACK
FRAME COLOR
OPTION
CODE
ACTUATOR–PC MOUNT
Finish: Matte. Other colors, custom actuator
markings and legends available, consult
Customer Service Center.
NOTE: Hardware: two each—mounting
screws, nuts, lockwashers and standoffs for
1/8 inch thick panel are supplied standard on
switches with panel mounting bracket. Internal
o-ring actuator seal standard. Actuators
available separately, see page H-37. Hardware
available seperately, see Technical Data sec-
tion of this catalog. J1, J2 actuators available
with A, A3, AV2, AV3, V2-V61 terminations.
ACTUATOR COLOR
ACTUATOR
FRAME COLOR
ACTUATOR
ACTUATOR COLOR
J11
ROCKER WITH FRAME
J21
LEVER WITH FRAME
J1
ROCKER
J2
LEVER
NOTE: This option has reduced anti-static capability.
NOTE: This option has reduced anti-static capability.
H
2
BLACK
3
RED
ACTUATOR
COLOR
OPTION
CODE
2
BLACK
3
RED
ACTUATOR
COLOR
OPTION
CODE


Similar Part No. - E215J50AB322

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E215 GILWAY-E215 Datasheet
71Kb / 2P
   Rectangular LEDs
logo
MicroPower Direct, LLC
E215 MPD-E215 Datasheet
175Kb / 2P
   Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
C&K Components
E215 CK-COMPONENTS-E215 Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
E215 CK-COMPONENTS-E215 Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E215 CK-COMPONENTS-E215 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results

Similar Description - E215J50AB322

ManufacturerPart #DatasheetDescription
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E105J1ABE2 CK-COMPONENTS-E105J1ABE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E101J1V3BE2 CK-COMPONENTS-E101J1V3BE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U11J26ZQE22 CK-COMPONENTS-U11J26ZQE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com