Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH103A Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # AH103A
Description  High Gain, High Linearity 쩍-Watt Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH103A Datasheet(HTML) 3 Page - WJ Communication. Inc.

  AH103A Datasheet HTML 1Page - WJ Communication. Inc. AH103A Datasheet HTML 2Page - WJ Communication. Inc. AH103A Datasheet HTML 3Page - WJ Communication. Inc. AH103A Datasheet HTML 4Page - WJ Communication. Inc. AH103A Datasheet HTML 5Page - WJ Communication. Inc. AH103A Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 6 March 2005
The Communications Edge
TM
AH103A
High Gain, High Linearity ½-Watt Amplifier
Product Information
Application Circuit: 700 – 1000 MHz (AH103AG-PCB900)
Typical RF Performance at 25
°C
Frequency
900 MHz
Gain
29.1 dB
Input Return Loss
20 dB
Output Return Loss
19 dB
Output IP3
+46 dBm
Output P1dB
+27 dBm
IS-95A Ch. Power
@ -45 dBc ACPR
+20.7 dBm
Noise Figure
2.5 dB
Supply Voltage
+9
Supply Current
275 mA
Notes:
1.
A voltage regulator is used in this circuit (U2) to drop the +9 V to a +5 V usable supply for the first internal amplifier. It is permissible to remove the
regulator and operate the 1
st amplifier stage directly off of +5 V supply onto Test Point 1 (TP1). The use of a +5 V supply on the 1st amplifier stage
requires a dropping resistor of 6.8
Ω. A +4.5 V supply can also be used to bypass the 6.8 Ω and can be applied to Test Point 2 (TP2).
S-Parameters
26
27
28
29
30
31
700
750
800
850
900
950
1000
Frequency (MHz)
-25
-20
-15
-10
-5
0
S21
S11
S22
Wideband S-Parameters
-30
-20
-10
0
10
20
30
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
S21
S11
S22
Noise Figure
0
1
2
3
4
5
700
750
800
850
900
950
1000
Frequency (MHz)
Output IP3
38
40
42
44
46
48
6
8
10
12
14
16
Outpu Power per tone (dBm)
ACPR vs. Channel Power
IS-95, 9 Ch. Fwd, ±885 kHz offset, 30 kHz Meas BW, 900 MHz
-80
-70
-60
-50
-40
14
16
18
20
22
Output Channel Power (dBm)


Similar Part No. - AH103A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH103A-G TRIQUINT-AH103A-G Datasheet
306Kb / 6P
   High Gain, High Linearity Watt Amplifier
AH103A-PCB1900 TRIQUINT-AH103A-PCB1900 Datasheet
306Kb / 6P
   High Gain, High Linearity Watt Amplifier
AH103A-PCB2140 TRIQUINT-AH103A-PCB2140 Datasheet
306Kb / 6P
   High Gain, High Linearity Watt Amplifier
AH103A-PCB900 TRIQUINT-AH103A-PCB900 Datasheet
306Kb / 6P
   High Gain, High Linearity Watt Amplifier
AH103A TRIQUINT-AH103A_15 Datasheet
306Kb / 6P
   High Gain, High Linearity Watt Amplifier
More results

Similar Description - AH103A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH103 ETC-AH103 Datasheet
103Kb / 1P
   High Gain, High Linearity 쩍 Watt Amplifier
AH1031 ETC-AH1031 Datasheet
202Kb / 6P
   High Gain, High Linearity 쩍 Watt Amplifier
logo
WJ Communication. Inc.
AH115 WJCI-AH115 Datasheet
422Kb / 5P
   쩍 Watt, High Linearity InGaP HBT Amplifier
ECP052D WJCI-ECP052D_06 Datasheet
369Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
AH116 WJCI-AH116 Datasheet
361Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH103A TRIQUINT-AH103A_15 Datasheet
306Kb / 6P
   High Gain, High Linearity Watt Amplifier
logo
Broadcom Corporation.
DEMO-MGA-30X16 BOARDCOM-DEMO-MGA-30X16 Datasheet
311Kb / 17P
   쩍 Watt High Linearity Amplifi er
logo
Qorvo, Inc
QPA9119 QORVO-QPA9119 Datasheet
999Kb / 14P
   쩍 W High Linearity Amplifier
April 26, 2021
logo
TriQuint Semiconductor
QPA9119 TRIQUINT-QPA9119 Datasheet
939Kb / 12P
   쩍 W High Linearity Amplifier
logo
Broadcom Corporation.
MGA-30216 BOARDCOM-MGA-30216 Datasheet
217Kb / 14P
   1.7-2.7GHz 쩍 Watt High Linearity Amplifi er
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com