Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH31-PCB240 Datasheet(PDF) 8 Page - WJ Communication. Inc.

Part # AH31-PCB240
Description  High Dynamic Range IF Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH31-PCB240 Datasheet(HTML) 8 Page - WJ Communication. Inc.

  AH31-PCB240 Datasheet HTML 1Page - WJ Communication. Inc. AH31-PCB240 Datasheet HTML 2Page - WJ Communication. Inc. AH31-PCB240 Datasheet HTML 3Page - WJ Communication. Inc. AH31-PCB240 Datasheet HTML 4Page - WJ Communication. Inc. AH31-PCB240 Datasheet HTML 5Page - WJ Communication. Inc. AH31-PCB240 Datasheet HTML 6Page - WJ Communication. Inc. AH31-PCB240 Datasheet HTML 7Page - WJ Communication. Inc. AH31-PCB240 Datasheet HTML 8Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
February 2004
AH31
High Dynamic Range IF Amplifier
Product Information
Outline Drawing
Land Pattern
Product Marking
The component will be marked with an “AH31”
designator with a four-digit alphanumeric lot code
on the top surface of the package. Tape and reel
specifications for this part is located on the website
in the “Application Notes” section.
ESD / MSL Information
ESD Classification: Class 1B
Value:
Passes at 600 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Classification: Class IV
Value:
Passes at 1000 V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating:
Level 3 at +225
°C convection reflow
Standard:
JEDEC Standard J-STD-020A
Mounting Configuration Notes
1. Ground / thermal vias are critical for the proper performance of this device. Vias should use a .35mm (#80/.0135”) diameter drill and have a final plated
thru diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via region contacts the heatsink.
4. Do not put solder mask on the backside of the PC board in the region where the board contacts the heatsink.
5. RF trace width depends upon the PC board material and construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are in degrees.


Similar Part No. - AH31-PCB240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH31-PCB240 ETC-AH31-PCB240 Datasheet
323Kb / 9P
   High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH31-PCB240 WJCI-AH31-PCB240 Datasheet
326Kb / 7P
   High Dynamic Range IF Amplifier
More results

Similar Description - AH31-PCB240

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH31-G TRIQUINT-AH31-G_15 Datasheet
664Kb / 7P
   High Dynamic Range IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier
MAAM-009116 MA-COM-MAAM-009116_15 Datasheet
847Kb / 5P
   High Dynamic Range IF Amplifier
logo
List of Unclassifed Man...
AH31 ETC-AH31 Datasheet
323Kb / 9P
   High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH31 WJCI-AH31 Datasheet
326Kb / 7P
   High Dynamic Range IF Amplifier
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
   High Dynamic Range Monolithic IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier 50 - 1000 MHz
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
   High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com