Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECG014B Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # ECG014B
Description  0.2 Watt, High Linearity InGaP HBT Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECG014B Datasheet(HTML) 3 Page - WJ Communication. Inc.

  ECG014B Datasheet HTML 1Page - WJ Communication. Inc. ECG014B Datasheet HTML 2Page - WJ Communication. Inc. ECG014B Datasheet HTML 3Page - WJ Communication. Inc. ECG014B Datasheet HTML 4Page - WJ Communication. Inc. ECG014B Datasheet HTML 5Page - WJ Communication. Inc. ECG014B Datasheet HTML 6Page - WJ Communication. Inc. ECG014B Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
.
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 7 June 2005
AH110 / ECG014
0.2 Watt, High Linearity InGaP HBT Amplifier
Product Information
900 MHz Application Circuit (AH110-89PCB900)
Typical RF Performance at 25
°°°°C
∗ Please see note 2 on page 1.
RES
ID=R3
R=220 Ohm
CAP
ID=C4
C=56 pF
CAP
ID=C5
C=56 pF
CAP
ID=C1
C=56 pF
IND
ID=L2
L=33 nH
RES
ID=R1
R=30 Ohm
IND
ID=L1
L=10 nH
CAP
ID=C2
C=1000 pF
CAP
CAP
ID=C6
C=56 pF
RES
ID=R4
R=22 Ohm
DIODE1
ID=D1
CAP
ID=C8
C=0.8 pF
CAP
ID=C7
C=5.6 pF
RES
ID=R5
R=50 Ohm
RES
ID=R2
R=390 Ohm
SUBCKT
NET="AH110"
PORT
P=2
Z=50 Ohm
PORT
P=1
Z=50 Ohm
+8 V
ID=C3
C=.1uF
a system using a DC regulator.
boards. It is not specifically required in the final circuit layout in
The diode D1 is used as over-voltage protection on the evaluation
8.2 v
C7 is placed at silkscreen marker ‘C’ or center of component placed at 5.6 deg. @ 900 MHz away from pin 1. C8 is
placed at 22 deg. @ 900 MHz away from pin 3.
S21 vs. Frequency
16
18
20
22
24
840
860
880
900
920
940
Frequency (MHz)
+25°C
+85°C
-40°C
S11 vs. Frequency
-40
-35
-30
-25
-20
-15
-10
-5
0
840
860
880
900
920
940
Frequency (MHz)
+25°C
+85°C
-40°C
S22 vs. Frequency
-25
-20
-15
-10
-5
0
840
860
880
900
920
940
Frequency (MHz)
+25°C
+85°C
-40°C
Noise Figure vs. Frequency
0
2
4
6
8
840
860
880
900
920
940
Frequency (MHz)
+25°C
+85°C
-40°C
P1 dB vs. Frequency
20
21
22
23
24
25
840
860
880
900
920
940
Frequency (MHz)
+25°C
+85°C
-40°C
ACPR vs. Channel Power
IS-95, 9 Ch. Fwd, ±885 KHz offset, 30 KHz Meas. BW, 900 MHz
-70
-65
-60
-55
-50
-45
-40
12
13
14
15
16
17
18
Output Channel Power (dBm)
+25°C
+85°C
-40°C
OIP3 vs. Frequency
+25°C, +9 dBm / tone
30
32
34
36
38
40
42
840
860
880
900
920
940
Frequency (MHz)
OIP3 vs. Temperature
Fre. = 900, 901 MHz, +9 dBm / tone
32
34
36
38
40
42
-40
-15
10
35
60
85
Temperature (°C)
OIP3 vs. Output Power
Freq. = 900, 901 MHz, +25°C
32
34
36
38
40
42
6
7
8
9
10
11
12
13
14
Output Power (dBm)
Frequency
900 MHz
S21 – Gain
20.5 dB
S11 – Input Return Loss
-20 dB
S22 – Output Return Loss
-9.5 dB
Output P1dB
+22.8 dBm
Output IP3
(+9 dBm / tone, 1 MHz spacing)
+39 dBm
Channel Power
(@-45 dBc ACPR, IS-95 9 channels fwd)
+17 dBm
Noise Figure
5 dB
Device Voltage
+5 V
Quiescent Current
100 mA


Similar Part No. - ECG014B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECG014B ETC-ECG014B Datasheet
183Kb / 5P
   0.2 Watt, High Linearity InGaP HBT Amplifier
ECG014B-PCB1900 ETC-ECG014B-PCB1900 Datasheet
183Kb / 5P
   0.2 Watt, High Linearity InGaP HBT Amplifier
ECG014B-PCB900 ETC-ECG014B-PCB900 Datasheet
183Kb / 5P
   0.2 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - ECG014B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH110 ETC-AH110 Datasheet
355Kb / 6P
   0.2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH110 WJCI-AH110 Datasheet
321Kb / 5P
   0.2 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
ECG014 ETC-ECG014 Datasheet
183Kb / 5P
   0.2 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECG015 WJCI-ECG015 Datasheet
207Kb / 5P
   쩌 Watt, High Linearity InGaP HBT Amplifier
ECP052D WJCI-ECP052D_06 Datasheet
369Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
   1 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
ECG012 ETC-ECG012 Datasheet
298Kb / 5P
   0.1 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH116 WJCI-AH116 Datasheet
361Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com