Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH116-S8 Datasheet(PDF) 6 Page - WJ Communication. Inc.

Part # AH116-S8
Description  1/2 Watt, High Linearity InGaP HBT Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH116-S8 Datasheet(HTML) 6 Page - WJ Communication. Inc.

  AH116-S8 Datasheet HTML 1Page - WJ Communication. Inc. AH116-S8 Datasheet HTML 2Page - WJ Communication. Inc. AH116-S8 Datasheet HTML 3Page - WJ Communication. Inc. AH116-S8 Datasheet HTML 4Page - WJ Communication. Inc. AH116-S8 Datasheet HTML 5Page - WJ Communication. Inc. AH116-S8 Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 6 of 6
May 2005
AH116 / ECP052G
½ Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
ECP052G (SOIC-8 Package) Mechanical Information
This package may contain lead-bearing materials. The plating material on the leads is SnPb.
Outline Drawing
Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature
-40 to +85
° C
Thermal Resistance, Rth (1)
62
° C / W
Junction Temperature, Tjc (2)
162
° C
Notes:
1. The thermal resistance is referenced from the junction-
to-case at a case temperature of 85
° C. Tjc is a
function of the voltage at pins 6 and 7 and the current
applied to pins 6, 7, and 8 and can be calculated by:
Tjc = Tcase + Rth * Vcc * Icc
2. This corresponds to the typical biasing condition of
+5V, 250 mA at an 85
° C case temperature. A
minimum MTTF of 1 million hours is achieved for
junction temperatures below 247
° C.
Product Marking
The component will be marked with an
“ECP052G” designator with an alphanumeric lot
code on the top surface of the package.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating: Class 1B
Value:
Passes between 500 and 1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating: Level 3 at +235
° C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper performance of this
device. Vias should use a .35mm (#80 / .0135”) diameter drill and
have a final plated thru diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer layers near the
part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board to a
heatsink. Ensure that the ground / thermal via region contacts the
heatsink.
4. Do not put solder mask on the backside of the PC board in the
region where the board contacts the heatsink.
5. RF trace width depends upon the PC board material and
construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are in degrees.
MTTF vs. GNDTab Temperature
100
1000
10000
100000
60
70
80
90
100
110
120
Tab Temperature (°C)


Similar Part No. - AH116-S8

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH116-S8G WJCI-AH116-S8G Datasheet
361Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
AH116-S8PCB900 WJCI-AH116-S8PCB900 Datasheet
361Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - AH116-S8

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP050D WJCI-ECP050D Datasheet
489Kb / 5P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH115 ETC-AH115 Datasheet
577Kb / 7P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP052 WJCI-ECP052 Datasheet
225Kb / 5P
   1/2 Watt, High Linearity InGaP HBT Amplifier
ECP053 WJCI-ECP053 Datasheet
146Kb / 3P
   1/2 Watt, High Linearity InGaP HBT Amplifier
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
AH215 WJCI-AH215 Datasheet
330Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
AH312 WJCI-AH312 Datasheet
356Kb / 7P
   2 Watt, High Linearity InGaP HBT Amplifier
ECP203 WJCI-ECP203 Datasheet
194Kb / 3P
   2 Watt, High Linearity InGaP HBT Amplifier
ECP200D WJCI-ECP200D Datasheet
319Kb / 6P
   2 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com