Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMDVB1-9PL1K Datasheet(PDF) 3 Page - ITT Industries

Part # RMDVB1-9PL1K
Description  Micro-D Plastic Shell - .050 Contact Spacing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RMDVB1-9PL1K Datasheet(HTML) 3 Page - ITT Industries

  RMDVB1-9PL1K Datasheet HTML 1Page - ITT Industries RMDVB1-9PL1K Datasheet HTML 2Page - ITT Industries RMDVB1-9PL1K Datasheet HTML 3Page - ITT Industries RMDVB1-9PL1K Datasheet HTML 4Page - ITT Industries RMDVB1-9PL1K Datasheet HTML 5Page - ITT Industries RMDVB1-9PL1K Datasheet HTML 6Page - ITT Industries RMDVB1-9PL1K Datasheet HTML 7Page - ITT Industries RMDVB1-9PL1K Datasheet HTML 8Page - ITT Industries RMDVB1-9PL1K Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
30
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Micro-D Plastic Shell - .050" Contact Spacing
MD*B-PCB
MD*B-PCB connectors use standard MD*B all
plastic shells and are designed for use with
flex circuitry, printed circuit and multi-layer
boards. They are easily mounted and soldered
and provide high density/high reliability in
board-to-board and board-to-cable applica-
tions. While being similar to the MDM-PCB
connectors, the MD*B-PCB connectors are all
plastic, extremely small, and lightweight yet
rugged enough for use in the most demanding
applications.
MD*B-PCB connectors are available in
seven shell sizes with 9 to 51 contacts in the
popular 90° narrow profile PCB termination,
with a variety of tail lengths for varying board
thickness.
How to Order
SERIES
CONTACT ARRANGEMENT
CONTACT TYPE
C
TERMINATION TYPE
T
HARDWARE
H
TERMINATION TAIL LENGTH
T
MODIFICATION CODES
C
(Consult Factory)
M
MD*B
-
-
37 S CBR *
* * *
L39
RoHS COMPLIANCE
R
Jackpost mounting for use with locking hard-
ware is also available.
If the connectors shown in the catalog do
not meet the requirements of your applica-
tions, a special shape, size or layout using
the basic all plastic shell can be made avail-
able. For further technical and applications
information, contact customer service.
CONNECTOR SERIES
MDVB, MDB
CONNECTOR ARRANGEMENT
9, 15, 21, 25, 31, 51
CONTACT TYPE
S = Socket
P = Pin
TERMINATION TYPE
CBR = 90° Narrow Profile PCB Terminations
HARDWARE
P = Jackpost
M7 = Jackposts, M635135-07
No Letter = Less Hardware
TERMINATION TAIL LENGTH CODES
NONE – .109 (2.77) ± 0.15 (0.38) Standard
L61
– .125 (3.18)
L66
– .150 (3.81)
L57
– .190 (4.83)
L39
– .250 (6.35)
L58
– .375 (9.52)


Similar Part No. - RMDVB1-9PL1K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMDVB1-9PL1K

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
Glenair, Inc.
MWDL-9P-4K1-18 GLENAIR-MWDL-9P-4K1-18 Datasheet
391Kb / 2P
   Micro-D Plastic Shell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com