Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECP050D-G Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # ECP050D-G
Description  1/2 Watt, High Linearity InGaP HBT Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP050D-G Datasheet(HTML) 4 Page - WJ Communication. Inc.

  ECP050D-G Datasheet HTML 1Page - WJ Communication. Inc. ECP050D-G Datasheet HTML 2Page - WJ Communication. Inc. ECP050D-G Datasheet HTML 3Page - WJ Communication. Inc. ECP050D-G Datasheet HTML 4Page - WJ Communication. Inc. ECP050D-G Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 4 of 5
April 2006
ECP050D
½ Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
2140 MHz Application Circuit (ECP050D-PCB2140)
Typical RF Performance at 25
qC
CAP
ID=C1
C=56 pF
CAP
ID= C2
C=56 pF
C AP
ID =C3
C =56 pF
CAP
ID=C 4
C=1e7 pF
C AP
ID=C6
C =10 pF
CAP
ID= C7
C=1000 pF
CAP
ID=C8
C=0.8 pF
IND
ID=L1
L=18 nH
RES
ID=C 11
R=0 Ohm
CAP
ID=C9
C= 1.8 pF
RES
ID =R1
R=100 Ohm
CAP
ID=C5
C=1000 pF
RES
ID= R2
R=22 Ohm
RES
ID =R3
R=51 Ohm
TLIN P
ID=TL1
Z0=50 Ohm
L=275 mil
Eeff=3.16
Loss=0
F0=0 GHz
TLIN P
ID=TL2
Z0= 50 Ohm
L=225 mil
Eeff=3.16
Loss= 0
F0= 0 GHz
1
2
3
4
5
6
7
8
9
10
11
12
1 3
14
1 5
16
SUBC KT
I D=ECP50D
N ET="QFN"
PORT
P=1
Z=50 Ohm
PORT
P=2
Z=50 Ohm
All passive components are size 0603 unless otherwise noted.
C8 should be placed at silk screen marker "F"on the
WJ evaluation board as shown.
C9 should be placed at silk screen markers "4"
on WJ evaluation board as shown.
+5.6V Zener
Vsupply = +5V
size 1008
The transmission line lengths are from the edge of the device
pins to the center of the component.
S21 vs. Frequency
6
8
10
12
14
16
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
+25°C
+85°C
-40°C
S11 vs. Frequency
-25
-20
-15
-10
-5
0
2110 2120
2130
2140
2150 2160
2170
Frequency (MHz)
+25°C
+85°C
-40°C
S22 vs. Frequency
-25
-20
-15
-10
-5
0
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
+25°C
+85°C
-40°C
Noise Figure vs. Frequency
0
1
2
3
4
5
6
7
8
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
+ 25°C
+85°C
-40°C
ACPR vs. Channel Power
3GPP W-CDMA Test Model 1+64 DPCH, ±5 MHz offset, 2140 MHz
-65
-60
-55
-50
-45
-40
-35
15
16
17
18
19
20
21
Output Channel Power (dBm)
+25°C
+85°C
-40°C
P1 dB vs. Frequency
20
22
24
26
28
30
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
+25°C
+85°C
-40°C
OIP3 vs. Frequency
+25°C, +11 dBm / tone
35
37
39
41
43
45
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
OIP3 vs. Temperature
freq. = 2140, 2141, +11 dBm / tone
35
37
39
41
43
45
-40
-15
10
35
60
85
Temperature ( °C)
OIP3 vs. Output Power
freq. = 2140, 2141 MHz, 25°C
35
37
39
41
43
45
6
8
10
12
14
16
18
20
Output Power (dBm)
Frequency
2140 MHz
S21 – Gain
14.4 dB
S11 – Input Return Loss
-23 dB
S22 – Output Return Loss
-8 dB
Output P1dB
+28.5 dBm
Output IP3
(+11 dBm / tone, 1 MHz spacing)
+42 dBm
W-CDMA Channel Power
(@-45 dBc ACLR)
+20 dBm
Noise Figure
5.3 dB
Device / Supply Voltage
+5 V
Quiescent Current
250 mA


Similar Part No. - ECP050D-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECP050G ETC-ECP050G Datasheet
577Kb / 7P
   1/2 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - ECP050D-G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH115 ETC-AH115 Datasheet
577Kb / 7P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP052 WJCI-ECP052 Datasheet
225Kb / 5P
   1/2 Watt, High Linearity InGaP HBT Amplifier
ECP053 WJCI-ECP053 Datasheet
146Kb / 3P
   1/2 Watt, High Linearity InGaP HBT Amplifier
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
AH215 WJCI-AH215 Datasheet
330Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
AH312 WJCI-AH312 Datasheet
356Kb / 7P
   2 Watt, High Linearity InGaP HBT Amplifier
ECP203 WJCI-ECP203 Datasheet
194Kb / 3P
   2 Watt, High Linearity InGaP HBT Amplifier
ECP200D WJCI-ECP200D Datasheet
319Kb / 6P
   2 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com