Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E107J1AK322 Datasheet(PDF) 6 Page - ITT Industries

Part # E107J1AK322
Description  Sealed Miniature Rocker and Lever Handle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E107J1AK322 Datasheet(HTML) 6 Page - ITT Industries

Back Button E107J1AK322 Datasheet HTML 2Page - ITT Industries E107J1AK322 Datasheet HTML 3Page - ITT Industries E107J1AK322 Datasheet HTML 4Page - ITT Industries E107J1AK322 Datasheet HTML 5Page - ITT Industries E107J1AK322 Datasheet HTML 6Page - ITT Industries E107J1AK322 Datasheet HTML 7Page - ITT Industries E107J1AK322 Datasheet HTML 8Page - ITT Industries E107J1AK322 Datasheet HTML 9Page - ITT Industries E107J1AK322 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
H–31
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K E Series
Sealed Miniature Rocker and Lever Handle Switches
TERMINATIONS
PC MOUNTING
PC MOUNTING
Actuator Shown In Pos. 1
SECTION A-A
Actuator Shown In Pos. 1
SECTION A-A
A3
RIGHT ANGLE, SNAP-IN, PC THRU-HOLE
A
RIGHT ANGLE, PC THRU-HOLE
A3
RIGHT ANGLE, SNAP-IN, PC THRU-HOLE
A
RIGHT ANGLE, PC THRU-HOLE
SPDT thru 3PDT
Z3
QUICK CONNECT
NOTE: Not available with J3 actuator.
Available actuators, see pages H-28 and H-30.
Terminal bend radii and lead-in manufacturing option.
NOTE: Not available with J3, J50, J60 and J90 actuators.
Available actuators, see pages H-28 thru H-30.
Terminal bend radii and lead-in manufacturing option.
Not available with K, L, P, S, & R or M contact materials. Available
actuators, see pages H-28 thru H-30. Mating quick connector
available; order part number 530100000, page H-38.
NOTE: PC mounting pattern must clear
switch support leg.
E101J1ABE2
Horizontal Actuation
SPDT
E201J1ABE2
Horizontal Actuation
DPDT
H


Similar Part No. - E107J1AK322

ManufacturerPart #DatasheetDescription
logo
C&K Components
E107 CK-COMPONENTS-E107 Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
E107 CK-COMPONENTS-E107 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E107 CK-COMPONENTS-E107 Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
logo
ETAL Group
E1072-100-DC24V-3A ETAL-E1072-100-DC24V-3A Datasheet
177Kb / 4P
   PLC controllable electronic switching amplifier (max. 3 A) with additional protective and control functions for DC 24 V loads (e.g.solenoids, magnetic brakes, electromagnetic clutches, monitoring and indicator lamps).
logo
C&K Components
E107L3D1ABE CK-COMPONENTS-E107L3D1ABE Datasheet
610Kb / 8P
   E Series Sealed Miniature Toggle Switches
More results

Similar Description - E107J1AK322

ManufacturerPart #DatasheetDescription
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E105J1ABE2 CK-COMPONENTS-E105J1ABE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E101J1V3BE2 CK-COMPONENTS-E101J1V3BE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U11J26ZQE22 CK-COMPONENTS-U11J26ZQE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com