Electronic Components Datasheet Search |
|
AH202-PCB900 Datasheet(PDF) 9 Page - WJ Communication. Inc. |
|
AH202-PCB900 Datasheet(HTML) 9 Page - WJ Communication. Inc. |
9 / 9 page Specifications and information are subject to change without notice WJ Communications, Inc Phone 1-800-WJ1-4401 FAX: 408-577-6621 e-mail: sales@wj.com Web site: www.wj.com Page 9 of 9 August 2005 Rev 2 AH202 1W High Linearity Amplifier Product Information The Communications Edge TM AH202 Mechanical Information This package is lead-free/RoHS-compliant. It is compatible with both lead-free (maximum 260 qC reflow temperature) and leaded (maximum 245 qC reflow temperature) soldering processes. The plating material on the pins is annealed matte tin over copper. Outline Drawing Mounting Configuration / Land Pattern Thermal Specifications Parameter Rating Operating Case Temperature -40 to +85 qC Thermal Resistance, Rth (1) 17.5 qC / W Junction Temperature, Tjc (2) 152 qC 1. The thermal resistance is referenced from the hottest part of the junction to the backside copper paddle. 2. This corresponds to the typical biasing condition of +11V, 350 mA at an 85 C case temperature. A minimum MTTF of 1 million hours is achieved for junction temperatures below 160 C. Product Marking The component will be lasermarked with a “ AH202F” product label with an alphanumeric lot code on the top surface of the package. Tape and reel specifications for this part will be located on the website in the “ Application Notes” section. ESD / MSL Information ESD Rating: Class 1B Value: Passes between 500 and 1000V Test: Human Body Model (HBM) Standard: JEDEC Standard JESD22-A114 ESD Rating: Class III Value: Passes between 500 and 1000V Test: Charged Device Model (CDM) Standard: JEDEC Standard JESD22-C101 MSL Rating: Level 2 at +260 C convection reflow Standard: JEDEC Standard J-STD-020 Functional Pin Layout Pin FUNCTION Pin FUNCTION 1 GND or N/C 15 GND or N/C 2 GND or N/C 16 GND or N/C 3 RF Input 17 GND or N/C 4 GND or N/C 18 GND or N/C 5 GND or N/C 19 RF Output 6 GND or N/C 20 GND or N/C 7 No Connect 21 GND or N/C 8 GND or N/C 22 GND or N/C 9 GND or N/C 23 GND or N/C 10 GND or N/C 24 GND or N/C 11 GND or N/C 25 GND or N/C 12 GND or N/C 26 GND or N/C 13 GND or N/C 27 GND or N/C 14 GND or N/C 28 GND or N/C Backside paddle is RF and DC ground. Pin 7 is required to be not connected or grounded for the AH202 to be functional. MTTF vs. GND Tab Temperature 0 1 10 100 60 70 80 90 100 110 Tab Temperature (°C) |
Similar Part No. - AH202-PCB900 |
|
Similar Description - AH202-PCB900 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |