Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH22S-PCB Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # AH22S-PCB
Description  High Dynamic Range CATV Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH22S-PCB Datasheet(HTML) 3 Page - WJ Communication. Inc.

  AH22S-PCB Datasheet HTML 1Page - WJ Communication. Inc. AH22S-PCB Datasheet HTML 2Page - WJ Communication. Inc. AH22S-PCB Datasheet HTML 3Page - WJ Communication. Inc. AH22S-PCB Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 3 of 4 April 2006
The Communications Edge TM
AH22S
High Dynamic Range CATV Amplifier
Product Information
75
: Push-Pull Application Circuit
Circuit Board Material: .062” total thickness with a .028” FR4 top RF layer ( r=4.8),
4 total layers (other layers added for rigidity), 1 oz copper
Typical RF Performance at 25
qC
Frequency
MHz
50
250
450
860
Gain
dB
11.3
11.1
11.1
11.1
Input R.L.
dB
10.6
10.4
11.6
15.8
Output R.L.
dB
17.1
15.4
15.4
18.2
CTB
dBc
-75
-74
-74
CSO
dBc
-73
-86
-77
XMOD
dBc
-63
-63
-63
Output P1dB
dBm
+25.9
+26
+25.5 +24.7
Output IP2
dBm
+79
+77
+77
+76
Output IP3
dBm
+43
+45
+42
+42
Noise Figure
dB
6.1
4.6
4.5
4.2
Device Current
mA
320
Device Voltage
V
+5
1. Balun, board, and connector losses have not been extracted, but typically account of
0.4 dB loss midband and 1.1 dB loss at 860 MHz.
2. CSO, CTB, & XMOD are measured at +39 dBmV/channel, 77 channels Flat Loading.
3. OIP2 is measured at f1 + f2 at 8 dBm / tone.
4. OIP3 is measured at 8 dBm / tone with 10 MHz spacing.
C=
ID=
1000 pF
C6
C=
ID=
1000 pF
C7
R=
ID=
560 Ohm
R1
R=
ID=
560 Ohm
R2
C=
ID=
100 pF
C3
CAP
C=
ID=
100 pF
C4
L=
ID=
470 nH
L4
L=
ID=
470 nH
L5
C=
ID=
1000 pF
C5
C=
ID=
1000 pF
C8
L=
ID=
5.6 nH
L2
L=
ID=
5.6 nH
L3
C=
ID=
1.5 pF
C1
C=
ID=
1.5 pF
C2
o
o
1 : n1
1
2
3
4
XFMR
ID=L1
o
o
1
:
n1
1
2
3
4
XFMR
ID=L6
+5 V
AH22S
+5 V
The transformers, L1 and L6, used on the WJ evaluation board are handwound baluns using these materials: 6
turns bifilar wire (MWS B2383211) around a ferrite core (TDK, H5C2-T3.1-1.3-1.3). An SMT transformer
(M/A Com ETC1-1-13) can also be used.
Gain
7
8
9
10
11
12
0
200
400
600
800
1000
Frequency (MHz)
Return Loss
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
Frequency (MHz)
S11
S22
Noise Figure
2
3
4
5
6
7
0
200
400
600
800
1000
Frequency (MHz)
CSO, CTB, & XMOD
+39 dBmV / channel, 77 channel flat loading
-90
-80
-70
-60
-50
0
100
200
300
400
500
600
Frequency (MHz)
XMOD
CTB
CSO


Similar Part No. - AH22S-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH22S-PCB TRIQUINT-AH22S-PCB Datasheet
165Kb / 4P
   High Dynamic Range CATV Amplifier
More results

Similar Description - AH22S-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH22S TRIQUINT-AH22S_15 Datasheet
165Kb / 4P
   High Dynamic Range CATV Amplifier
logo
List of Unclassifed Man...
AH22 ETC-AH22 Datasheet
92Kb / 5P
   High Dynamic Range CATV Amplifier
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
List of Unclassifed Man...
HE389A ETC1-HE389A Datasheet
97Kb / 1P
   High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH2 TRIQUINT-AH2_15 Datasheet
190Kb / 5P
   High Dynamic Range Amplifier
AH1-G TRIQUINT-AH1-G_15 Datasheet
655Kb / 5P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH2 WJCI-AH2 Datasheet
393Kb / 5P
   High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com