Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG402-86PCB Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # AG402-86PCB
Description  InGaP HBT Gain Block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AG402-86PCB Datasheet(HTML) 5 Page - WJ Communication. Inc.

  AG402-86PCB Datasheet HTML 1Page - WJ Communication. Inc. AG402-86PCB Datasheet HTML 2Page - WJ Communication. Inc. AG402-86PCB Datasheet HTML 3Page - WJ Communication. Inc. AG402-86PCB Datasheet HTML 4Page - WJ Communication. Inc. AG402-86PCB Datasheet HTML 5Page - WJ Communication. Inc. AG402-86PCB Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 5 of 6 June 2005
AG402-86
InGaP HBT Gain Block
Product Information
The Communications Edge TM
AG402-86 (SOT-86 Package) Mechanical Information
This package may contain lead-bearing materials. The plating material on the leads is SnPb.
Outline Drawing
Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature
-40 to +85
qC
Thermal Resistance, Rth (1)
216
qC/W
Junction Temperature, Tjc (2)
149
qC
1. The thermal resistance is referenced from the hottest part
of the junction to the ground lead (pin 2 or 4).
2. This corresponds to the typical biasing condition of
+4.91V, 60 mA at an 85 C case temperature. A
minimum MTTF of 1 million hours is achieved for
junction temperatures below 177 C.
Product Marking
The component will be marked with an “F”
designator followed by a two-digit numeric
lot code on the top surface of the package.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
MSL / ESD Rating
ESD Rating: Class 0
Value:
Passes at 150 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class II
Value:
Passes at 250 V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating: Level 1
Standard:
JEDEC Standard J-STD-020A
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper performance
of this device. Vias should use a .35mm (#80 / .0135” )
diameter drill and have a final plated thru diameter of .25 mm
(.010” ).
2. Add as much copper as possible to inner and outer layers near
the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the
board to a heatsink. Ensure that the ground / thermal via
region contacts the heatsink.
4. Do not put solder mask on the backside of the PC board in the
region where the board contacts the heatsink.
5. RF trace width depends upon the PC board material and
construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are in
degrees.


Similar Part No. - AG402-86PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG402-86PCB WJCI-AG402-86PCB Datasheet
482Kb / 6P
   InGaP HBT Gain Block
AG402-86PCB WJCI-AG402-86PCB Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG402-86PCB TRIQUINT-AG402-86PCB Datasheet
227Kb / 5P
   Lead-free/green/RoHS-compliant SOT-363 package
More results

Similar Description - AG402-86PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com