Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA-M10L-L Datasheet(PDF) 1 Page - TDK Electronics

Part # CXA-M10L-L
Description  On-board type, Non-dimming, 6W, For 1 and 2 bulbs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CXA-M10L-L Datasheet(HTML) 1 Page - TDK Electronics

  CXA-M10L-L Datasheet HTML 1Page - TDK Electronics CXA-M10L-L Datasheet HTML 2Page - TDK Electronics CXA-M10L-L Datasheet HTML 3Page - TDK Electronics CXA-M10L-L Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
On-board type, Non-dimming, 6W, For 1 and 2 bulbs
CXA-M10A-L/-M10L-L/-M10M-L
TDK DC-AC Inverter
A435_CXAM10
(1/4)
FEATURES
• The CXA-M10 series inverters for 2-cold cathode fluorescent
lamps support a wide range of CCFL devices and are
characterized by highly stable output current.
• Employing a resonance-type push-pull circuit, these inverters
deliver sine wave output with very low noise levels.
• Through the use of four different connection methods and
combinations of 1 and 2 lamps, different output currents can be
selected.
• Compact, lightweight printed circuit board design.
• High efficiency (typically 80%).
APPLICATIONS
Industrial and other equipment employing LCD panels, products
employing small lamps, information terminal devices.
TEMPERATURE AND HUMIDITY RANGES
Temperature range
Operating
–10 to +60
(°C)
Storage
–20 to +85
Humidity range(%)RH
95max.
[Maximum wet-bulb temperature 38°C]
SHAPES AND DIMENSIONS
CXA-M10A-L/-M10L-L/-M10M-L
CIRCUIT DIAGRAMS
CONNECTION A
CONNECTION B
CONNECTION C
CONNECTION D
1 Terminal numbers 2 and 5 are connected by the jumper.
Cut this jumper to let the secondary side float with respect
to the primary side.
2 High-voltage generator (The entire surface within
a range of 30mm away from the end of the base
in the output)
29max.
10.16±0.2 10.16±0.2
24±0.2
0.5±0.2
Bottom View
Weight: 21g typ.
Dimensions in mm
1
2
3
54
14.5max.
5min.
5-ø0.8±0.1
or 5- 0.64±0.07
2max.
Vin
1
2
3
4
RL
(CCFL)
5
1
2
3
4
RL
(CCFL)
5
Vin
1
2
3
4
RL
(CCFL)
5
Vin
1
2
3
4
RL
(CCFL)
RL
(CCFL)
5
Vin
TERMINAL NUMBERS AND FUNCTIONS
Terminal No.
Functions
CXA-M10A-L
CXA-M10L-L
CXA-M10M-L
Symbol
1
Input voltage Edc
0 to 6V
0 to 14.4V
0 to 28.8V
Vin
5V[nom.]
12V[nom.]
24V[nom.]
2
0V0V0VGND
3
Output 1[High voltage] Irms
5mA
5mA
5mA
VHIGH1
4
Output 2[High voltage] Irms
5mA
5mA
5mA
VHIGH2
5
Output[Low voltage]
0V
0V
0V
VLOW
All specifications are subject to change without notice.


Similar Part No. - CXA-M10L-L

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CXA-M10L-L POWER-SYSTEMS-CXA-M10L-L Datasheet
132Kb / 4P
   DC-AC INVERTER UNIT 6W SINGLE & DUAL OUTPUTS, PCB MOUNTABLE
More results

Similar Description - CXA-M10L-L

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CXA-P10A-P TDK-CXA-P10A-P Datasheet
46Kb / 4P
   On-board type, Non-dimming, 9W, For 1 and 2 bulbs
CXA-M14L-P TDK-CXA-M14L-P Datasheet
43Kb / 2P
   On-board type, Non-dimming, 8.4W, For 1 and 2 bulbs
CXA-P1212-VJL TDK-CXA-P1212-VJL Datasheet
66Kb / 2P
   Connector type, Dimming, 7W, For 2 bulbs
CXA-P1212A-WJL TDK-CXA-P1212A-WJL Datasheet
85Kb / 2P
   DC to AC Inverters Connector type, Dimming, 8W, For 2 Bulbs
CXA-M1112-VJ TDK-CXA-M1112-VJ Datasheet
65Kb / 2P
   DC to AC Inverters Connector type, Dimming, 7W, For 2 Bulbs
CXA-0217 TDK-CXA-0217 Datasheet
60Kb / 2P
   DC to AC Inverters Connector type, Dimming, 7W, for 2 Bulbs
CXA-M1212-RJL TDK-CXA-M1212-RJL Datasheet
74Kb / 2P
   DC to AC Inverters Connector type, Dimming, 5W, For 2 Bulbs
CXA-L0505-NJL TDK-CXA-L0505-NJL Datasheet
184Kb / 2P
   Non-dimming/Connector Type
CXA-L0524-NJL TDK-CXA-L0524-NJL Datasheet
184Kb / 2P
   Non-dimming/Connector Type
CXA-L0512-NJL TDK-CXA-L0512-NJL Datasheet
184Kb / 2P
   Non-dimming/Connector Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com