Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7356BRUZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7356BRUZ
Description  Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356BRUZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7356BRUZ Datasheet HTML 3Page - Analog Devices AD7356BRUZ Datasheet HTML 4Page - Analog Devices AD7356BRUZ Datasheet HTML 5Page - Analog Devices AD7356BRUZ Datasheet HTML 6Page - Analog Devices AD7356BRUZ Datasheet HTML 7Page - Analog Devices AD7356BRUZ Datasheet HTML 8Page - Analog Devices AD7356BRUZ Datasheet HTML 9Page - Analog Devices AD7356BRUZ Datasheet HTML 10Page - Analog Devices AD7356BRUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Preliminary Technical Data
AD7356
Rev. PrC | Page 7 of 18
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
12
13
14
15
16
11
10
9
VINA-
REFA
REFGND
VINB-
REFB
AGND
VINA+
SCLK
SDATAA
SDATAB
CS
AGND
DGND
VINB+
VDD
VDRIVE
AD7356
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
9
VDD
Power Supply Input. The VDD range for the AD7356 is 2.5V +/- 5%. The supply should be decoupled to AGND
with a 0.1 µF capacitor and a 10 µF tantalum capacitor.
16
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the interface will
operate. This pin should be decoupled to DGND. The voltage at this pin may be different to that at VDD.
10
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the
AD7356 and framing the serial data transfer.
15
SCLK
Serial Clock. Logic input. A serial clock input provides the SCLK for accessing the data from the AD7356. This
clock is also used as the clock source for the conversion process.
14,13
SDATAA,
SDATAB
Serial Data Outputs. The data output is supplied to each pin as a serial data stream. The bits are clocked out on
the falling edge of the SCLK input. 14 SCLK falling edges are required to access the 12 bits of data from the
AD7356. The data simultaneously appears on both data output pins from the simultaneous conversions of
both ADCs. The data stream consists of two leading zeros followed by the 12 bits of conversion data. The data
is provided MSB first. If CS is held low for 16 SCLK cycles rather than 14 on the AD7356, then two trailing zeros
will appear after the 12 bits of data. If CS is held low for a further 16 SCLK cycles on either SDATAA or SDATAB ,
the data from the other ADC follows on the SDATA pin. This allows data from a simultaneous conversion on
both ADCs to be gathered in serial format on either SDATAA or SDATAB using only one serial port.
12
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7356. This pin should
connect to the DGND plane of a system. The DGND and AGND voltages should ideally be at the same potential
and must not be more than 0.3 V apart, even on a transient basis.
5, 11
AGND
Analog Ground. This is the ground reference point for all analog circuitry on the AD7356. All analog input
signals and should be referred to this AGND voltage. The AGND and DGND voltages should ideally be at the
same potential and must not be more than 0.3 V apart, even on a transient basis.
4
REFGND
Reference Ground. This is the ground reference point for the reference circuitry on the AD7356 Any external
reference signal should be referred to this REFGND voltage. Decoupling capacitors must be placed between
this pin and the REFA and REFB pins.
3, 6
REFA, REFB
Reference decoupling capacitor pins. Decoupling capacitors are connected between these pins and the
REFGND pin to decouple the reference buffer for each respective ADC. It is recommended to decouple the
each reference pin with a 10µF capacitor. Provided the output is buffered, the on-chip reference can be taken
from these pins and applied externally to the rest of the system. The nominal internal reference voltage is
2.048V and this appears at these pins. These pins can also be overdriven by an external reference. The input
voltage range for the external reference is 2.048+100mV to Vdd.
1, 2
VINA+, VINA-
Analog Inputs of ADC A. These analog inputs form a fully differential pair.
7, 8
VINB+, VINB-
Analog Inputs of ADC B. These analog inputs form a fully differential pair.


Similar Part No. - AD7356BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7356BRUZ AD-AD7356BRUZ Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356BRUZ AD-AD7356BRUZ Datasheet
606Kb / 21P
   Differential Input, Dual, Simultaneous Sampling
AD7356BRUZ-500RL7 AD-AD7356BRUZ-500RL7 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356BRUZ-500RL7 AD-AD7356BRUZ-500RL7 Datasheet
606Kb / 21P
   Differential Input, Dual, Simultaneous Sampling
AD7356BRUZ-RL AD-AD7356BRUZ-RL Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results

Similar Description - AD7356BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
logo
Analog Devices
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265BCPZ AD-AD7265BCPZ Datasheet
690Kb / 28P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com