Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8677AUJZ-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # AD8677AUJZ-REEL
Description  130 uV Maximum Offset Voltage Op Amp in TSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8677AUJZ-REEL Datasheet(HTML) 3 Page - Analog Devices

  AD8677AUJZ-REEL Datasheet HTML 1Page - Analog Devices AD8677AUJZ-REEL Datasheet HTML 2Page - Analog Devices AD8677AUJZ-REEL Datasheet HTML 3Page - Analog Devices AD8677AUJZ-REEL Datasheet HTML 4Page - Analog Devices AD8677AUJZ-REEL Datasheet HTML 5Page - Analog Devices AD8677AUJZ-REEL Datasheet HTML 6Page - Analog Devices AD8677AUJZ-REEL Datasheet HTML 7Page - Analog Devices AD8677AUJZ-REEL Datasheet HTML 8Page - Analog Devices AD8677AUJZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8677
Rev. 0 | Page 3 of 16
SPECIFICATIONS
V
S = ±5.0 V, TA = +25°C, unless otherwise specified.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
40
130
μV
−40°C
≤ TA ≤ +125°C
350
μV
Input Bias Current
I
B
0.2
1
nA
−40°C
≤ TA ≤ +125°C
1
nA
Input Offset Current
IOS
0.1
1
nA
−40°C
≤ TA ≤ +125°C
1
nA
Input Voltage Range
−3.5
+3.5
V
Common-Mode Rejection Ratio
CMRR
VCM = ±3 V
120
127
dB
−40°C
≤ TA ≤ +125°C
120
dB
Open-Loop Gain
AVO
RL = 2 k
Ω to ground, V
O
= ±3 V
1000
10000
V/mV
−40°C
≤ TA ≤ +125°C
1000
V/mV
ΔV
OS
/
ΔT
−40°C
≤ TA ≤ +125°C
0.5
1.4
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing
VOUT
RL = 10 k
Ω to ground
±3.95
±4.1
V
−40°C
≤ TA ≤ +125°C
±3.95
V
RL = 2 k
Ω to ground
±3.9
±4
V
−40°C
≤ TA ≤ +125°C
±3.9
V
Short-Circuit Limit
ISC
27
mA
Output Current
IO
VO = 3.5 V
15
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS =
±4.0 V to ±18.0 V
115
130
dB
−40°C
≤ TA ≤ +125°C
110
dB
Supply Current/Amplifier
ISY
VO = 0 V
1.1
1.25
mA
−40°C
≤ TA ≤ +125°C
1.7
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 k
Ω
0.2
V/μs
Gain Bandwidth Product
GBP
0.6
MHz
Phase Margin
80
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.28
μV p-p
Voltage Noise Density
en
f = 1 kHz
10
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.074
pA/
√Hz


Similar Part No. - AD8677AUJZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8677AUJZ-REEL AD-AD8677AUJZ-REEL Datasheet
358Kb / 17P
   130 關V Maximum Offset Voltage Op Amp in TSOT
AD8677AUJZ-REEL7 AD-AD8677AUJZ-REEL7 Datasheet
358Kb / 17P
   130 關V Maximum Offset Voltage Op Amp in TSOT
More results

Similar Description - AD8677AUJZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8677 AD-AD8677_16 Datasheet
358Kb / 17P
   130 關V Maximum Offset Voltage Op Amp in TSOT
OP07D AD-OP07D_15 Datasheet
251Kb / 16P
   150 V Maximum Offset Voltage Op Amp
AD8677 AD-AD8677_15 Datasheet
328Kb / 16P
   130 V Maximum Offset Voltage
REV. A
OP07D AD-OP07D_16 Datasheet
286Kb / 17P
   150 關V Maximum Offset Voltage Op Amp
OP07D AD-OP07D Datasheet
339Kb / 16P
   150 關V Maximum Offset Voltage Op Amp
REV. 0
AD708 AD-AD708_06 Datasheet
351Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
AMPAD708 AD-AMPAD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708 AD-AD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708 AD-AD708_15 Datasheet
352Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
logo
Texas Instruments
OPA191 TI1-OPA191 Datasheet
2Mb / 45P
[Old version datasheet]   Low Offset Voltage, Low Input Bias Current Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com