Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8677AUJZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8677AUJZ-REEL7
Description  130 uV Maximum Offset Voltage Op Amp in TSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8677AUJZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  AD8677AUJZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8677AUJZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8677AUJZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8677AUJZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8677AUJZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8677AUJZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8677AUJZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8677AUJZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8677AUJZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
130 μV Maximum Offset Voltage
Op Amp in TSOT
AD8677
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
PIN CONFIGURATIONS
AD8677
TOP VIEW
(Not to Scale)
1
2
3
OUT
V–
+IN
5
4
V+
–IN
Low offset voltage: 130 μV max
Input offset drift: 1.5 μV/°C max
Low noise: 0.25 μV p-p
High gain, CMRR and PSRR: 115 dB min
Low supply current: 1.1 mA
Figure 1. 5-Lead TSOT (UJ-5)
Wide supply voltage range:
±4 V to ±18 V operation
NC = NO CONNECT
AD8677
TOP VIEW
(Not to Scale)
1
2
3
4
NULL
–IN
+IN
V–
8
7
6
5
NULL
V+
OUT
NC
APPLICATIONS
Medical and industrial instrumentation
Sensors and controls
Thermocouple
RTDs
Figure 2. 8-Lead SOIC_N (R-8)
Strain bridges
Shunt current measurements
Precision filters
GENERAL DESCRIPTION
The AD8677 is the next generation of precision, ultralow offset
amplifiers. It builds on the high performance of the OP07 and
integrates lower power (1.1 mA typical), lower input bias
current (±1 nA maximum), and higher CMRR/PSRR (130 dB)
in the small TSOT package. Operation is fully specified from ±5
V to ±15 V supply.
The AD8677 provides higher accuracy than industry-standard
OP07-type amplifiers due to Analog Devices’ iPolar™ process,
which supports enhanced performance in a smaller footprint.
These performance enhancements include wider output swing,
lower power, and higher CMRR (common-mode rejection
ratio) and PSRR (power supply rejection ratio). The AD8677
maintains stability of offsets and gain virtually regardless of
variations in time or temperature. Excellent linearity and gain
accuracy can be maintained at high closed-loop gains.
The AD8677 is fully specified over the extended industrial tem-
perature range of −40°C to +125°C. The AD8677 amplifier is
available in the tiny, 5-lead TSOT and the popular 8-lead,
narrow SOIC lead-free packages.


Similar Part No. - AD8677AUJZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8677AUJZ-REEL7 AD-AD8677AUJZ-REEL7 Datasheet
358Kb / 17P
   130 關V Maximum Offset Voltage Op Amp in TSOT
More results

Similar Description - AD8677AUJZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8677 AD-AD8677_16 Datasheet
358Kb / 17P
   130 關V Maximum Offset Voltage Op Amp in TSOT
OP07D AD-OP07D_15 Datasheet
251Kb / 16P
   150 V Maximum Offset Voltage Op Amp
AD8677 AD-AD8677_15 Datasheet
328Kb / 16P
   130 V Maximum Offset Voltage
REV. A
OP07D AD-OP07D_16 Datasheet
286Kb / 17P
   150 關V Maximum Offset Voltage Op Amp
OP07D AD-OP07D Datasheet
339Kb / 16P
   150 關V Maximum Offset Voltage Op Amp
REV. 0
AD708 AD-AD708_06 Datasheet
351Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
AMPAD708 AD-AMPAD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708 AD-AD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708 AD-AD708_15 Datasheet
352Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
logo
Texas Instruments
OPA191 TI1-OPA191 Datasheet
2Mb / 45P
[Old version datasheet]   Low Offset Voltage, Low Input Bias Current Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com