Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VMX51C900-25-Q-G Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VMX51C900-25-Q-G
Description  Versa Mix 8051 MCU with LCD Controller and ADC
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VMX51C900-25-Q-G Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VMX51C900-25-Q-G Datasheet HTML 1Page - List of Unclassifed Manufacturers VMX51C900-25-Q-G Datasheet HTML 2Page - List of Unclassifed Manufacturers VMX51C900-25-Q-G Datasheet HTML 3Page - List of Unclassifed Manufacturers VMX51C900-25-Q-G Datasheet HTML 4Page - List of Unclassifed Manufacturers VMX51C900-25-Q-G Datasheet HTML 5Page - List of Unclassifed Manufacturers VMX51C900-25-Q-G Datasheet HTML 6Page - List of Unclassifed Manufacturers VMX51C900-25-Q-G Datasheet HTML 7Page - List of Unclassifed Manufacturers VMX51C900-25-Q-G Datasheet HTML 8Page - List of Unclassifed Manufacturers VMX51C900-25-Q-G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
VMX51C900
_______________________________________________________________________________________________
www.ramtron.com
page 4 of 55
Pin Descriptions for QFP-44
TABLE 2: PIN DESCRIPTIONS FOR QFP-44
PLCC
- 44
Name
I/O
Function
PWMB
O
PWM Channel B
1
P1.5
I/O
Bit 5 of Port 1
2
P1.6
I/O
Bit 6 of Port 1
3
P1.7
I/O
Bit 7 of Port 1
4
RES
I
Reset
RXD
I
Receive Data
5
P3.0
I/O
Bit 0 of Port 3
6
P4.3
I/O
Bit 3 of Port 4
TXD
O
Transmit Data &
7
P3.1
I/O
Bit 1 of Port 3
#INT0
I
External Interrupt 0
8
P3.2
I/O
Bit 2 of Port 3
#INT1
I
External Interrupt 1
9
P3.3
I/O
Bit 3 of Port 3
ADCIN0
Ain
ADC input 0
T0
I
Timer 0
10
P3.4
I/O
Bit 4 of Port 3
ADCIN1
Ain
ADC input 1
T1
I
Timer 1 & 3
11
P3.5
I/O
Bit 5 of Port
ADCIN2
Ain
ADC input 2
#WR
O
Ext. Memory Write
12
P3.6
I/O
Bit 6 of Port 3
ADCIN3
Ain
ADC input 3
#RD
O
Ext. Memory Read
13
P3.7
I/O
Bit 7 of Port 3
14
XTAL2
O
Oscillator/Crystal Output
15
XTAL1
I
Oscillator/Crystal In
16
VSS
-
Ground
17
P4.0
I/O
Bit 0 of Port 4
LCDCOM0
-
LCD Driver Common 0
P2.0
I/O
Bit 0 of Port 2
18
A8
O
Bit 8 of Ext. Memory Address
LCDCOM1
-
LCD Driver Common 1
P2.1
I/O
Bit 1 of Port 2
19
A9
O
Bit 9 of Ext. Memory Address
LCDCOM2
-
LCD Driver Common 2
P2.2
I/O
Bit 2 of Port 2
20
A10
O
Bit 10 of Ext. Memory Address
LCDCOM3
-
LCD Driver Common 3
P2.3
I/O
Bit 3 of Port 2 &
21
A11
O
Bit 11 of Ext. Memory Address
LCDSEG0
-
LCD Segment 0
P2.4
I/O
Bit 4 of Port 2
22
A12
O
Bit 12 of Ext. Memory Address
LCDSEG1
-
LCD Segment 1
P2.5
I/O
Bit 5 of Port 2
23
A13
O
Bit 13 of External Memory Address
LCDSEG2
-
LCD Segment 2
P2.6
I/O
Bit 6 of Port 2
24
A14
O
Bit 14 of External Memory Address
LCDSEG3
-
LCD Segment 3
P2.7
I/O
Bit 7 of Port 2
25
A15
O
Bit 15 of External Memory Address
LCDSEG4
-
LCD Segment 4
26
#PSEN
O
Program Store Enable
LCDSEG5
-
LCD Segment 5
27
ALE
O
Address Latch Enable
PLCC
- 44
Name
I/O
Function
28
P4.1
I/O
Bit 1 of Port 4
29
#EA
I
External Access
LCDSEG6
-
LCD Segment 6
P0.7
I/O
Bit 7 Of Port 0
30
AD7
I/O
Data/Address Bit 7 of Ext. Memory
LCDSEG7
-
LCD Segment 7
P0.6
I/O
Bit 6 of Port 0
31
AD6
I/O
Data/Address Bit 6 of Ext. Memory
LCDSEG8
-
LCD Segment 8
P0.5
I/O
Bit 5 of Port 0
32
AD5
I/O
Data/Address Bit 5 of Ext. Memory
LCDSEG9
-
LCD Segment 9
P0.4
I/O
Bit 4 of Port 0
33
AD4
I/O
Data/Address Bit 4 of Ext. Memory
LCDSEG10
-
LCD Segment 10
P0.3
I/O
Bit 3 Of Port 0
34
AD3
I/O
Data/Address Bit 3 of Ext. Memory
LCDSEG11
-
LCD Segment 11
P0.2
I/O
Bit 2 of Port 0
35
AD2
I/O
Data/Address Bit 2 of Ext. Memory
LCDSEG12
-
LCD Segment 12
P0. 1
I/O
Bit 1 of Port 0 & Data
36
AD1
I/O
Address Bit 1 of Ext. Memory
LCDSEG13
-
LCD Segment 13
P0.0
I/O
Bit 0 Of Port 0 & Data
37
AD0
I/O
Address Bit 0 of Ext. Memory
38
VDD
-
5V supply
39
P4.2
I/O
Bit 2 of Port 4
T2
I
Timer 2 Clock Out
40
P1.0
I/O
Bit 0 of Port 1
T2EX
I
Timer 2 Control
41
P1.1
I/O
Bit 1 of Port 1
P1.2
I/O
Bit 2 of Port 1
42
PWMA
O
PWM Channel A
43
P1.3
I/O
Bit 3 of Port 1
44
P1.4
I/O
Bit 4 of Port 1
1
44
11
12
22
23
33
34
VMX51C900
QFP-44
P3.7/#RD/ADCIN3
P3.6/#WR/ADCIN2
XTAL1
XTAL2
P4.0
VSS
P2.1/A9/LCDCOM1
P2.0/A8/LCDCOM0
P2.3/A11/LCDCOM3
P2.2/A10/LCDCOM2
P2.4/A12/LCDSEG0
P1.3
P1.4
T2EX/P1.1
PWMA/P1.2
P4.2
PWM0/T2/P1.0
LCDSEG13/AD0/P0.0
VDD
LCDSEG11/AD2/P0.2
LCDSEG12/AD1/P0.1
LCDSEG10/AD3/P0.3


Similar Part No. - VMX51C900-25-Q-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VMX51C1016-14-QC ETC1-VMX51C1016-14-QC Datasheet
3Mb / 76P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C1016-14-QCG ETC1-VMX51C1016-14-QCG Datasheet
3Mb / 76P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C1020-14-Q-C ETC1-VMX51C1020-14-Q-C Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C1020-14-Q-C-G ETC1-VMX51C1020-14-Q-C-G Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C1020-14-Q-C-X ETC1-VMX51C1020-14-Q-C-X Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
More results

Similar Description - VMX51C900-25-Q-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VMX1C1016 ETC1-VMX1C1016 Datasheet
3Mb / 76P
   Versa Mix 8051 Mixed-Signal MCU
VMX1C1020 ETC1-VMX1C1020 Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
logo
Ramtron International C...
VRS51L2070 RAMTRON-VRS51L2070 Datasheet
3Mb / 99P
   High-Performance Versa 8051 MCU
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
logo
SINOWEALTH Electronic L...
SH79F3252 SINOWEALTH-SH79F3252 Datasheet
1Mb / 112P
   Enhanced 8051 Microcontroller with 10bit ADC and LCD
V2.0
logo
Ramtron International C...
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
JA32050 ETC-JA32050 Datasheet
305Kb / 19P
   8-Bit MCU,ADC,LCD Controller
VRS51X570 ETC1-VRS51X570 Datasheet
2Mb / 49P
   Versa 8051 MCUs with 32/64KB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com