Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WEDPNF8M722V-1010BM Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WEDPNF8M722V-1010BM
Description  8Mx72 Synchronous DRAM 16Mb Flash Mixed Module Multi-Chip Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPNF8M722V-1010BM Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WEDPNF8M722V-1010BM Datasheet HTML 2Page - White Electronic Designs Corporation WEDPNF8M722V-1010BM Datasheet HTML 3Page - White Electronic Designs Corporation WEDPNF8M722V-1010BM Datasheet HTML 4Page - White Electronic Designs Corporation WEDPNF8M722V-1010BM Datasheet HTML 5Page - White Electronic Designs Corporation WEDPNF8M722V-1010BM Datasheet HTML 6Page - White Electronic Designs Corporation WEDPNF8M722V-1010BM Datasheet HTML 7Page - White Electronic Designs Corporation WEDPNF8M722V-1010BM Datasheet HTML 8Page - White Electronic Designs Corporation WEDPNF8M722V-1010BM Datasheet HTML 9Page - White Electronic Designs Corporation WEDPNF8M722V-1010BM Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
6
6
6
6
White Electronic Designs Corporation • Phoenix AZ • (602) 437-1520
White Electronic Designs
WEDPNF8M722V-XBX
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS (NOTES 1, 3)
(VCC = +3.3V ±0.3V; TA = -55°C TO +125°C)
Parameter/Condition
Parameter/Condition
Parameter/Condition
Parameter/Condition
Parameter/Condition
Symbol
Symbol
Symbol
Symbol
Symbol
Units
Units
Units
Units
Units
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Supply Voltage
VCC
3
3.6
V
Input High Voltage: Logic 1; All inputs (4)
VIH
0.7 x Vcc
VCC + 0.3
V
Input Low Voltage: Logic 0; All inputs (4)
VIL
-0.3
0.8
V
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
Input Leakage Current: Any input 0V - VIN - VCC
II
-5
5
µA
(All other pins not under test = 0V)
SDRAM Input Leakage Address Current
(All other pins not under test = 0V)
II
-25
25
µA
SDRAM Output Leakage Current: I/Os are disabled; 0V - VOUT - VCC
IOZ
-5
5
µA
SDRAM Output High Voltage (IOUT = -4mA)
VOH
2.4
V
SDRAM Output Low Voltage (IOUT = 4mA)
VOL
0.4
V
Flash
Flash
Flash
Flash
Flash
Flash Input Leakage Current (VCC = 3.6, VIN = GND or VCC)
ILI
10
µA
Flash Output Leakage Current (VCC = 3.6, VIN = GND or VCC)
ILOx8
10
µA
Flash Output High Voltage (IOH = -2.0 mA, VCC = 3.0)
VOH1
0.85 X VCC
V
Flash Output Low Voltage (IOL = 5.8 mA, VCC = 3.0)
VOL
0.45
V
Flash Low VCC Lock-Out Voltage (5)
VLKO
2.3
2.5
V
NOTES:
1. All voltages referenced to VSS.
2. This parameter is not tested but guaranteed by design. f = 1 MHz, TA = 25°C.
3. An initial pause of 100ms is required after power-up, followed by two AUTO REFRESH commands, before proper device operation is ensured. (VCC must be
powered up simultaneously.) The two AUTO REFRESH command wake-ups should be repeated any time the tREF refresh requirement is exceeded.
4. VIH overshoot: VIH (MAX) = VCC + 2V for a pulse width
≤ 3ns, and the pulse width cannot be greater than one third of the cycle rate. VIL undershoot: VIL
(MIN) = -2V for a pulse width
≤ 3ns.
5. Guaranteed by design, but not tested.
ABSOLUTE MAXIMUM RATINGS
P
PP
PParameter
arameter
arameter
arameter
arameter
Unit
Unit
Unit
Unit
Unit
Supply Voltage Range (VCC)
-0.5 to +4.0
V
Signal Voltage Range
-0.5 to Vcc +0.5
V
Operating Temperature TA (Mil)
-55 to +125
°C
Operating Temperature TA (Ind)
-40 to +85
°C
Storage Temperature, Plastic
-65 to +150
°C
Flash Endurance (write/erase cycles)
1,000,000 min.
cycles
NOTE:
NOTE:
NOTE:
NOTE:
NOTE:
Stress greater than those listed under "Absolute Maximum Ratings" may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions greater than those
indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect reliability.
SDRAM CAPACITANCE (NOTE 2)
P
PP
PParameter
arameter
arameter
arameter
arameter
Symbol
Symbol
Symbol
Symbol
Symbol
Max
Max
Max
Max
Max
Unit
Unit
Unit
Unit
Unit
Input Capacitance: CLK
CI1
8pF
SDRAM Addresses, BA0-1 Input Capacitance
CA
32
pF
InputCapacitance:Allotherinput-onlypins
CI2
8pF
Input/Output Capacitance: I/Os
CIO
12
pF
Flash Address Capacitance
FA
15
pF
Flash Data Capacitance
FD
10
pF
FOE, FWE, RST
20
pF
FLASH DATA RETENTION
Parameter
Parameter
Parameter
Parameter
Parameter
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Min
Min
Min
Min
Min
Unit
Unit
Unit
Unit
Unit
Minimum Pattern Data
150°C
10
Years
Retention Time
125°C
20
Years


Similar Part No. - WEDPNF8M722V-1010BM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WEDPNF8M721V-1010BC ETC-WEDPNF8M721V-1010BC Datasheet
1Mb / 42P
   8Mx72 Synchronous DRAM 8Mb Flash Mixed Module Multi-Chip Package
WEDPNF8M721V-1010BI ETC-WEDPNF8M721V-1010BI Datasheet
1Mb / 42P
   8Mx72 Synchronous DRAM 8Mb Flash Mixed Module Multi-Chip Package
WEDPNF8M721V-1010BM ETC-WEDPNF8M721V-1010BM Datasheet
1Mb / 42P
   8Mx72 Synchronous DRAM 8Mb Flash Mixed Module Multi-Chip Package
WEDPNF8M721V-1012BC ETC-WEDPNF8M721V-1012BC Datasheet
1Mb / 42P
   8Mx72 Synchronous DRAM 8Mb Flash Mixed Module Multi-Chip Package
WEDPNF8M721V-1012BI ETC-WEDPNF8M721V-1012BI Datasheet
1Mb / 42P
   8Mx72 Synchronous DRAM 8Mb Flash Mixed Module Multi-Chip Package
More results

Similar Description - WEDPNF8M722V-1010BM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WEDPNF8M721V-XBX ETC-WEDPNF8M721V-XBX Datasheet
1Mb / 42P
   8Mx72 Synchronous DRAM 8Mb Flash Mixed Module Multi-Chip Package
logo
White Electronic Design...
WEDPN8M72V-XB2X WEDC-WEDPN8M72V-XB2X Datasheet
401Kb / 13P
   8Mx72 Synchronous DRAM
logo
List of Unclassifed Man...
EM481M1622VTA ETC2-EM481M1622VTA Datasheet
822Kb / 18P
   16Mb ( 2Banks ) Synchronous DRAM
logo
Eorex Corporation
EM481M1622VTC EOREX-EM481M1622VTC Datasheet
699Kb / 18P
   16Mb (512K횞2Bank횞16) Synchronous DRAM
logo
Toshiba Semiconductor
TH50VSF3680 TOSHIBA-TH50VSF3680 Datasheet
585Kb / 55P
   SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
TH50VSF2580AASB TOSHIBA-TH50VSF2580AASB Datasheet
546Kb / 50P
   SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
TH50VSF2582 TOSHIBA-TH50VSF2582 Datasheet
548Kb / 50P
   SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
logo
Micron Technology
MT8LSDT3264AY MICRON-MT8LSDT3264AY Datasheet
525Kb / 28P
   Synchronous DRAM Module
MT18LSDT12872AG MICRON-MT18LSDT12872AG Datasheet
979Kb / 29P
   Synchronous DRAM Module
MT9LSDT1672AY MICRON-MT9LSDT1672AY Datasheet
677Kb / 26P
   SYNCHRONOUS DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com