Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRS51L540-25-PG Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VRS51L540-25-PG
Description  Versa 8051 MCU with 4KB Flash
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VRS51L540-25-PG Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VRS51L540-25-PG Datasheet HTML 3Page - List of Unclassifed Manufacturers VRS51L540-25-PG Datasheet HTML 4Page - List of Unclassifed Manufacturers VRS51L540-25-PG Datasheet HTML 5Page - List of Unclassifed Manufacturers VRS51L540-25-PG Datasheet HTML 6Page - List of Unclassifed Manufacturers VRS51L540-25-PG Datasheet HTML 7Page - List of Unclassifed Manufacturers VRS51L540-25-PG Datasheet HTML 8Page - List of Unclassifed Manufacturers VRS51L540-25-PG Datasheet HTML 9Page - List of Unclassifed Manufacturers VRS51L540-25-PG Datasheet HTML 10Page - List of Unclassifed Manufacturers VRS51L540-25-PG Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
VRS51x540
______________________________________________________________________________________________
www.ramtron.com
page 7 of 40
Program Memory Structure
Program Memory
The VRS51x540 includes 4k of on-chip Program Flash
memory.
FIGURE 3: VRS51X540 INTERNAL PROGRAM MEMORY
VRS51x540
Flash Memory
(4K Bytes)
0000h
FFFh
Program Status Word Register
The PSW register is a bit addressable register that
contains the status flags (CY, AC, OV, P), user flag
(F0) and register bank select bits (RS1, RS0) of the
8051 processor.
TABLE 7: PROGRAM STATUS WORD REGISTER (PSW) - SFR DOH
7
6
5
4
3
2
1
0
CY
AC
F0
RS1
RS0
OV
-
P
Bit
Mnemonic
Description
7
CY
Carry Bit
6
AC
Auxiliary Carry Bit from bit 3 to 4.
5
F0
User flag
4
RS1
R0-R7 Registers bank select bit 0
3
RS0
R0-R7 Registers bank select bit 1
2
OV
Overflow flag
1
-
-
0
P
Parity flag
RS1
RS0
Active Bank
Address
0
0
0
00h-07h
0
1
1
08h-0Fh
1
0
2
10h-17h
1
1
3
18-1Fh
Data Pointer
The VRS51x540 has one 16-bit data pointer. The
DPTR is accessed through two SFR addresses: DPL
located at address 82h and DPH located at address
83h.
Data Memory
The VRS51x540 has a total of 128 Bytes of RAM
memory configured as the internal memory structure of
a standard 8051.
FIGURE 4: VRS51X540 DATA MEMORY
128 bytes RAM
(Can be accessed in indirect and
direct addressing mode)
SFR
(Direct addressing mode only)
128 bytes RAM
(indirect addressing only)
80h
FFh
7Fh
00h
Lower 128 bytes (00h to 7Fh, Bank 0 & Bank 1)
The lower 128 bytes of data memory (from 00h to 7Fh)
is summarized as follows:
• Address range 00h to 7Fh can be accessed in
direct and indirect addressing modes.
• Address range 00h to 1Fh includes R0-R7
registers area.
• Address range 20h to 2Fh is bit addressable.
• Address range 30h to 7Fh is not bit addressable
and can be used as general-purpose storage.
.
FIGURE 5: VRS51X540 INTERNAL RAM STRUCTURE
Registers Bank 0
R7
-
R0
Registers Bank 1
R7
-
R0
Registers Bank 2
R7
-
R0
Registers Bank 3
R7
-
R0
80 Bytes of
General Purpose RAM
00h
08h
10h
18h
20h
07
06
05
04
03
02
01
00
0F
0E
0D
0C
0B
0A
09
08
77
76
75
74
73
72
71
70
7F
7E
7D
7C
7B
7A
79
78
30h
SFR Area
Direct or Bit Access Only
80h
7Fh
2Fh
FFh
85
84
83
82
81
80
P0
SP
DPL
DPH
87
86


Similar Part No. - VRS51L540-25-PG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51L550-25-L ETC1-VRS51L550-25-L Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
VRS51L550-25-L-G ETC1-VRS51L550-25-L-G Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
VRS51L550-25-LG ETC1-VRS51L550-25-LG Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
VRS51L550-25-P ETC1-VRS51L550-25-P Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
VRS51L550-25-P-G ETC1-VRS51L550-25-P-G Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
More results

Similar Description - VRS51L540-25-PG

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
logo
Ramtron International C...
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
VRS51L2070 RAMTRON-VRS51L2070 Datasheet
3Mb / 99P
   High-Performance Versa 8051 MCU
logo
List of Unclassifed Man...
VRS51X550 ETC1-VRS51X550 Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
VMX1C1016 ETC1-VMX1C1016 Datasheet
3Mb / 76P
   Versa Mix 8051 Mixed-Signal MCU
VMX1C1020 ETC1-VMX1C1020 Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C900 ETC1-VMX51C900 Datasheet
2Mb / 55P
   Versa Mix 8051 MCU with LCD Controller and ADC
VRS700 ETC1-VRS700 Datasheet
700Kb / 45P
   VERSA 700: 64kB FLASH, 4kB RAM 23MHz, 3V, 8-Bit MCU
VRS51X570 ETC1-VRS51X570 Datasheet
2Mb / 49P
   Versa 8051 MCUs with 32/64KB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com