Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC07L2NZQF Datasheet(PDF) 2 Page - ITT Industries

Part # MC07L2NZQF
Description  Half-inch Rotary Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MC07L2NZQF Datasheet(HTML) 2 Page - ITT Industries

  MC07L2NZQF Datasheet HTML 1Page - ITT Industries MC07L2NZQF Datasheet HTML 2Page - ITT Industries MC07L2NZQF Datasheet HTML 3Page - ITT Industries MC07L2NZQF Datasheet HTML 4Page - ITT Industries MC07L2NZQF Datasheet HTML 5Page - ITT Industries MC07L2NZQF Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
L–13
L
C&K M Series
Half-inch Rotary Switches
SWITCH FUNCTION
L
DP MODELS 36º INDEXING
SCHEMATIC
DP MODELS 30º INDEXING
SCHEMATIC
SP MODELS 36º INDEXING
SCHEMATIC
SP MODELS 30º INDEXING
SCHEMATIC
Terminal Numbers Marked
On Side Of Housing
Actuator Shown In Pos. 1
SP, 36º Indexing
DP, 36º Indexing
Terminal Numbers Marked
On Side Of Housing
Actuator Shown In Pos. 1
SP, 30º Indexing
DP, 30º Indexing
6 Positions
MD06
6 Positions
No Stops
MH00
MD00
DP
12 Positions
MC12
7 Positions
MC07
3 Positions
MC03
12 Positions
No Stops
MG00
MC00
SP
SWITCH
FUNCTION
MODEL NO.
WITH STOP
RINGS
MODEL NO.
WITH STOP
PINS
NO.
POLES
30º INDEXING
All models
with all options when ordered with S1-SB stainless steel actuator options.
NOTE: Number of positions or stops preset at factory (NOTE: MX00 models have full 360 rotation with no stops. Stop pins or stop rings supplied for user-selectable stops, see above).
All terminals present regardless of number of switch positions. Hardware is available separately, see section “Technical Data and Additional Hardware”.
Part number shown: MA00L1NZQD
Part number shown: MC00L1NZQD
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
5 Positions
MB05
4 Positions
MB04
MB03
5 Positions
No Stops
MF00
MB00
DP
10 Positions
MA10
6 Positions
MA06
5 Positions
MA05
4 Positions
ME04
MA04
3 Positions
MA03
2 Positions
MA02
10 Positions
No Stops
ME00
MA00
SP
SWITCH
FUNCTION
MODEL NO.
WITH STOP
RINGS
MODEL NO.
WITH STOP
PINS
NO.
POLES
36º INDEXING
3 Positions


Similar Part No. - MC07L2NZQF

ManufacturerPart #DatasheetDescription
logo
C&K Components
MC07 CK-COMPONENTS-MC07 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
List of Unclassifed Man...
MC074 ETC1-MC074 Datasheet
212Kb / 4P
   MICROCOUPLERS FOR HYBRID CIRCUITS
logo
NXP Semiconductors
MC07XS3200 NXP-MC07XS3200 Datasheet
1Mb / 47P
   Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
MC07XS3200EK NXP-MC07XS3200EK Datasheet
1Mb / 47P
   Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
MC07XS6517 NXP-MC07XS6517 Datasheet
1,016Kb / 73P
   Triple 7.0 mOhm and Dual 17 mOhm High-side Switch
Rev. 4.0, 12/2017
More results

Similar Description - MC07L2NZQF

ManufacturerPart #DatasheetDescription
logo
C&K Components
MA00L1NZQD CK-COMPONENTS-MA00L1NZQD Datasheet
352Kb / 5P
   Half-inch Rotary Switches
M CK-COMPONENTS-M Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
KC1901 E-SWITCH-KC1901 Datasheet
94Kb / 1P
   ROTARY SWITCHES
logo
Allen-Bradley
440T-MRKSE10 ALLEN-BRADLEY-440T-MRKSE10 Datasheet
161Kb / 3P
   Rotary Switches
logo
Carling Technologies
R135-SERIES CARLINGTECH-R135-SERIES Datasheet
484Kb / 3P
   Rotary Switches
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS Datasheet
236Kb / 3P
   ROTARY SWITCHES
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com