Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF512K64-70G4WI5 Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # WF512K64-70G4WI5
Description  512Kx64 5V FLASH MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF512K64-70G4WI5 Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button WF512K64-70G4WI5 Datasheet HTML 2Page - White Electronic Designs Corporation WF512K64-70G4WI5 Datasheet HTML 3Page - White Electronic Designs Corporation WF512K64-70G4WI5 Datasheet HTML 4Page - White Electronic Designs Corporation WF512K64-70G4WI5 Datasheet HTML 5Page - White Electronic Designs Corporation WF512K64-70G4WI5 Datasheet HTML 6Page - White Electronic Designs Corporation WF512K64-70G4WI5 Datasheet HTML 7Page - White Electronic Designs Corporation WF512K64-70G4WI5 Datasheet HTML 8Page - White Electronic Designs Corporation WF512K64-70G4WI5 Datasheet HTML 9Page - White Electronic Designs Corporation WF512K64-70G4WI5 Datasheet HTML 10Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
White Electronic Designs Corporation • Phoenix, AZ • (602) 437-1520
VPP PROGRAMMING VOLTAGE
5 = 5V
DEVICE GRADE:
M = Military Screened
-55°C to +125°C
I = Industrial
-40°C to +85°C
C = Commercial
0°C to + 70°C
PACKAGE TYPE:
G4W = 116 Lead 40mm Ceramic Quad Flat Pack, CQFP (Package 504)
ACCESS TIME (ns)
ORGANIZATION, 512K x 64
User configurable as 1M x 32, 2M x 16 or 4M x 8
Flash
WHITE ELECTRONIC DESIGNS CORP.
ORDERING INFORMATION
PACKAGE 504: 116 LEAD, CERAMIC QUAD FLAT PACK, CQFP (G4W)
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
38 (1.50) REF
4 PLACES
0.38 (0.015)
± 0.08 (0.003)
68 PLACES
1.27 (0.050)
REF
5.1 (0.200)
± 0.25 (0.010)
4 PLACES
39.6 (1.56) ± 0.38 (0.015) SQ
12.7 (0.500)
± 0.5 (0.020)
4 PLACES
5.1 (0.200) MAX
0.25 (0.010)
± 0.05 (0.002)
1.27 (0.050)
± 0.1 (0.005)
PIN 1 IDENTIFIER
Pin 1
W F 512K64 - XXX G4W X 5
WF512K64-XG4WX5


Similar Part No. - WF512K64-70G4WI5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF512K16-120G4WC5 ETC1-WF512K16-120G4WC5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF512K16-120G4WI5 ETC1-WF512K16-120G4WI5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF512K16-120G4WM5 ETC1-WF512K16-120G4WM5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF512K16-150G4WC5 ETC1-WF512K16-150G4WC5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF512K16-150G4WI5 ETC1-WF512K16-150G4WI5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
More results

Similar Description - WF512K64-70G4WI5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
logo
White Electronic Design...
WF4M32-XXX5 WEDC-WF4M32-XXX5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com