Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3015 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS3015
Description  V.C. Preamp Hybrid for Class D
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3015 Datasheet(HTML) 2 Page - Gennum Corporation

  GS3015 Datasheet HTML 1Page - Gennum Corporation GS3015 Datasheet HTML 2Page - Gennum Corporation GS3015 Datasheet HTML 3Page - Gennum Corporation GS3015 Datasheet HTML 4Page - Gennum Corporation GS3015 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
520 - 92 - 05
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE/UNITS
Supply Voltage
3 V DC
Power Dissipation
25 mW
Operating Temperature Range
-10
°C to +40° C
Storage Temperature Range
-20
°C to +70° C
CAUTION
CLASS 1 ESD SENSITIVITY
PIN CONNECTION
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Amplifier Current
IAMP
VIN = 0, RMPO = 0Ω
75
150
225
µA
System Gain
AV
VIN = -80 dBV, RMPO = 0Ω, Freq.= 5 kHz
44.5
46.5
48.5
dB
Maximum Output
MPO
VIN = -50 dBV, RMPO = 0Ω
-16
-14
-12
dBV
MPO Range
∆MPO
VIN = -50 dBV, RMPO = 10 kΩ
10
12
14
dB
Input Referred Noise
IRN
NFB 0.2 to 10 kHz at 12 dB/oct
-
2
-
µVRMS
Distortion
THD
-
<1.0
-
%
On Chip Pull-up Resistance
RPULL
-48
-
k
On Chip Microphone Resistor
RMIC
-4
-
k
Mic Decoupling Capacitor
C1
-20%
3.3
+20%
µF
Input Coupling Capacitor
C2
-10%
0.047
+10%
µF
Output Coupling Capacitor
C3
-10%
0.047
+10%
µF
Output Resistor
R1
-5%
48
+5%
k
Output Impedance (Pad 1)
ROUT
-
24
-
k
ELECTRICAL CHARACTERISTICS
Conditions: Frequency = 1 kHz, Temperature = 25
°C
All parameters and switches remain as shown in Test Circuit unless otherwise stated in "Conditions" column
CT
BIN
MPO
CIN
BOUT
VMIC
8
11
6
7
10
9
2
1
3
4
5
VREC
AOUT
GND
VB
AIN
TOP VIEW


Similar Part No. - GS3015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS3010 ETC-GS3010 Datasheet
89Kb / 5P
   Hybrid with LS509 Amplifier
GS3011 ETC1-GS3011 Datasheet
120Kb / 7P
   DynamEQ I Dynamic Equalizer
logo
Gennum Corporation
GS3013 GENNUM-GS3013 Datasheet
93Kb / 7P
   Linear Class H Current Manager Hybrid
logo
GTM CORPORATION
GS3018 GTM-GS3018 Datasheet
340Kb / 4P
   N-CHANNEL MOSFET
GS3018K GTM-GS3018K Datasheet
295Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GS3015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS3001 ETC1-GS3001 Datasheet
83Kb / 5P
   Preamp Hybrid for Class D
GS3024A ETC1-GS3024A Datasheet
92Kb / 6P
   CIC, CLASS D HYBRID
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
logo
Curtis Electromusic.
CEM3385 CES-CEM3385 Datasheet
970Kb / 2P
   DUAL LOW NOISE V.C FILTER
CEM3387 CES-CEM3387 Datasheet
1Mb / 10P
   LOW NOISE V.C SIGNAL PROCESSOR
logo
AUK corp
SRM354VF AUK-SRM354VF Datasheet
79Kb / 5P
   Remocon Preamp
SRM-351VF AUK-SRM-351VF Datasheet
64Kb / 6P
   Remocon Preamp
logo
Coilcraft lnc.
GA3416-CL COILCRAFT-GA3416-CL Datasheet
203Kb / 2P
   Dual Inductor for Class D
GA3416 COILCRAFT-GA3416_16 Datasheet
197Kb / 2P
   Dual Inductor for Class D
RA7231 COILCRAFT-RA7231_16 Datasheet
210Kb / 2P
   Dual Inductor for Class D
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com