Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ME04L2NZQF Datasheet(PDF) 6 Page - ITT Industries

Part # ME04L2NZQF
Description  Half-inch Rotary Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ME04L2NZQF Datasheet(HTML) 6 Page - ITT Industries

  ME04L2NZQF Datasheet HTML 1Page - ITT Industries ME04L2NZQF Datasheet HTML 2Page - ITT Industries ME04L2NZQF Datasheet HTML 3Page - ITT Industries ME04L2NZQF Datasheet HTML 4Page - ITT Industries ME04L2NZQF Datasheet HTML 5Page - ITT Industries ME04L2NZQF Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
L–17
L
C&K M Series
Half-inch Rotary Switches
L
AVAILABLE HARDWARE
One each required for setting stops.
Stop Ring
PART NO.
638100000
INNER-W/SHORT TAB
638101000
OUTER-W/LONG TAB
Washer
PART NO.
586800000
RUBBER PANEL SEAL
537202000
ADHESIVE MYLAR
RETAINS STOP PINS
Stop pins
PART NO.
537100000
NOTE: Additional nuts and lockwashers available separately, see section “Technical Data and Additional Hardware”.
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - ME04L2NZQF

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ME04 SCHNEIDER-ME04 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
C&K Components
ME04 CK-COMPONENTS-ME04 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
Lumberg
ME040-508 LUMBERG-ME040-508 Datasheet
101Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
ME040-508 LUMBERG-ME040-508 Datasheet
336Kb / 4P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
ME040-508 LUMBERG-ME040-508 Datasheet
450Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
More results

Similar Description - ME04L2NZQF

ManufacturerPart #DatasheetDescription
logo
C&K Components
MA00L1NZQD CK-COMPONENTS-MA00L1NZQD Datasheet
352Kb / 5P
   Half-inch Rotary Switches
M CK-COMPONENTS-M Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
KC1901 E-SWITCH-KC1901 Datasheet
94Kb / 1P
   ROTARY SWITCHES
logo
Allen-Bradley
440T-MRKSE10 ALLEN-BRADLEY-440T-MRKSE10 Datasheet
161Kb / 3P
   Rotary Switches
logo
Carling Technologies
R135-SERIES CARLINGTECH-R135-SERIES Datasheet
484Kb / 3P
   Rotary Switches
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS Datasheet
236Kb / 3P
   ROTARY SWITCHES
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com