Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMS128K8-85DEM Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WMS128K8-85DEM
Description  128Kx8 MONOLITHIC SRAM, SMD 5962-96691
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMS128K8-85DEM Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WMS128K8-85DEM Datasheet HTML 1Page - White Electronic Designs Corporation WMS128K8-85DEM Datasheet HTML 2Page - White Electronic Designs Corporation WMS128K8-85DEM Datasheet HTML 3Page - White Electronic Designs Corporation WMS128K8-85DEM Datasheet HTML 4Page - White Electronic Designs Corporation WMS128K8-85DEM Datasheet HTML 5Page - White Electronic Designs Corporation WMS128K8-85DEM Datasheet HTML 6Page - White Electronic Designs Corporation WMS128K8-85DEM Datasheet HTML 7Page - White Electronic Designs Corporation WMS128K8-85DEM Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
3
3
3
3
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
White Electronic Designs
WMS128K8-XXX
Notes:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75
Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
AC TEST CIRCUIT
AC TEST CONDITIONS
Parameter
Parameter
Parameter
Parameter
Parameter
Typ
Typ
Typ
Typ
Typ
Unit
Unit
Unit
Unit
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Parameter
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Symbol
-70
-70
-70
-70
-70
-85
-85
-85
-85
-85
-100
-100
-100
-100
-100
-120
-120
-120
-120
-120
Units
Units
Units
Units
Units
Read Cycle
Read Cycle
Read Cycle
Read Cycle
Read Cycle
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Read Cycle Time
tRC
70
85
100
120
ns
Address Access Time
tAA
70
85
100
120
ns
Output Hold from Address Change
tOH
33
3
3
ns
Chip Select Access Time
tACS
70
85
100
120
ns
Output Enable to Output Valid
tOE
35
45
50
60
ns
Chip Select to Output in Low Z
tCLZ1
33
3
3
ns
Output Enable to Output in Low Z
tOLZ1
00
0
0
ns
Chip Disable to Output in High Z
tCHZ1
25
25
35
35
ns
Output Disable to Output in High Z
tOHZ1
25
25
35
35
ns
AC CHARACTERISTICS
(VCC = 5.0V, TA = -55°C TO +125°C)
AC CHARACTERISTICS
(VCC = 5.0V, TA = -55°C TO +125°C)
Parameter
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Symbol
-70
-70
-70
-70
-70
-85
-85
-85
-85
-85
-100
-100
-100
-100
-100
-120
-120
-120
-120
-120
Units
Units
Units
Units
Units
Write Cycle
Write Cycle
Write Cycle
Write Cycle
Write Cycle
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Write Cycle Time
tWC
70
85
100
120
ns
Chip Select to End of Write
tCW
60
75
80
100
ns
Address Valid to End of Write
t AW
60
75
80
100
ns
Data Valid to End of Write
tDW
30
35
40
50
ns
Write Pulse Width
tWP
50
55
70
80
ns
Address Setup Time
tAS
00
0
0
ns
Address Hold Time
tAH
55
5
5
ns
Output Active from End of Write
tOW1
55
5
5
ns
Write Enable to Output in High Z
tWHZ1
25
30
35
35
ns
Data Hold Time
tDH
00
0
0
ns
1. This parameter is guaranteed by design but not tested.
1. This parameter is guaranteed by design but not tested.


Similar Part No. - WMS128K8-85DEM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMS128K8V-15CC ETC1-WMS128K8V-15CC Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
WMS128K8V-15CCA ETC1-WMS128K8V-15CCA Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
WMS128K8V-15CI ETC1-WMS128K8V-15CI Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
WMS128K8V-15CIA ETC1-WMS128K8V-15CIA Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
WMS128K8V-15CLC ETC1-WMS128K8V-15CLC Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
More results

Similar Description - WMS128K8-85DEM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com