Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRS51C540-25-Q-G Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VRS51C540-25-Q-G
Description  Versa 8051 MCU with 4KB Flash
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VRS51C540-25-Q-G Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VRS51C540-25-Q-G Datasheet HTML 7Page - List of Unclassifed Manufacturers VRS51C540-25-Q-G Datasheet HTML 8Page - List of Unclassifed Manufacturers VRS51C540-25-Q-G Datasheet HTML 9Page - List of Unclassifed Manufacturers VRS51C540-25-Q-G Datasheet HTML 10Page - List of Unclassifed Manufacturers VRS51C540-25-Q-G Datasheet HTML 11Page - List of Unclassifed Manufacturers VRS51C540-25-Q-G Datasheet HTML 12Page - List of Unclassifed Manufacturers VRS51C540-25-Q-G Datasheet HTML 13Page - List of Unclassifed Manufacturers VRS51C540-25-Q-G Datasheet HTML 14Page - List of Unclassifed Manufacturers VRS51C540-25-Q-G Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
VRS51x540
______________________________________________________________________________________________
www.ramtron.com
page 11 of 40
Auxiliary P3 Port Functions
The Port 3 I/O pins are shared with the UART
interface, INT0 and INT1 interrupts, Timer 0 and Timer
1 inputs and finally the #WR and #RD lines when
external memory access is performed.
FIGURE 10: P3 PORT STRUCTURE
D Flip-Flop
Q
Q
IC Pin
Read Register
Internal Bus
Write to
Register
Read Pin
X1
Vcc
Auxiliary
Function: Input
Auxiliary
Function: Output
The following table describes the auxiliary function of
the port 3 I/O pins.
TABLE 10: P3 AUXILIARY FUNCTION TABLE
Pin
Mnemonic
Function
P3.0
RXD
Serial Port:
Receive data in asynchronous
mode. Input and output data in
synchronous mode.
P3.1
TXD
Serial Port:
Transmit data in asynchronous
mode. Output clock value in
synchronous mode.
P3.2
INT0
External Interrupt 0
Timer 0 Control Input
P3.3
INT1
External Interrupt 1
Timer 1 Control Input
P3.4
T0
Timer 0 Counter Input
P3.5
T1
Timer 1 Counter Input
P3.6
WR
Write signal for external memory
P3.7
RD
Read signal for external memory
Software Particularities Concerning the Ports
Some instructions allow the user to read the logic state
of the output pin, while others allow the user to read
the content of the associated port register. These
instructions are called read-modify-write instructions. A
list of these instructions may be found in the table
below.
Upon execution of these instructions, the content of the
port register (at least 1-bit) is modified. The other read
instructions take the present state of the input into
account. For example, the instruction ANL P3, #01h
obtains the value in the P3 register; performs the
desired logic operation with the constant 01h; and re-
copies the result into the P3 register. When users want
to take the present state of the inputs into account,
they must first read these states and perform an AND
operation between the reading and the constant.
MOV A, P3; State of the inputs in the accumulator
ANL A, #01; AND operation between P3 and 01h
When the port is used as an output, the register
contains information on the state of the output pins.
Measuring the state of an output directly on the pin is
inaccurate because the electrical level depends mostly
on the type of charge that is applied to it. The functions
shown below take the value of the register rather than
that of the pin.
TABLE 11: LIST OF INSTRUCTIONS THAT READ AND MODIFY THE PORT USING REGISTER
VALUES
Instruction
Function
ANL
Logical AND ex: ANL P0, A
ORL
Logical OR ex: ORL P2, #01110000B
XRL
Exclusive OR ex: XRL P1, A
JBC
Jump if the bit of the port is set to 0
CPL
Complement one bit of the port
INC
Increment the port register by 1
DEC
Decrement the port register by 1
DJNZ
Decrement by 1 and jump if the result
is not equal to 0
MOV P., C
Copy the held bit C to the port
CLR P.x
Set the port bit to 0
SETB P.x
Set the port bit to 1


Similar Part No. - VRS51C540-25-Q-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51C550-25-L ETC1-VRS51C550-25-L Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
VRS51C550-25-L-G ETC1-VRS51C550-25-L-G Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
VRS51C550-25-P ETC1-VRS51C550-25-P Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
VRS51C550-25-P-G ETC1-VRS51C550-25-P-G Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
VRS51C550-25-Q ETC1-VRS51C550-25-Q Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
More results

Similar Description - VRS51C540-25-Q-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
logo
Ramtron International C...
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
VRS51L2070 RAMTRON-VRS51L2070 Datasheet
3Mb / 99P
   High-Performance Versa 8051 MCU
logo
List of Unclassifed Man...
VRS51X550 ETC1-VRS51X550 Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
VMX1C1016 ETC1-VMX1C1016 Datasheet
3Mb / 76P
   Versa Mix 8051 Mixed-Signal MCU
VMX1C1020 ETC1-VMX1C1020 Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C900 ETC1-VMX51C900 Datasheet
2Mb / 55P
   Versa Mix 8051 MCU with LCD Controller and ADC
VRS700 ETC1-VRS700 Datasheet
700Kb / 45P
   VERSA 700: 64kB FLASH, 4kB RAM 23MHz, 3V, 8-Bit MCU
VRS51X570 ETC1-VRS51X570 Datasheet
2Mb / 49P
   Versa 8051 MCUs with 32/64KB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com