Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRS51C570-40-Q Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VRS51C570-40-Q
Description  Versa 8051 MCUs with 32/64KB
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VRS51C570-40-Q Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button VRS51C570-40-Q Datasheet HTML 4Page - List of Unclassifed Manufacturers VRS51C570-40-Q Datasheet HTML 5Page - List of Unclassifed Manufacturers VRS51C570-40-Q Datasheet HTML 6Page - List of Unclassifed Manufacturers VRS51C570-40-Q Datasheet HTML 7Page - List of Unclassifed Manufacturers VRS51C570-40-Q Datasheet HTML 8Page - List of Unclassifed Manufacturers VRS51C570-40-Q Datasheet HTML 9Page - List of Unclassifed Manufacturers VRS51C570-40-Q Datasheet HTML 10Page - List of Unclassifed Manufacturers VRS51C570-40-Q Datasheet HTML 11Page - List of Unclassifed Manufacturers VRS51C570-40-Q Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
VRS51x570/580
______________________________________________________________________________________________
www.ramtron.com
page 8 of 49
Upper 128 bytes (80h to FFh, Bank 2 & Bank 3)
The upper 128 bytes of the data memory ranging from
80h to FFh can be accessed using indirect addressing
or by using the bank mapping in direct addressing
mode.
FIGURE 5: VRS51X570 / VRS51X580 INTERNAL LOWER 256 BYTES RAM STRUCTURE
Registers Bank 0
R7
-
R0
Registers Bank 1
R7
-
R0
Registers Bank 2
R7
-
R0
Registers Bank 3
R7
-
R0
80 Bytes of
General Purpose RAM
00h
08h
10h
18h
20h
07
06
05
04
03
02
01
00
0F
0E
0D
0C
0B
0A
09
08
77
76
75
74
73
72
71
70
7F
7E
7D
7C
7B
7A
79
78
30h
128 Bytes of
Indirect Access RAM
(SP, R0,R1)
80h
7Fh
FFh
2Fh
SFR Area
Direct or Bit Access
Only
FFh
85
84
83
82
81
80
P0
SP
DPL
DPH
Expanded RAM Access Using the MOVX @DPTR
Instruction (0000-02FF, Bank4-Bank15)
The 768 bytes of the expanded RAM data memory
occupy addresses 0000h to 02FFh. This block can be
accessed using external direct addressing (i.e. using
the MOVX instruction) or by using bank mapping direct
addressing.
Note that when accessing addresses above 02FFh, the
VRS51x570/VRS51x580 devices will access off-chip
memory in the external memory space using the
external memory control signals.
Expanded RAM Control Register
The 768 bytes of expanded RAM can also be accessed
using the MOVX @Rn instruction (where n = 0,1). The
scope of this instruction is limited to a data range of
256 bytes and therefore the internal RAM Control
Register RCON should be used to select which 256
byte block will be accesseded by the MOVX @Rn
instruction (configuring by bits RAM0 and RAM1).
The default setting of the RAM1 and RAM0 bits is 00
(page 0). Each page has 256 bytes.
TABLE 8: INTERNAL RAM CONTROL REGISTER (RCON) - SFR 85H
7
6
5
4
3
2
1
0
Unused
RAM1
RAM0
Bit
Mnemonic
Description
7
Unused
-
6
Unused
-
5
Unused
-
4
Unused
-
3
Unused
-
2
Unused
-
1
RAM1
0
RAM0
These two bits are used with Rn of instruction
MOVX @Rn, n=1,0 for mapping (see section
on extended 768 bytes)
RAM1, RAM0
Mapped area
00
000h-0FFh
01
100h-1FFh
10
200h-2FFh
11
XY00h-XYFF*
*Externally generated
Example:
Suppose that RAM1, RAM0 are set to 0 and 1 respectively
and Rn has a value of 45h.
Performing MOVX @Rn, A, (where n is 0 or 1) allows the
user to transfer the value of A to the expanded RAM at
address 145h (page 1).
Note that when both RAM1, RAM0 are set to 1, the
value of P2 defines the upper byte and Rn defines the
lower byte of the external address.
In this case the
device will access off-chip memory in the external
memory space using the external memory control
signals, Off chip peripherals can therefore be mapped
into the “P2value”00h to “P2value”FFh address range.


Similar Part No. - VRS51C570-40-Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51C540-25-L ETC1-VRS51C540-25-L Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51C540-25-L-G ETC1-VRS51C540-25-L-G Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51C540-25-P ETC1-VRS51C540-25-P Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51C540-25-P-G ETC1-VRS51C540-25-P-G Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
VRS51C540-25-Q ETC1-VRS51C540-25-Q Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
More results

Similar Description - VRS51C570-40-Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51X550 ETC1-VRS51X550 Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
logo
Ramtron International C...
VRS51L2070 RAMTRON-VRS51L2070 Datasheet
3Mb / 99P
   High-Performance Versa 8051 MCU
logo
List of Unclassifed Man...
VMX1C1016 ETC1-VMX1C1016 Datasheet
3Mb / 76P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C900 ETC1-VMX51C900 Datasheet
2Mb / 55P
   Versa Mix 8051 MCU with LCD Controller and ADC
VMX1C1020 ETC1-VMX1C1020 Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
logo
Fujitsu Component Limit...
MB9BF500 FUJITSU-MB9BF500 Datasheet
784Kb / 4P
   32-bit MCUs with ARM Cortex-M3 Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com