Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72T51543 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72T51543
Description  2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T51543 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72T51543 Datasheet HTML 1Page - Integrated Device Technology IDT72T51543 Datasheet HTML 2Page - Integrated Device Technology IDT72T51543 Datasheet HTML 3Page - Integrated Device Technology IDT72T51543 Datasheet HTML 4Page - Integrated Device Technology IDT72T51543 Datasheet HTML 5Page - Integrated Device Technology IDT72T51543 Datasheet HTML 6Page - Integrated Device Technology IDT72T51543 Datasheet HTML 7Page - Integrated Device Technology IDT72T51543 Datasheet HTML 8Page - Integrated Device Technology IDT72T51543 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
4
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72T51543/72T51553 2.5V, MULTI-QUEUE FLOW-CONTROL DEVICES
(32 QUEUES) 18 BIT WIDE CONFIGURATION 1,179,648 and 2,359,296 bits
ADVANCE
INFORMATION
D14
A
D13
D12
D10
Q9
D7
Q6
D4
Q3
D1
ID1
TCK
TDO
Q12
Q14
Q15
D15
B
D16
D11
D9
Q8
D6
Q5
D3
Q2
D0
ID0
TMS
TDI
Q11
Q13
DNC
D17
C
GND
D8
Q7
D5
Q4
D2
Q1
TRST
Q0
IOSEL
ID2
Q10
Q17
D
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VCC
VCC
VCC
VCC
Q16
E
VDDQ
VDDQ
VDDQ
VDDQ
VCC
VCC
VCC
VCC
GND
GND
F
VDDQ
VDDQ
VCC
VCC
GND
GND
GND
GND
GND
GND
G
VCC
VCC
VCC
VCC
GND
GND
GND
GND
GND
GND
H
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
GND
GND
J
NULL-Q
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
GND
GND
PD
K
GND
VREF
VCC
VCC
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
MAST
FM
SI
L
DFM
DF
VDDQ
VDDQ
VCC
VCC
GND
GND
GND
GND
GND
GND
IW
OW
SENO
M
SENI
SO
VDDQ
VDDQ
VDDQ
VDDQ
VCC
VCC
VCC
VCC
GND
GND
OE
RDADD0 RDADD1
WRADD1
N
WRADD0
SCLK
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VCC
VCC
VCC
VCC
RDADD2 RDADD3 RDADD4
WRADD4
P
WRADD3 WRADD2
WADEN
PAE3
PAF3
PAE6
PAF6
PAE7
PAF7
PAE
FF
OV
RDADD5 RDADD6 RDADD7
WRADD6
R
WRADD5
FSYNC
FSTR
PAE2
PAF2
PAE5
PAF5
EREN
PAF4
ERCLK
PAF
DNC
RADEN
ESTR
ESYNC
WRADD7
T
FXI
FXO
PAF0
PAE1
PAF1
PAE4
WEN
REN
WCLK
RCLK
PRS
MRS
PAE0
12
3
4
13
512
611
710
8
9
14
15
16
5999 drw03
A1 BALL PAD CORNER
EXO
EXI
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
GND
PIN CONFIGURATION
NOTE:
1. DNC - Do Not Connect.
PBGA (BB256-1, order code: BB)
TOP VIEW


Similar Part No. - IDT72T51543

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51546 IDT-IDT72T51546 Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51546L5BB IDT-IDT72T51546L5BB Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51546L5BBI IDT-IDT72T51546L5BBI Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51546L6BB IDT-IDT72T51546L6BB Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51546L6BBI IDT-IDT72T51546L6BBI Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
More results

Similar Description - IDT72T51543

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V51433 RENESAS-IDT72V51433 Datasheet
594Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 18 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51233 RENESAS-IDT72V51233 Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V51233 IDT-IDT72V51233 Datasheet
464Kb / 50P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51236 RENESAS-IDT72V51236 Datasheet
650Kb / 57P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51546 IDT-IDT72T51546 Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
logo
Renesas Technology Corp
IDT72V51436 RENESAS-IDT72V51436 Datasheet
673Kb / 58P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T51236 IDT-IDT72T51236 Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51333 IDT-IDT72T51333 Datasheet
524Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T6360 IDT-IDT72T6360 Datasheet
483Kb / 51P
   2.5V SEQUENTIAL FLOW-CONTROL DEVICE 36 BIT WIDE CONFIGURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com