Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZF2UAOR01A Datasheet(PDF) 3 Page - ITT Industries

Part # ZF2UAOR01A
Description  Pushbutton Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ZF2UAOR01A Datasheet(HTML) 3 Page - ITT Industries

  ZF2UAOR01A Datasheet HTML 1Page - ITT Industries ZF2UAOR01A Datasheet HTML 2Page - ITT Industries ZF2UAOR01A Datasheet HTML 3Page - ITT Industries ZF2UAOR01A Datasheet HTML 4Page - ITT Industries ZF2UAOR01A Datasheet HTML 5Page - ITT Industries ZF2UAOR01A Datasheet HTML 6Page - ITT Industries ZF2UAOR01A Datasheet HTML 7Page - ITT Industries ZF2UAOR01A Datasheet HTML 8Page - ITT Industries ZF2UAOR01A Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
A–91
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
A
C&K F Series
Pushbutton Switches
SWITCHES WITH STANDARD OPTIONS
Order Code - Chassis
To order a switch with chassis, create the switch part number listed above and add the Chassis part number configurator
information at the end of the part number.
Note: We do not guarantee or recommend interlocking beyond 10 stations.
No. of Stations
01 thru 23 Comes with standard
.094 (2,4mm) mounting holes
Note: Single station chassis
available with special mounting
configurations, consult factory.
Spacing between Stations
00
Single station
10
10mm
12.5
12.5mm
15
15mm
17.5
17.5mm
20
20mm
Special Acknowledgements
See note
C
*Minimum order quantities apply.
2U
0.827 (21,00)
4U
1.300 (33,00)
6U
1.770 (45,00)
8U
2.240 (57,00)
10U
2.720 (69,00)
LENGTH
DIM ‘L’
CONTACT
ARRANGEMENT
2U
0.827 (21,00)
4U
1.300 (33,00)
6U
1.770 (45,00)
8U
2.240 (57,00)
10U
2.720 (69,00)
LENGTH
DIM ‘L’
CONTACT
ARRANGEMENT
ZF2UEEBF11010108
F2UEE


Similar Part No. - ZF2UAOR01A

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZF2UAORTB01AMAUB CK-COMPONENTS-ZF2UAORTB01AMAUB Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
ZF2UAORTB01AMAUC CK-COMPONENTS-ZF2UAORTB01AMAUC Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
ZF2UAORTB01BMAUB CK-COMPONENTS-ZF2UAORTB01BMAUB Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
ZF2UAORTB01BMAUC CK-COMPONENTS-ZF2UAORTB01BMAUC Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
More results

Similar Description - ZF2UAOR01A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com