Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WEDPNF8M722V-1010BC Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # WEDPNF8M722V-1010BC
Description  8Mx72 Synchronous DRAM 16Mb Flash Mixed Module Multi-Chip Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPNF8M722V-1010BC Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button WEDPNF8M722V-1010BC Datasheet HTML 7Page - White Electronic Designs Corporation WEDPNF8M722V-1010BC Datasheet HTML 8Page - White Electronic Designs Corporation WEDPNF8M722V-1010BC Datasheet HTML 9Page - White Electronic Designs Corporation WEDPNF8M722V-1010BC Datasheet HTML 10Page - White Electronic Designs Corporation WEDPNF8M722V-1010BC Datasheet HTML 11Page - White Electronic Designs Corporation WEDPNF8M722V-1010BC Datasheet HTML 12Page - White Electronic Designs Corporation WEDPNF8M722V-1010BC Datasheet HTML 13Page - White Electronic Designs Corporation WEDPNF8M722V-1010BC Datasheet HTML 14Page - White Electronic Designs Corporation WEDPNF8M722V-1010BC Datasheet HTML 15Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11
11
11
11
1 1
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
White Electronic Designs
WEDPNF8M722V-XBX
BA0, BA1 inputs selects the bank, and the address pro-
vided on inputs A0-11 selects the row. This row remains
active (or open) for accesses until a PRECHARGE command
is issued to that bank. A PRECHARGE command must be
issued before opening a different row in the same bank.
The READ command is used to initiate a burst read access
to an active row. The value on the BA0, BA1 inputs selects
the bank, and the address provided on inputs A0-8 se-
lects the starting column location. The value on input A10
determines whether or not AUTO PRECHARGE is used. If
AUTO PRECHARGE is selected, the row being accessed will
be precharged at the end of the READ burst; if AUTO
PRECHARGE is not selected, the row will remain open for
subsequent accesses. Read data appears on the I/Os sub-
ject to the logic level on the DQM inputs two clocks earlier.
If a given DQM signal was registered HIGH, the correspond-
ing I/Os will be High-Z two clocks later; if the DQM signal
was registered LOW, the I/Os will provide valid data.
The WRITE command is used to initiate a burst write access
to an active row. The value on the BA0, BA1 inputs selects
the bank, and the address provided on inputs A0-8 selects
The COMMAND INHIBIT function prevents new commands
from being executed by the SDRAM, regardless of whether
the CLK signal is enabled. The SDRAM is effectively dese-
lected. Operations already in progress are not affected.
The NO OPERATION (NOP) command is used to perform a
NOP to an SDRAM which is selected (CS is LOW). This pre-
vents unwanted commands from being registered during
idle or wait states. Operations already in progress are not
affected.
The Mode Register is loaded via inputs A0-11. See Mode
Register heading in the Register Definition section. The LOAD
MODE REGISTER command can only be issued when all
banks are idle, and a subsequent executable command
cannot be issued until tMRD is met.
The ACTIVE command is used to open (or activate) a row in
a particular bank for a subsequent access. The value on the
TABLE 3 TRUTH TABLE - COMMANDS AND DQM OPERATION (NOTE 1)
NAME (FUNCTION)
NAME (FUNCTION)
NAME (FUNCTION)
NAME (FUNCTION)
NAME (FUNCTION)
CS
CS
CS
CS
CS
RAS
RAS
RAS
RAS
RAS
CAS
CAS
CAS
CAS
CAS
WE
WE
WE
WE
WE
DQM
DQM
DQM
DQM
DQM
ADDR
ADDR
ADDR
ADDR
ADDR
I/Os
I/Os
I/Os
I/Os
I/Os
COMMAND INHIBIT (NOP)
H
X
X
X
X
X
X
NO OPERATION (NOP)
L
H
H
H
X
X
X
ACTIVE (Select bank and activate row) ( 3)
L
L
H
H
X
Bank/Row
X
READ (Select bank and column, and start READ burst) (4)
L
H
L
H
L/H 8
Bank/Col
X
WRITE (Select bank and column, and start WRITE burst) (4)
L
H
L
L
L/H 8
Bank/Col
Valid
BURST TERMINATE
L
H
H
L
X
X
Active
PRECHARGE (Deactivate row in bank or banks) ( 5)
L
L
H
L
X
Code
X
AUTO REFRESH or SELF REFRESH (Enter self refresh mode) (6, 7)
L
L
L
H
X
X
X
LOAD MODE REGISTER (2)
L
L
L
L
X
Op-Code
X
Write Enable/Output Enable (8)
L
Active
Write Inhibit/Output High-Z (8)
H
High-Z
NOTES:
NOTES:
NOTES:
NOTES:
NOTES:
1. CKE is HIGH for all commands shown except SELF REFRESH.
2. A0-11 define the op-code written to the Mode Register.
3. A0-11 provide row address, and BA0, BA1 determine which bank is made active.
4. A0-8 provide column address; A10 HIGH enables the auto precharge feature (nonpersistent), while A10 LOW disables the auto precharge feature; BA0, BA1
determine which bank is being read from or written to.
5. A10 LOW: BA0, BA1 determine the bank being precharged. A10 HIGH: All banks precharged and BA0, BA1 are “Don’t Care.”
6. This command is AUTO REFRESH if CKE is HIGH; SELF REFRESH if CKE is LOW.
7. Internal refresh counter controls row addressing; all inputs and I/Os are “Don’t Care” except for CKE.
8. Activates or deactivates the I/Os during WRITEs (zero-clock delay) and READs (two-clock delay).
LOAD MODE REGISTER
NO OPERATION (NOP)
COMMAND INHIBIT
ACTIVE
READ
WRITE


Similar Part No. - WEDPNF8M722V-1010BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WEDPNF8M721V-1010BC ETC-WEDPNF8M721V-1010BC Datasheet
1Mb / 42P
   8Mx72 Synchronous DRAM 8Mb Flash Mixed Module Multi-Chip Package
WEDPNF8M721V-1010BI ETC-WEDPNF8M721V-1010BI Datasheet
1Mb / 42P
   8Mx72 Synchronous DRAM 8Mb Flash Mixed Module Multi-Chip Package
WEDPNF8M721V-1010BM ETC-WEDPNF8M721V-1010BM Datasheet
1Mb / 42P
   8Mx72 Synchronous DRAM 8Mb Flash Mixed Module Multi-Chip Package
WEDPNF8M721V-1012BC ETC-WEDPNF8M721V-1012BC Datasheet
1Mb / 42P
   8Mx72 Synchronous DRAM 8Mb Flash Mixed Module Multi-Chip Package
WEDPNF8M721V-1012BI ETC-WEDPNF8M721V-1012BI Datasheet
1Mb / 42P
   8Mx72 Synchronous DRAM 8Mb Flash Mixed Module Multi-Chip Package
More results

Similar Description - WEDPNF8M722V-1010BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WEDPNF8M721V-XBX ETC-WEDPNF8M721V-XBX Datasheet
1Mb / 42P
   8Mx72 Synchronous DRAM 8Mb Flash Mixed Module Multi-Chip Package
logo
White Electronic Design...
WEDPN8M72V-XB2X WEDC-WEDPN8M72V-XB2X Datasheet
401Kb / 13P
   8Mx72 Synchronous DRAM
logo
List of Unclassifed Man...
EM481M1622VTA ETC2-EM481M1622VTA Datasheet
822Kb / 18P
   16Mb ( 2Banks ) Synchronous DRAM
logo
Eorex Corporation
EM481M1622VTC EOREX-EM481M1622VTC Datasheet
699Kb / 18P
   16Mb (512K횞2Bank횞16) Synchronous DRAM
logo
Toshiba Semiconductor
TH50VSF3680 TOSHIBA-TH50VSF3680 Datasheet
585Kb / 55P
   SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
TH50VSF2580AASB TOSHIBA-TH50VSF2580AASB Datasheet
546Kb / 50P
   SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
TH50VSF2582 TOSHIBA-TH50VSF2582 Datasheet
548Kb / 50P
   SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
logo
Micron Technology
MT8LSDT3264AY MICRON-MT8LSDT3264AY Datasheet
525Kb / 28P
   Synchronous DRAM Module
MT18LSDT12872AG MICRON-MT18LSDT12872AG Datasheet
979Kb / 29P
   Synchronous DRAM Module
MT9LSDT1672AY MICRON-MT9LSDT1672AY Datasheet
677Kb / 26P
   SYNCHRONOUS DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com