Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72T51553L5BB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72T51553L5BB
Description  2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T51553L5BB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72T51553L5BB Datasheet HTML 1Page - Integrated Device Technology IDT72T51553L5BB Datasheet HTML 2Page - Integrated Device Technology IDT72T51553L5BB Datasheet HTML 3Page - Integrated Device Technology IDT72T51553L5BB Datasheet HTML 4Page - Integrated Device Technology IDT72T51553L5BB Datasheet HTML 5Page - Integrated Device Technology IDT72T51553L5BB Datasheet HTML 6Page - Integrated Device Technology IDT72T51553L5BB Datasheet HTML 7Page - Integrated Device Technology IDT72T51553L5BB Datasheet HTML 8Page - Integrated Device Technology IDT72T51553L5BB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
2
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72T51543/72T51553 2.5V, MULTI-QUEUE FLOW-CONTROL DEVICES
(32 QUEUES) 18 BIT WIDE CONFIGURATION 1,179,648 and 2,359,296 bits
DESCRIPTION:
The IDT72T51543/72T51553 multi-queue flow-control devices are single
chip within which anywhere between 1 and 32 discrete FIFO queues can be
setup.Allqueueswithinthedevicehaveacommondatainputbus,(writeport)
and a common data output bus, (read port). Data written into the write port is
directed to a respective queue via an internal de-multiplex operation, ad-
dressedbytheuser.Datareadfromthereadportisaccessedfromarespective
queue via an internal multiplex operation, addressed by the user. Data writes
and reads can be performed at high speeds up to 200MHz, with access times
of3.6ns.Datawriteandreadoperationsaretotallyindependentofeachother,
a queue maybe selected on the write port and a different queue on the read
port or both ports may select the same queue simultaneously.
The device provides Full flag and Output Valid flag status for the queue
selected for write and read operations respectively. Also a Programmable
AlmostFullandProgrammableAlmostEmptyflagforeachqueueisprovided.
Two8bitprogrammableflagbussesareavailable,providingstatusofqueues
notselectedforwriteorreadoperations.When8orlessqueuesareconfigured
in the device these flag busses provide an individual flag per queue, when
more than 8 queues are used, either a Polled or Direct mode of bus operation
provides the flag busses with all queues status.
Bus Matching is available on this device, either port can be 9 bits or 18 bits
wide. When Bus Matching is used the device ensures the logical transfer of
data throughput in a Little Endian manner.
The user has full flexibility configuring queues within the device, being able
toprogramthetotalnumberofqueuesbetween1and32,theindividualqueue
depthsbeingindependentofeachother.Theprogrammableflagpositionsare
also user programmable. All programming is done via a dedicated serial port.
If the user does not wish to program the multi-queue device, a default option is
available that configures the device in a predetermined manner.
BothMasterResetandPartialResetpinsareprovidedonthisdevice.AMaster
Reset latches in all configuration setup pins and must be performed before
programmingofthedevicecantakeplace.APartialResetwillresetthereadand
writepointersofanindividualqueue,providedthatthequeueisselectedonboth
the write port and read port at the time of partial reset.
Echo Read Enable,
EREN and Echo Read Clock, ERCLK outputs are
provided. These are outputs from the read port of the queue that are required
for high speed data communication, to provide tighter synchronization between
the data being transmitted from the Qn outputs and the data being received by
the input device. Data read from the read port is available on the output bus with
respect to
ERENandERCLK,thisisveryusefulwhendataisbeingreadathigh
speed.
The multi-queue flow-control device has the capability of operating its IO in
either 2.5V LVTTL, 1.5V HSTL or 1.8V eHSTL mode. The type of IO is selected
via the IOSEL input. The core supply voltage (VCC) to the multi-queue is always
2.5V,howevertheoutputlevelscanbesetindependentlyviaaseparatesupply,
VDDQ.
The devices also provide additional power savings via a Power Down Input.
This input disables the write port data inputs when no write operations are
required.
AJTAGtestportisprovided,herethemulti-queuedevicehasafullyfunctional
BoundaryScanfeature,compliantwithIEEE1149.1StandardTestAccessPort
and Boundary Scan Architecture.
See Figure 1,Multi-Queue Flow-Control Device Block Diagramfor an outline
of the functional blocks within the device.


Similar Part No. - IDT72T51553L5BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51556 IDT-IDT72T51556 Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51556L5BB IDT-IDT72T51556L5BB Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51556L5BBI IDT-IDT72T51556L5BBI Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51556L6BB IDT-IDT72T51556L6BB Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51556L6BBI IDT-IDT72T51556L6BBI Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
More results

Similar Description - IDT72T51553L5BB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V51433 RENESAS-IDT72V51433 Datasheet
594Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 18 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51233 RENESAS-IDT72V51233 Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V51233 IDT-IDT72V51233 Datasheet
464Kb / 50P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51236 RENESAS-IDT72V51236 Datasheet
650Kb / 57P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51546 IDT-IDT72T51546 Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
logo
Renesas Technology Corp
IDT72V51436 RENESAS-IDT72V51436 Datasheet
673Kb / 58P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T51236 IDT-IDT72T51236 Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51333 IDT-IDT72T51333 Datasheet
524Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T6360 IDT-IDT72T6360 Datasheet
483Kb / 51P
   2.5V SEQUENTIAL FLOW-CONTROL DEVICE 36 BIT WIDE CONFIGURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com