Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBAT-5400-TR1 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HBAT-5400-TR1
Description  High Performance Schottky Diode for Transient Suppression
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HBAT-5400-TR1 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  HBAT-5400-TR1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HBAT-5400-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HBAT-5400-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HBAT-5400-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HBAT-5400-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HBAT-5400-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HBAT-5400-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HBAT-5400-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
The key factors in these equations
are: RS, the series resistance of the
diode where heat is generated
under high current conditions;
θchip, the chip thermal resistance
of the Schottky die; and
θpackage,
or the package thermal resistance.
RS for the HBAT-540x family of
diodes is typically 2.4
Ω, other
than the HSMS-270x family, this is
the lowest of any Schottky diode
available. Chip thermal resistance
is typically 40
°C/W; the thermal
resistance of the iron-alloy-
leadframe, SOT-23 package is
typically 460
°C/W; and the thermal
resistance of the copper-
leadframe, SOT-323 package is
typically 110
°C/W. The impact of
Part Number Ordering Information
Part Number
No. of Devices
Container
HBAT-5400-BLK
100
Antistatic Bag
HBAT-5400-TR1
3,000
7" Reel
HBAT-5400-TR2
10,000
13" Reel
HBAT-5402-BLK
100
Antistatic Bag
HBAT-5402-TR1
3,000
7" Reel
HBAT-5402-TR2
10,000
13" Reel
HBAT-540B-BLK
100
Antistatic Bag
HBAT-540B-TR1
3,000
7" Reel
HBAT-540B-TR2
10,000
13" Reel
HBAT-540C-BLK
100
Antistatic Bag
HBAT-540C-TR1
3,000
7" Reel
HBAT-540C-TR2
10,000
13" Reel
HBAT-540E-BLK
100
Antistatic Bag
HBAT-540E-TR1
3,000
7" Reel
HBAT-540E-TR2
10,000
13" Reel
HBAT-540F-BLK
100
Antistatic Bag
HBAT-540F-TR1
3,000
7" Reel
HBAT-540F-TR2
10,000
13" Reel
package thermal resistance on the
current handling capability of
these diodes can be seen in
Figures 3 and 4. Here the com-
puted values of junction tempera-
ture vs. forward current are
shown for three values of ambient
temperature. The SOT-323 prod-
ucts, with their copper
leadframes, can safely handle
almost twice the current of the
larger SOT-23 diodes. Note that
the term “ambient temperature”
refers to the temperature of the
diode’s leads, not the air around
the circuit board. It can be seen
that the HBAT-540B and
HBAT-540C products in the
SOT-323 package will safely
withstand a steady-state forward
current of 330 mA when the
diode’s terminals are maintained
at 75
°C.
For pulsed currents and transient
current spikes of less than one
microsecond in duration, the
junction does not have time to
reach thermal steady state.
Moreover, the diode junction may
be taken to temperatures higher
than 150
°C for short timeperiods
without impacting device MTTF.
Because of these factors, higher
currents can be safely handled.
The HBAT-540x family has the
second highest current handling
capability of any Agilent diode,
next to the HSMS-270x series.
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(916) 788-6763
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (65) 6756 2394
India, Australia, New Zealand: (65) 6755 1939
Japan: (+81 3) 3335-8152(Domestic/International), or
0120-61-1280(Domestic Only)
Korea: (65) 6755 1989
Singapore, Malaysia, Vietnam, Thailand, Philippines,
Indonesia: (65) 6755 2044
Taiwan: (65) 6755 1843
Data subject to change.
Copyright © 2003 Agilent Technologies, Inc.
Obsoletes 5968-7959E
March 24, 2004
5989-0472EN
Note
: For lead-free option, the part number will have the character "G"
at the end, eg. HBAT-540x-TR2G for a 10,000 lead-free reel.


Similar Part No. - HBAT-5400-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HBAT-5400-TR1G AVAGO-HBAT-5400-TR1G Datasheet
199Kb / 8P
   High Performance Schottky Diode for Transient Suppression
More results

Similar Description - HBAT-5400-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
HBAT-5400 AVAGO-HBAT-5400 Datasheet
199Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HSMS-2700 HP-HSMS-2700 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
WALSIN TECHNOLOGY CORPO...
SR241K10DS20CNEEN WALSIN-SR241K10DS20CNEEN Datasheet
1Mb / 24P
   High performance transient voltage suppression
logo
Jinan Jing Heng Electro...
ESD5C5V01V-13P JINGHENG-ESD5C5V01V-13P Datasheet
312Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01L JINGHENG-ESD3C12V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
ESD5A12V01V JINGHENG-ESD5A12V01V Datasheet
462Kb / 4P
   Transient Voltage Suppression Diode
ESD5A24V01V35 JINGHENG-ESD5A24V01V35 Datasheet
359Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01V JINGHENG-ESD3C12V01V Datasheet
486Kb / 4P
   Transient Voltage Suppression Diode
ESD3C3V01L JINGHENG-ESD3C3V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com